PART |
Description |
Maker |
ZB2BL4 ZB2BL2 ZB2BV6 ZB2BV3 ZB2BS54 ZB2BW84354 ZB2 |
CONTROL AND SIGNALLING UNITS DIODE TVS 75V 600W BIDIR 5% SMB DIODE TVS 36V 600W BI-DIR SMB 指示灯头 传奇\u0026#39;紧急停止\u0026#39; TVS Diode; TVS Polarization:Bidirectional; Stand-Off Voltage, VRWM:33V; Breakdown Voltage, Vbr:36.7V; Peak Pulse Power PPK @ 10x1000uS:600W; Package/Case:DO-214; Leaded Process Compatible:Yes; Mounting Type:Surface Mount TVS Diode; Diode Type:Bidirectional TVS; Stand-Off Voltage, VRWM:13V; Breakdown Voltage, Vbr:14.4V; Package/Case:DO-214; Leaded Process Compatible LEGEND PLATE B>1-11 DIODE TVS 9.0V 600W UNI 5% SMB TVS Diode; TVS Polarization:Unidirectional; Stand-Off Voltage, VRWM:30V; Breakdown Voltage, Vbr:33.3V; Peak Pulse Power PPK @ 10x1000uS:600W; Package TVS Diode; TVS Polarization:Unidirectional; Stand-Off Voltage, VRWM:51V; Breakdown Voltage, Vbr:56.7V; Peak Pulse Power PPK @ 10x1000uS:600W; Package TVS Diode; TVS Polarization:Bidirectional; Stand-Off Voltage, VRWM:18V; Breakdown Voltage, Vbr:20V; Peak Pulse Power PPK @ 10x1000uS:600W; Package Transient Surge Protection Thyristor; Leaded Process Compatible:Yes; Package/Case:DO-214; Mounting Type:Surface Mount; Polarization:Bipolar; Power Rating:600W; Type:TVS-Bidirectional; Voltage Rating:22V
|
List of Unclassifed Man... Square D by Schneider Electric
|
P6KE200C P6KE9.1 P6KE9.1C P6KE47C P6KE51C P6KE30 P |
600W TRANSIENT VOLTAGE SUPPRESSORS Reverse stand-off voltage: 128.00V, 600W transient voltage suppressor Reverse stand-off voltage: 138.00V, 600W transient voltage suppressor Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 电可擦除可编程逻辑器件 600W TRANSIENT VOLTAGE SUPPRESSORS 600W瞬态电压抑制器 Single Output LDO, 200mA, Fixed(2.5V), Low Quiescent Current, Low Noise, High PSRR 5-SOT -40 to 85 2.5-V 460-Kbps RS-232 Transceiver With /-15-kV ESD Protection 20-TSSOP -40 to 85 GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State) Reverse stand-off voltage: 171.00V, 600W transient voltage suppressor
|
Won-Top Electronics Co., Ltd. WTE[Won-Top Electronics] Panjit International Inc Microsemi
|
1.5SMCJ6.0 1.5SMCJ6.0A 1.5SMCJ7.0 1.5SMCJ30 1.5SMC |
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER
|
Pan Jit International Inc. Pan Jit International I...
|
P6SMBJ8.0 P6SMBJ120 P6SMBJ7.0 P6SMBJ7.0A P6SMBJ8.0 |
600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
|
Frontier Electronics.
|
SMBJ22CA SMBJ17A SMBJ10CA SMBJ30CA SMBJ48A SMBJ48C |
600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 3-Line to 8-Line Inverting Decoders/Demultiplexers 16-CDIP -55 to 125 600 W, BIDIRECTIONAL, SILICON, TVS DIODE 600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE High Speed CMOS Logic Analog Multiplexers/Demultiplexers 16-CDIP -55 to 125 Miniature, 1W, 1500Vrms Isolated Unregulated DC/DC Converters 7-SOP
|
Diodes, Inc. Microsemi, Corp. Diodes Inc. DIODES[Diodes Incorporated] http://
|
SMCJ SMCJ150CA SMCJ28CA SMCJ85CA SMCJ7.5CA |
1500W Peak Power Surface Mount TVS
|
SeCoS Halbleitertechnologie GmbH
|
P6KE20 P6KE24 P6KE6.8C P6KE8.2C P6KE9.1C P6KE8.2CA |
TRANSIENT VOLTAGE SUPPRESSOR BREAKDOWN VOLTAGE:6.8-440V PEAK PULSE POWER: 600W
|
Shanghai Sunrise Electronics Microsemi
|
MMBZ20VAL MMBZ5V6AL MMBZ33VAL MMBZ27VAL MMBZ18VAL |
24W AND 40W PEAK POWER DUAL SURFACE MOUNT TVS
|
DIODES[Diodes Incorporated]
|
SMBJ58CA SMBJ51CA SMBJ30CA SMBJ17CA |
600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
|
Shenzhen Luguang Electronic Technology Co., Ltd Shenzhen Luguang Electr...
|
SMDJ5.0A SMDJ6.0 SMDJ6.0A SMDJ7.0 SMDJ7.0A SMDJ7.5 |
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 170 Volts 3000 Watt Peak Pulse Power 表面贴装瞬态电压抑制电.070伏特000瓦峰值脉冲功 SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 170 Volts 3000 Watt Peak Pulse Power 表面贴装瞬态电压抑制电5.070伏特000瓦峰值脉冲功 SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 170 Volts 3000 Watt Peak Pulse Power 表面贴装瞬态电压抑制电.0170伏特000瓦峰值脉冲功
|
Electronic Theatre Controls, Inc.
|