PART |
Description |
Maker |
FP3-3R3 |
IND,Iron,3.3uH,15 % Tol,15-% Tol,2926-Case RoHS Compliant: No 1 ELEMENT, 3.3 uH, GENERAL PURPOSE INDUCTOR, SMD
|
Cooper Bussmann, Inc.
|
SC160C SC265D4 SC265D3 SC265D5 SC129D FB150D8 SC16 |
THYRISTOR MODULE|TRIAC TRIAC|400V V(DRM)|40A I(T)RMS|IST-3RT-1/2 TRIAC|400V V(DRM)|40A I(T)RMS|IST-3RT-1/4 TRIAC|400V V(DRM)|40A I(T)RMS|TO-208VAR1/4 TRIAC|400V V(DRM)|25A I(T)RMS|TO-220 TRIAC|400V V(DRM)|150A I(T)RMS|TO-200AB TRIAC|200V V(DRM)|150A I(T)RMS|TO-200AB TRIAC|200V V(DRM)|25A I(T)RMS|TO-220 TRIAC|300V V(DRM)|25A I(T)RMS|IST-3RT-1/4 TRIAC|300V V(DRM)|25A I(T)RMS|TO-208VAR1/4 TRIAC|200V V(DRM)|40A I(T)RMS|IST-3RT-1/4 TRIAC|200V V(DRM)|25A I(T)RMS|IST-3RT-1/4 TRIAC|300V V(DRM)|40A I(T)RMS|IST-3RT-1/4 TRIAC|300V V(DRM)|25A I(T)RMS|TO-220 TRIAC|600V V(DRM)|25A I(T)RMS|TO-220 TRIAC|400V V(DRM)|100A I(T)RMS|TO-200AB TRIAC|400V V(DRM)|300A I(T)RMS|TO-200VAR50 FUSE 1A FA SMT 1206 TRIAC|200V V(DRM)|300A I(T)RMS|TO-200VAR50 可控硅| 200伏五(DRM)的| 300口(T)的有效值|00VAR50 TRIAC|800V V(DRM)|150A I(T)RMS|STF-M20 可控硅| 800V的五(DRM)的| 150A口(T)的有效值|培训基金- M20 TRIAC|600V V(DRM)|150A I(T)RMS|TO-200AB 可控硅| 600V的五(DRM)的| 150A口(T)的有效值|00AB TRIAC|1.2KV V(DRM)|300A I(T)RMS|STF-M23 可控硅| 1.2KV五(DRM)的| 300口(T)的有效值|培训基金,一辆M23 TRIAC|600V V(DRM)|70A I(T)RMS|STF-M12 可控硅| 600V的五(DRM)的|0A口(T)的有效值|培训基金- M12 TRIAC|1.2KV V(DRM)|150A I(T)RMS|STF-M20 可控硅| 1.2KV五(DRM)的| 150A口(T)的有效值|培训基金- M20 TRIAC|200V V(DRM)|50A I(T)RMS|TO-208VARM8 可控硅| 200伏五(DRM)的| 50A条口(T)的有效值|08VARM8
|
Cornell Dubilier Electronics, Inc. EPCOS AG SIEMENS AG
|
C2111 P2111 AM9111C/BVA AM91L11A/BVA AM91L11C/BVA |
Turbo 2 ultrafast high voltage rectifier 10MHZ, SOIC, IND TEMP, 1.8V(MCU AVR) 20MHZ, PDIP, IND TEMP, 5V(MCU AVR) 2MHz, NARROW SOIC, IND TEMP, GREEN,(MCU AVR) 10MHZ, PDIP, IND TEMP, 1.8V(MCU AVR) x4 SRAM x4的SRAM
|
Energizer Holdings, Inc.
|
AT60142E-DC15SMV AT60142E-DC15SSB AT60142E-DC20M A |
IND 3.3UH 0.2UH THIN-FILM SMD-0805 TR-7 NI/SN-PB RF SWITCH Rad Hard 512K x 8 Very Low Power CMOS SRAM 512K X 8 STANDARD SRAM, 15 ns, DFP36 Rad Hard 512K x 8 Very Low Power CMOS SRAM 512K X 8 STANDARD SRAM, 20 ns, DFP36
|
ATMEL[ATMEL Corporation] Atmel Corp. Atmel, Corp.
|
MS90538-10SH MS90538-12BH MS75101-6BH MS75101-5SH |
General Fixed Inductor, IND,IRON,82UH,5% TOL,5% -TOL,LT10K MIL STYLE General Fixed Inductor, IND,IRON,100UH,5% TOL,5% -TOL,LT10K MIL STYLE IND MLD 8.2UH 10% 7.9MHZ 30Q-FCTR IRON 540MA AXL - Bulk IND MLD 6.8UH 10% 7.9MHZ 30Q-FCTR IRON 560MA AXL - Tape and Reel General Fixed Inductor, IND,PHENOLIC,330NH,20% TOL,20% -TOL,LT4K MIL STYLE General Fixed Inductor, 1 ELEMENT, 100 uH, IRON-CORE, GENERAL PURPOSE INDUCTOR, AXIAL LEADED General Fixed Inductor, IND,IRON,150UH,5% TOL,5% -TOL,LT10K MIL STYLE General Fixed Inductor, IND,IRON,120UH,5% TOL,5% -TOL,LT10K MIL STYLE
|
Vishay Dale
|
ADUM130E0BRWZ-RL ADUM130E1BRWZ ADUM130E1BRZ ADUM13 |
3.0 kV RMS/3.75 kV RMS Triple-Channel Digital Isolators
|
Analog Devices
|
BYP60A2 BYP60A05 BYP60A1 BYP60A3 BYP60A4 BYP60A6 B |
CAT 5E BULK CABLE 100 MHZ,SHLD,PVC-WHITE 60 A, 300 V, SILICON, RECTIFIER DIODE INTERNAL ULTRA3 RIBBON CABLE 80" W/LVD TERM. 60 A, 400 V, SILICON, RECTIFIER DIODE TELCO 50 PASS-THROUGH PASSIVE TERMINATOR CAT 5E BULK CABLE 100 MHZ,SHLD,PVC-GRAY Silicon Press-Fit-Diodes High-temperature diodes
|
Diotec Semiconductor AG DIOTEC[Diotec Semiconductor] Diotec Elektronische
|
AD637 AD637JD |
500V; 108mW; high precision, wideband true RMS-to-DC converter High Precision,wide-RMS-to-DC Converter Complete High Accuracy Monolithic RMS-to-DC Converter.
|
Analog Devices
|
604B 1002A 1502A 602BI 1502BI |
TRIAC|400V V(DRM)|6A I(T)RMS|TO-218VAR TRIAC|400V V(DRM)|15A I(T)RMS|TO-218VAR SOT23, Low-Power µP Supervisory Circuits with Battery Backup and Chip-Enable Gating TRIAC|400V V(DRM)|10A I(T)RMS|TO-218VAR 可控硅| 400V五(DRM)的| 10A条口(T)的有效值|18VAR
|
Rochester Electronics, LLC
|
D8080A-1B P8080A-1B AM9080A-1PC P8080A-2 D8080A-2B |
8MHZ, PLCC, COM TEMP(MCU AVR) 8MHZ, PLCC, IND TEMP, GREEN(MCU AVR) 20MHZ, PDIP, IND TEMP(MCU AVR) 8MHZ, MLF, IND TEMP(MCU AVR) 8MHZ, PDIP, COM TEMP(MCU AVR) 10 MHZ, TQFP, IND TEMP, GREEN, 1.8V(MCU AVR) 20MHZ, MLF, IND TEMP(MCU AVR) 20MHZ, TQFP, IND TEMP(MCU AVR) 8-Bit Microprocessor 8位微处理 8MHZ, PDIP, IND TEMP(MCU AVR) 8位微处理
|
Intel, Corp. Amphenol, Corp.
|
|