PART |
Description |
Maker |
DMP2035U DMP2035U-7 |
3600 mA, 20 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET GREEN, PLASTIC PACKAGE-3 P-CHANNEL ENHANCEMENT MODE MOSFET
|
Diodes, Inc. Diodes Incorporated
|
CP20420PQFP160A-0I CP20420PQFP160B-1I CP20840PQFP1 |
FPGA, 896 CLBS, 3600 GATES, PQFP160 PLASTIC, QFP-160 FPGA, 1685 CLBS, 7100 GATES, PQFP160 PLASTIC, QFP-160 FPGA, 474 CLBS, 1900 GATES, PQCC84 FPGA, 896 CLBS, 3600 GATES, PQCC84 FPGA, 896 CLBS, 3600 GATES, CPGA155
|
|
SM3436-47 |
3400-3600 MHz 50 Watt Linear Power Amplifier
|
Stealth Microwave, Inc.
|
SM3436-47L |
3400-3600 MHz 50 Watt Ultra Linear Power Amplifier
|
Stealth Microwave, Inc.
|
ADRF6604 |
1200 MHz TO 3600 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
|
Analog Devices
|
TLP1210SATG |
12 outlet, 10-ft cord, 3600 joules, 2-line coax, 1-line RJ11/RJ45 combo protection Eco Home/Business
|
List of Unclassifed Manufacturers
|
R720366XXWA R5010210XXWA R9G00822XXWA R9G00622XXWA |
600 A, 3600 V, SILICON, RECTIFIER DIODE 100 A, 200 V, SILICON, RECTIFIER DIODE 2200 A, 800 V, SILICON, RECTIFIER DIODE 2200 A, 600 V, SILICON, RECTIFIER DIODE 2200 A, 400 V, SILICON, RECTIFIER DIODE 450 A, 150 V, SILICON, RECTIFIER DIODE 550 A, 50 V, SILICON, RECTIFIER DIODE 550 A, 150 V, SILICON, RECTIFIER DIODE 2500 A, 1300 V, SILICON, RECTIFIER DIODE 300 A, 900 V, SILICON, RECTIFIER DIODE 1800 A, 200 V, SILICON, RECTIFIER DIODE 1200 A, 3100 V, SILICON, RECTIFIER DIODE 2000 A, 2300 V, SILICON, RECTIFIER DIODE 3600 A, 2300 V, SILICON, RECTIFIER DIODE 100 A, 150 V, SILICON, RECTIFIER DIODE
|
POWEREX INC
|
XDUG10C-A |
Material (Color) = Gap (Green) Lens = Peak Wave Length = 565 Iv(ucd) If@10mA Min.= 3600 Iv(ucd) If@10mA Typ.= 11990
|
SunLED Company Limited
|
2SC3295 |
High hFE: hFE = 600 3600. High voltage: VCEO = 50 V. High voltage: VCEO = 50 V.
|
TY Semiconductor Co., L...
|
C783 C783CB C783CD C783CM C783CS C783CP |
Phase Control SCR 1800 Amperes Average 3700 Volts 3300 A, 3600 V, SCR Phase Control SCR 1800 Amperes Avg 3000-3700 Volts
|
Powerex Power Semicondu... Powerex, Inc. POWEREX[Powerex Power Semiconductors]
|
R9G20215AS R9G20415AS R9G20615AS R9G20815AS R9G212 |
200V, 1500A fast recovery single diode 400V, 1500A fast recovery single diode 600V, 1500A fast recovery single diode 800V, 1500A fast recovery single diode Fast Recovery Rectifier (1500 Amperes Average 3600 Volts)
|
Powerex Power Semiconductors
|
SUP65P06-20 SUB65P06-20 |
From old datasheet system P-Channel Enhancement-Mode Trans P-Channel 60-V (D-S), 175C MOSFET TRANSISTOR,MOSFET,P-CHANNEL,60V V(BR)DSS,65A I(D),TO-220AB P-Channel MOSFET 30V N-Channel PowerTrench MOSFET
|
VISAY[Vishay Siliconix] Vishay Intertechnology Inc Vishay Intertechnology,Inc.
|
|