PART |
Description |
Maker |
APTGT200TL60G |
Three level inverter Trench Field Stop IGBT Power Module
|
Microsemi Corporation
|
APTCV60TLM99T3G |
Three level inverter CoolMOS & Trench Field Stop IGBT Power
|
Microsemi Corporation
|
APTGT100TL60T3G |
Three level inverter Trench Field Stop IGBT Power Module
|
Microsemi Corporation
|
ISL9N303AS3ST ISL9N303AS3 ISL9N303AP3 N303AS N303A |
N-Channel Logic Level UltraFET Trench MOSFETs 30V, 75A, 3.2mз 75 A, 30 V, 0.005 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-262AA N-Channel Logic Level UltraFET Trench MOSFETs 30V, 75A, 3.2mз 75 A, 30 V, 0.005 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB RECTIFIER SCHOTTKY DUAL COMMON-CATHODE 30A 40V 250A-Ifsm 0.55Vf 1A-IR D2PAK 800/REEL-13 75 A, 30 V, 0.005 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB N-Channel Logic Level UltraFET Trench MOSFETs 30V / 75A / 3.2m N-Channel Logic Level UltraFET Trench MOSFETs 30V 75A 3.2m N-Channel Logic Level UltraFET Trench MOSFETs 30V, 75A, 3.2m?/a>
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
FDD6632 |
N-Channel Logic Level UltraFET Trench Power MOSFET 30V, 9A, 90mз 4 A, 30 V, 0.09 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252 N-Channel Logic Level UltraFET Trench Power MOSFET 30V/ 9A/ 90m N-Channel Logic Level UltraFET Trench Power MOSFET 30V, 9A, 90mOhm
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
ISL9N306AD ISL9N306AD3 ISL9N306AD3ST |
N-Channel Logic Level PWM Optimized UltraFET Trench Power MOSFETs 30V, 50A, 6mз 50 A, 30 V, 0.0095 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-251AA N-Channel Logic Level PWM Optimized UltraFET Trench Power MOSFETs 30V 50A 6m N-Channel Logic Level PWM Optimized UltraFET Trench Power MOSFETs 30V, 50A, 6m?/a>
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
APTGT100TL170G |
Three Level Inverter
|
Microsemi
|
APTGLQ200HR120G |
Three Level T-type Inverter
|
Microsemi
|
APTMC120HRM40CT3AG APTMC120HRM40CT3G |
Three Level T-type Inverter SiC MOSFET Module
|
Microsemi
|
APTGF30TL601G |
Three level inverter NPT IGBT Power Module
|
Microsemi Corporation
|
ISL9N322AP3 ISL9N322AS3ST |
N-Channel Logic Level PWM Optimized UltraFET Trench Power MOSFETs
|
FAIRCHILD[Fairchild Semiconductor]
|
|