PART |
Description |
Maker |
MMSZ6V2BW MMSZ4V7BW MMSZ24VBW MMSZ75VBW MMSZ36VBW |
500mW SOD-123 SURFACE MOUNT Flat Lead Surface Mount Plastic Package Zener Voltage Regulators
|
Tak Cheong Electronics (Holdings) Co.,Ltd Tak Cheong Electronics ...
|
MMSZ2V4CW09 MMSZ18VCW |
500mW SOD-123 SURFACE MOUNT Flat Lead Surface Mount Plastic Package Zener Voltage Regulators 18 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
|
Tak Cheong Electronics (Holdings) Co.,Ltd
|
37LV36-TIL 37LV36-TP 37LV65 37LV65-TSN 37LV128 37L |
DIODE ZENER SINGLE 200mW 36Vz 2mA-Izt 0.0556 0.1uA-Ir 25.2 SOD-323 3K/REEL 36K4K的,28K串行EPROM家庭 DIODE ZENER SINGLE 200mW 33Vz 2mA-Izt 0.0606 0.1uA-Ir 23.1 SOD-323 3K/REEL 36K4K的,28K串行EPROM家庭 DIODE ZENER SINGLE 500mW 36Vz 2mA-Izt 0.0556 0.1uA-Ir 25.2 SOD-123 3K/REEL 36K4K的,28K串行EPROM家庭 DIODE/SM, ZEN 30V .5MA 0.41W /-5% SOD-123 36K4K的,28K串行EPROM家庭 DIODE ZENER SINGLE 200mW 2.4Vz 5mA-Izt 0.0833 50uA-Ir 1 SOD-323 3K/REEL 36K4K的,28K串行EPROM家庭 36K, 64K, and 128K Serial EPROM Family 36K4K的,28K串行EPROM家庭 DIODE ZENER SINGLE 500mW 2.7Vz 5mA-Izt 0.0741 20uA-Ir 1 SOD-123 3K/REEL DIODE ZENER 36V 500MW SOD-123 DIODE ZENER SINGLE 150mW 2.7Vz 5mA-Izt 0.074 20uA-Ir 1 SOD-523 3K/REEL DIODE ZENER SINGLE 150mW 2.4Vz 5mA-Izt 0.083 50uA-Ir 1 SOD-523 3K/REEL DIODE ZENER SINGLE 500mW 33Vz 2mA-Izt 0.0606 0.1uA-Ir 23.1 SOD-123 3K/REEL DIODE, ZENER 36V 500MW SOD-123 DIODE ZENER SINGLE 200mW 30Vz 2mA-Izt 0.0667 0.1uA-Ir 21 SOD-323 3K/REEL DIODE ZENER SINGLE 500mW 2.4Vz 5mA-Izt 0.0833 50uA-Ir 1 SOD-123 3K/REEL DIODE ZENER 39V 500MW SOD-123 36K/ 64K/ and 128K Serial EPROM Family 128K EPROM
|
Microchip Technology, Inc. Microchip Technology Inc. MICROCHIP[Microchip Technology]
|
MMSZ3V3B MMSZ3V0B MMSZ20VB MMSZ43VB MMSZ10VB MMSZ5 |
500mW SOD-123FL SURFACE MOUNT
|
Yea Shin Technology Co., Ltd Yea Shin Technology Co....
|
MMSZ2V7ET1G MMSZ9V1ET1 MMSZ10ET1 MMSZ10ET1G MMSZ11 |
Zener Voltage Regulators 3.3 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE LP8900 Ultra Low Noise, Dual 200mA Linear Regulator for RF/Analog Circuits; Package: MICRO SMD; No of Pins: 6; 3 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Zener Voltage Regulators 500 mW SOD123 Surface Mount(500mWB>SOD123,表面安装齐纳稳压管) Zener Voltage Regulators 500 mW SOD−123 Surface Mount Zener Voltage Regulators 500 mW SOD−123 Surface Mount
|
ONSEMI[ON Semiconductor]
|
1N4148W 1N4448W |
400mW SOD-123 SURFACE MOUNT Small Outline Flat Lead Plastic Package General Purpose Application Fast Switching Diode
|
Tak Cheong Electronics (Holdings) Co.,Ltd
|
M48T39YPM M48T39Y M48T39Y-100PM1 M48T39Y-150PM1 |
256 Kb 32K x8 TIMEKEEPER SRAM DIODE ZENER SINGLE 500mW 3.9Vz 20mA-Izt 0.05 10uA-Ir 1 SOD-123 3K/REEL 256 KB2K的x8 SRAM的计时器
|
http:// STMICROELECTRONICS[STMicroelectronics] ST Microelectronics STMicroelectronics N.V.
|
JR13WRR-4 JR13WCCR-4 JR13WRC-3SC JR13WRC-3S JR13WR |
TRANS PREBIASED DUAL COMP SOT363 TRANS PREBIASED PNP SOT323 DIODE ZENER SINGLE 200mW 15.2Vz 10mA-Izt 0.02535 0.05uA-Ir 12 SOD-323 3K/REEL DIODE SWITCHING SINGLE 75V 250mA-Io 400mW 4ns-trr SOD-123 3K/REEL High-performance water-proof circular connector JR-W connector 高性能防水圆形连接JR钨接 DIODE ZENER SINGLE 500mW 15.2Vz 10mA-Izt 0.02535 0.05uA-Ir 12 SOD-123 3K/REEL 高性能防水圆形连接JR钨接 DIODE ZENER SINGLE 200mW 14Vz 10mA-Izt 0.02503 0.05uA-Ir 11 SOD-323 3K/REEL 高性能防水圆形连接JR钨接 TRANS PREBIASED NPN 200MW SOT-23 高性能防水圆形连接JR钨接 TRANS PREBIASED NPN 150MW SOT523 高性能防水圆形连接JR钨接 TRANS PREBIASED NPN 200MW SOT23 高性能防水圆形连接JR钨接 DIODE ZENER SINGLE 300mW 5.1Vz 5mA-Izt 0.0588 2uA-Ir 2 SOT-23 3K/REEL 高性能防水圆形连接JR钨接 DIODE ZENER SINGLE 500mW 16.1Vz 10mA-Izt 0.02547 0.05uA-Ir 12 SOD-123 3K/REEL 高性能防水圆形连接JR钨接 DIODE SWITCHING SINGLE 75V 250mA-Io 200mW 4ns-trr SOD-323 3K/REEL 高性能防水圆形连接JR钨接 RECTIFIER STANDARD SINGLE 1A 600V 600 30A-ifsm 5uA-ir 1V-vf DO-41 1K/BULK 高性能防水圆形连接JR钨接 RECTIFIER STANDARD SINGLE 1A 600V 600 30A-ifsm 5uA-ir 1V-vf DO-41 5K/AMMO 高性能防水圆形连接JR钨接 HEATPAD TO-220 .006 K4 高性能防水圆形连接JR钨接
|
http:// HIROSE[Hirose Electric] Hirose Electric USA, INC. HIROSE ELECTRIC Co., Ltd.
|
1SMF16BT1 1SMF16BT3 1SMF16BT3G 1SMF16BT1/D |
1SMF16BT3 Zener Transient Voltage Suppressor,SOD-123 Flat Lead Package(齐纳抗雷TVS),SOD-123,表面安装) Zener Transient Voltage Suppressor SOD-123 Flat Lead Package
|
ON Semiconductor
|
BAV20W BAV21W |
400mW SOD-123 SURFACE MOUNT Small Outline Flat Lead Plastic Package High Voltage & High Conductance Fast Switching Diode
|
Tak Cheong Electronics (Holdings) Co.,Ltd
|
S6B1713A11-XXXN S6B1713A11-XXX0 S6B1713A15-B0CY S6 |
65 COM / 132 SEG DRIVER & CONTROLLER FOR STN LCD DIODE ZENER SINGLE 500mW 33Vz 3.8mA-Izt 0.05 0.1uA-Ir 25 SOD-123 3K/REEL 65 COM / 132 SEG DRIVER & CONTROLLER FOR STN LCD
|
SAMSUNG SEMICONDUCTOR CO. LTD.
|