PART |
Description |
Maker |
HCMS-2902 HCMS-2903 HCMS-2904 HCMS-2911 HCMS-2912 |
HCMS-2962 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2961 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2964 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2963 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2925 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2924 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2923 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2922 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2921 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2915 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2914 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2913 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2912 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2911 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2905 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2904 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2903 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2902 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2901 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2975-HI000 · High Performance CMOS 5 x 7 Alphanumeric Displays Bipolar Transistor; Collector Emitter Voltage, Vceo:350V; Transistor Polarity:NPN; Power Dissipation:1W; DC Current Gain Min (hfe):40; Collector Current:1A; Package/Case:3-TO-39; DC Current Gain Max (hfe):60; Terminal Type:5 T-PNP-SI-HV AF PWR AMP High Performance CMOS 5 x 7 Alphanumeric Displays 高性能CMOS 5 × 7字母数字显示
|
http:// Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)] Vishay Intertechnology, Inc.
|
GAL16V8A GAL16V8B GAL16V8A-15LPI GAL16V8A-10LJI GA |
HIGH PERFORMANCE E2CMOS PLD EE PLD, 15 ns, PDIP20 HIGH PERFORMANCE E2CMOS PLD EE PLD, 10 ns, PQCC20 HIGH PERFORMANCE E2CMOS PLD EE PLD, 25 ns, PQCC20 HIGH PERFORMANCE E2CMOS PLD EE PLD, 10 ns, PDIP20 HIGH PERFORMANCE E2CMOS PLD E2CMOS的高性能可编程逻辑器件 16 BIT MCU, 32K FLASH HIGH PERFORMANCE E2CMOS PLD
|
http:// Lattice Semiconductor, Corp. Lattice Semiconductor Corporation
|
ATF1502AS ATF1502AS-10AC44 ATF1502AS-10AI44 ATF150 |
High performance EEPROM CPDL, 70 MHz High Performance E2PROM CPLD
|
ATMEL[ATMEL Corporation]
|
22V10 GAL22V10 GAL22V10C-5LJ GAL22V10C-7LJ GAL22V1 |
148 DCCE37S HighPerformanceE2CMOSPLDGenericArrayLogic Single LVDS Receiver Bus LVDS Dual 2x2 Crosspoint/Repeater PCB; Leaded Process Compatible:No; PCB Type:4 Channel I/O Rack; Peak Reflow Compatible (260 C):No; Size:3.5 x 3.5 in; Thickness:2.32" RoHS Compliant: No EE PLD, 15 ns, PQCC28 MR Series Rocker, 1 lamp circuit (Clear Red) miniature rectangle housing, SPDT, 2 position, Quick-connect, Snap-in panel, Silver alloy contacts EE PLD, 7.5 ns, PQCC28 High Performance E2CMOS PLD Generic Array Logic EE PLD, 15 ns, PQCC28 High Performance E2CMOS PLD Generic Array Logic EE PLD, 10 ns, PQCC28 High Performance E2CMOS PLD Generic Array Logic EE PLD, 20 ns, PQCC28 High Performance E2CMOS PLD Generic Array Logic EE PLD, 7.5 ns, PDIP24 High Performance E2CMOS PLD Generic Array Logic EE PLD, 25 ns, PQCC28 High Performance E2CMOS PLD Generic Array Logic EE PLD, 4 ns, PQCC28 Electrically-Erasable PLD EE PLD, 15 ns, PDIP24 High Performance E2CMOS PLD Generic Array Logic EE PLD, 25 ns, PDIP24 SOTiny Single LVDS Driver EE PLD, 5 ns, PQCC28
|
http:// Lattice Semiconductor Corporation LatticeSemiconductor Lattice Semiconductor, Corp.
|
MAX5889 MAX5890 MAX5891 MAX5891EGK |
16-Bit, 600Msps, High-Dynamic-Performance DAC with LVDS Inputs Dual Very-High Speed, High-Current Peripheral Drivers 8-CDIP -55 to 125
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc.
|
LME49600 |
High Performance, High Fidelity, High Current Audio Buffer
|
http://
|
HSMA-C170 HSMA-C190 HSMA-C191 HSMA-C110 HSMC-C190 |
Agilent HSMA-C170 High Performance ChipLED Agilent HSMA-C190 High Performance ChipLED Agilent HSMA-C191 High Performance ChipLED Agilent HSMA-C110 High Performance ChipLED Agilent HSMC-C190 High Performance ChipLED Agilent HSMC-C170 High Performance ChipLED Agilent HSMC-C110 High Performance ChipLED Agilent HSML-C170 High Performance ChipLED Agilent HSML-C110 High Performance ChipLED Agilent HSMZ-C110 High Performance ChipLED Agilent HSMZ-C170 High Performance ChipLED
|
发光二极
|
MC1471 MC1471C MC1741CDR2 MC1741CP1 MC1741CD MC174 |
Internally Compensated, High Performance Operational Amplifier From old datasheet system Internally Compensated / High Performance Operational Amplifier Internally Compensated, High Performance Operational Amplifier OP-AMP, 1 MHz BAND WIDTH, PDIP8
|
ONSEMI[ON Semiconductor]
|
AGB3303S24Q1 AGB3303 |
The AGB3303 is one of a series of high performance InGaP HBT amplifiers designed for use in applications requiring high linearity, ... 50 OHM HIGH LINEARITY LOW NOISE WIDEBAND GAIN BLOCK
|
Anadigics Inc ANADIGICS[ANADIGICS, Inc]
|
ADNS-3060 |
ADNS-3060 · High Performance Optical Mouse Sensor (Optimized For Gaming And Office Environments) High-performance Optical Mouse Sensor
|
Agilent (Hewlett-Packard) Agilent(Hewlett-Packard)
|