PART |
Description |
Maker |
180-065-25-5-C 180-065-25-5-M 180-065-25-5-NF 180- |
8 Channel D-Subminiature Fiber Optic Receptacle SIMPLEX FIBER OPTIC CONNECTOR, RECEPTACLE
|
Glenair, Inc. GLENAIR INC
|
180-071-Z144 180-071-Z141 180-071-Z142 180-071-Z14 |
Single Channel Fiber Optic Receptacle Connector SIMPLEX FIBER OPTIC CONNECTOR, RECEPTACLE
|
Glenair, Inc. GLENAIR INC
|
L8231 L8231-21 L8231-22 L8231-23 L8231-32 L8231-44 |
2V; 0.2mW; laser diode: repectacle type, 1.3um, 1.25, 2.5Gbps. For optical fiber communications, fiber channel, gigabit ethernet, HDTV, SDH Receptacle type, 1.3 レm, 1.25, 2.5 Gbps 插座类型.3レ米.25.5 Gbps CAP 1.5PF 50V /-0.25PF C0G SMD-0402 TR-7-PA SN100 插座类型.3レ米.25.5 Gbps Receptacle type/ 1.3 m/ 1.25/ 2.5 Gbps Receptacle type, 1.3 m, 1.25, 2.5 Gbps Receptacle type 1.3 m 1.25 2.5 Gbps Receptacle type, 1.3 μm, 1.25, 2.5 Gbps FIBER OPTIC LASER DIODE EMITTER, 1250Mbps, PANEL MOUNT, SC CONNECTOR
|
Hamamatsu Photonics K.K. HAMAMATSU[Hamamatsu Corporation]
|
180-073B07-11-2-89 180-073B07-13-13PA 180-073M07-1 |
Fiber Optic Test Adapter SIMPLEX FIBER OPTIC ADAPTER, RECEPTACLE
|
Glenair, Inc. GLENAIR INC
|
HFBR-53D5EM HFCT-53D5EM HFCT-53D5FM HFBR-53D5FM HF |
HFCT-53D5FM · 1 x 9 Fiber Optic Transceivers for Gigabit Ethernet HFCT-53D5EM · 1 x 9 Fiber Optic Transceivers for Gigabit Ethernet HFBR-53D5FM · 1 x 9 Fiber Optic Transceivers for Gigabit Ethernet, Flush Shield, Metalized Housing HFBR-53D5EM · 1 x 9 Fiber Optic Transceivers for Gigabit Ethernet, Extended Shield, Metalized Housing HFBR-53D5 · 1 x 9 Fiber Optic Transceivers for Gigabit Ethernet, No Shield, Plastic Housing HFBR-0535 · Evaluation Kit for 1x9 fiber optic modules at 1.25 GBd 1 x 9 Fiber Optic Transceiver for Gigabit Ethernet
|
Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)] Agilent / Hewlett-Packard
|
HFBR1414 HFBR-1402 HFBR-1402C HFBR-1402M HFBR-1402 |
Components is Designed to Provide cost effective, High performance fiber optic communication links FIBER OPTIC TRANSMITTER,MODULE-ST
|
HP[Agilent(Hewlett-Packard)]
|
HDM-49-072-RW HDM-49-062-RW-014 |
62.5/125 um, MULTI MODE, SIMPLEX FIBER OPTIC CONNECTOR, RECEPTACLE 62.5/125 um, MULTI MODE, DUPLEX FIBER OPTIC CONNECTOR, PLUG
|
AMPHENOL CORP
|
20SD 180-072M07-13-4PD 180-072M07-15-5PB 180-072M0 |
SIMPLEX FIBER OPTIC ADAPTER, RECEPTACLE
|
GLENAIR INC
|
TORX141P |
FIBER OPTIC RECEIVER, 15Mbps, THROUGH HOLE MOUNT FIBER OPTIC RECEIVING MODULE
|
Toshiba Semiconductor
|
TFOCA-TWO-074RZ-35 TFOCA-TWO-074RZ-6 TFOCA-TWO-074 |
62.5/125 um, MULTI MODE, SIMPLEX FIBER OPTIC CONNECTOR, RECEPTACLE 9/125 um, SINGLE MODE, SIMPLEX FIBER OPTIC CONNECTOR, RECEPTACLE 62.5/125 um, MULTI MODE, SIMPLEX FIBER OPTIC CONNECTOR, PLUG 9/125 um, SINGLE MODE, SIMPLEX FIBER OPTIC CONNECTOR, PLUG
|
Amphenol, Corp.
|
HFBR-0400 HFBR1402HA HFBR1402HB HFBR1402M HFBR1402 |
Low Cost, Miniature Fiber Optic Components with ST, SMA, SC and FC Ports FIBER OPTIC TRANSMITTER, 792-865nm, 175Mbps, PANEL MOUNT, DIP, ST CONNECTOR FIBER OPTIC TRANSMITTER, 792-865nm, 175Mbps, PANEL MOUNT, DIP, SMA CONNECTOR Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT02; No. of Contacts:10; Connector Shell Size:12; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle 低成本,微型光纤器件与ST,形状记忆合金,SC和FC端口 Low Cost, Miniature Fiber Optic Components with ST, SMA, SC and FC Ports 低成本,微型光纤器件ST,形状记忆合金,SCFC端口 Low Cost, Miniature Fiber Optic Components with ST, SMA, SC and FC Ports 低成本,微型光纤器件与ST,形状记忆合金,SCFC端口 ECONOLINE: RO & RE - Industry Standard Pinout- 1kVDC & 2kVDC Isolation- UL94V-0 Package Material- Toroidal Magnetics- Fully Encapsulated- Custom Solutions Available- Efficiency to 85% Low Cost/ Miniature Fiber Optic Components with ST/ SMA/ SC and FC Ports
|
Agilent(Hewlett-Packard... AGILENT TECHNOLOGIES INC Electronic Theatre Controls, Inc. SUN Electronic Industries, Corp. Agilent(Hewlett-Packard)
|
|