PART |
Description |
Maker |
MBA0204VC9761FC100 MBA02040C1108FCT00 VISHAYBEYSCH |
MBA/SMA 0204, MBB/SMA 0207, MBE/SMA 0414 Precision Thin Film Leaded Resistors Film/Foil Resistor, RESISTOR, THIN FILM, 0.4 W, 1 %, 50 ppm, 1.1 ohm, THROUGH HOLE MOUNT, AXIAL LEADED, ROHS COMPLIANT MBA 0204-50 1%,KL AMMO 3K3 - Ammo Pack MBA 0204-50 1%,KL AMMO 33K - Ammo Pack MBA 0204-50 1%,KL AMMO 3M3 - Ammo Pack MBA 0204-50 1%,AMMO 12K4 - Ammo Pack MBA 0204-50 1%,KL AMMO 300K - Ammo Pack MBA 0204-50 1%,KL AMMO 16K - Ammo Pack RES THNFLM 1.8 OHM 1% 2/5W 50PPM/ C AXL TH - Ammo Pack RES THNFLM 2.4 OHM 1% 2/5W 50PPM/ C AXL TH - Ammo Pack Film/Foil Resistor, RESISTOR, THIN FILM, 0.4 W, 1 %, 50 ppm, 1620000 ohm, THROUGH HOLE MOUNT, AXIAL LEADED, ROHS COMPLIANT RES THNFLM 1.62M OHM 1% 2/5W 50PPM/ C AXL TH - Ammo Pack
|
Vishay Beyschlag
|
MBB0207IC1333DC100 MBB02070C1133DCT00 MBB0207IC100 |
MBA/SMA 0204 VG06, MBB/SMA 0207 VG06, MBE/SMA 0414 VG06 - Leaded Metal Film Resistors with Established Reliability RES THNFLM 3.83M OHM 1% 3/5W 50PPM/ C AXL TH - Ammo Pack Res Thin Film 1.05K Ohm 1% 3/5W ±50ppm/C Conformal AXL Thru-Hole Ammo Pack RES THNFLM 82.5 OHM 1% 3/5W 50PPM/ C AXL TH - Tape and Reel
|
Vishay Beyschlag
|
ANT-2.4-CW-CT-SMA |
Standard SMA or Part 15 compliant RP-SMA connector
|
List of Unclassifed Man...
|
ANT-2.4-CW-RCT-RP |
Standard SMA or Part 15 compliant RP-SMA connector
|
List of Unclassifed Man...
|
GU1A GU1B GU1D GU1G GU1J GU1K GU1M |
Ultra Fast Recovery Pack: SMA SURFACE MOUNT SWITCHING RECTIFIER VOLTAGE?0 TO 1000V CURRENT 1.0A
|
Gulf Semiconductor
|
SB22-A SB23-A SB24-A SB25-A SB26-A |
Schottky Pack: SMA SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE:20 TO 60V CURRENT: 2.0A
|
Gulf Semiconductor
|
IDT6198L IDT6198L15D IDT6198L15DB IDT6198L15L IDT6 |
CMOS STATIC RAM 64K (16K x 4-BIT) with Output Control 16K X 4 STANDARD SRAM, 70 ns, CQCC28 LED PNL MT 9MM 6V BLACK GREEN 64K的的CMOS静态RAM6K的4位带输出)控 CABLE SMA/SMA 24 RG-142 64K的的CMOS静态RAM6K的4位带输出)控 CMOS STATIC RAM 64K (16K x 4-BIT) with Output Control 16K X 4 STANDARD SRAM, 25 ns, CDIP24 Dual Low-Power JFET-Input General-Purpose Operational Amplifier 8-TSSOP 0 to 70 64K的的CMOS静态RAM6K的4位带输出)控
|
Integrated Device Techn... Integrated Device Technology, Inc. IDT[Integrated Device Technology] INTEGRATED DEVICE TECHNOLOGY INC
|
1N5620GP |
Standard Recovery Pack: DO-15
|
GULF SEMI
|
1N5620 |
Standard Recovery Pack: SOD-57
|
GULF SEMI
|
66156-101 61056 61056-001 61056-002 61056-003 6105 |
PHOTODARLINGTON “PILL PACK? PHOTODARLINGTON B>PILL PACK PHOTODARLINGTON “PILL PACK” PHOTODARLINGTON PILL PACK
Micropac Industries 1-4mA 50V silicon phototransistor PILL PACK: type GS1030
|
Micropac Industries, Inc. MICROPAC[Micropac Industries] 14 16 18 23 5
|
FGF4004 FGF4006 FGF4007 FGF4001 FGF4005 FGF4003 FG |
40AMP ISOLATED POWER PACK GPP STANDARD RECTIFERS
|
First Components International
|
SOT502B |
CDFM2 blister pack standard product orientation 12NC
|
NXP Semiconductors
|