PART |
Description |
Maker |
FCT1-120M2SL FCT1-150M2SL FCT1-33M2SL FCT1-90M2SL |
15 W Forward Mode Transformers
|
Coilcraft lnc.
|
Q62705-K274 KPY33-RK |
Standard Recovery Rectifier; Forward Current:20A; Forward Current Average:12.7A; Forward Current Avg Rectified, IF(AV):12.7A; Forward Surge Current Max, Ifsm:300A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes Silicon Piezoresistive Relative Pressure Sensor
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
BX2361 BX2361T BX23821 BX2382T BX23821T BX2382 |
Digital Audio Decoder/Processor for BTSC Television/Video Recorders CONTROL CIRCUIT FOR SWITCH MODE POWER SUPPLIES USING MOS TRANSISTORS ADSL LINE TRANSFORMERS For Texas Instruments隆炉 CPE Chipsets ADSL LINE TRANSFORMERS For Texas Instruments CPE Chipsets ADSL LINE TRANSFORMERS For Texas Instruments’ CPE Chipsets
|
Pulse Engineering, Inc. Pulse A Technitrol Company
|
NCP121205 |
Current Mode PWM Controller for Both Forward and Flyback Converters
|
ON Semiconductor
|
CS51220EDR16 CS51220 CS51220ED16 |
Feed Forward Voltage Mode PWM Controller with Programmable Synchronization
|
ONSEMI[ON Semiconductor]
|
Q60103-Y32-E Q60103-Y32-F Q60103-Y23-F Q60103-Y23- |
Triac; Thyristor Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:1000V; On State RMS Current, IT(rms):6A; Gate Trigger Current (QI), Igt:50mA; Current, It av:6A; Gate Trigger Current Max, Igt:50mA RoHS Compliant: Yes PNP晶体管为自动输入 Standard Recovery Rectifier; Forward Current:25A; Forward Current Average:15.9A; Forward Current Avg Rectified, IF(AV):15.9A; Forward Surge Current Max, Ifsm:350A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes PNP TRANSISTORS FOR AF INPUT STAGES
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
POE03-XXX |
Power Transformers - POE Transformers
|
Premo
|
DT35-2114T DT35-2111T DT35-2112T DT35-2113T |
50/MDR/RC/F SKT/BD MT/ST/M2.6/SCW/30MIN 共模扼流变压 50/MDR/RC/RA/RECP/SMC/4-40/8MIN COMMON MODE CHOKE Transformers
|
DELTA[Delta Electronics, Inc.]
|
SL74HC123N SL74HC123D SL74HC123 HC123 |
Standard Recovery Rectifier; Repetitive Reverse Voltage Max, Vrrm:1000V; Forward Current Avg Rectified, IF(AV):2A; Non Repetitive Forward Surge Current Max, Ifsm:70A; Forward Voltage Max, VF:1.1V; Package/Case:DO-15 双Retriggerable单稳态触发器 Dual Retriggerable Monostable Multivibrator
|
System Logic Semiconductor Co., Ltd. SLS[System Logic Semiconductor]
|
Q62703-Q3170 Q62703-Q3176 Q62703-Q3177 Q62703-Q355 |
Hyper 3 mm T1 LED Non Diffused Hyper-Bright LED Hyper 3 mm T1 LED/ Non Diffused Hyper-Bright LED FILTER CHIP 26 OHM 6A 0603 Standard Recovery Rectifier; Forward Current:25A; Forward Current Average:15.9A; Forward Current Avg Rectified, IF(AV):15.9A; Forward Surge Current Max, Ifsm:350A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes 50842042 Hyper 3 mm T1 LED, Non Diffused Hyper-Bright LED T-1 SINGLE COLOR LED, SUPER RED, 3 mm Hyper 3 mm T1 LED, Non Diffused Hyper-Bright LED 3毫米T1的LED,不扩散超高亮LED Hyper 3 mm T1 LED, Non Diffused Hyper-Bright LED 毫米T1的LED,不扩散超高亮LED Hyper 3 mm T1 LED, Non Diffused Hyper-Bright LED T-1 SINGLE COLOR LED, ORANGE, 3 mm
|
Siemens Semiconductor G... SIEMENS[Siemens Semiconductor Group] SIEMENS AG
|
P032 P032FB1CP1 P032FB1CP2 P032PP1CP1 |
DC/DC Planar Transformers 500W Third generation of planar transformers
|
PREMO CORPORATION S.L
|
P243 P243PP4DP1 P243FB4DP1 P243HB4DP1 |
AC/DC Planar Transformers 600W Third generation of planar transformers
|
PREMO CORPORATION S.L
|