PART |
Description |
Maker |
FS1UM-16A |
Standard Recovery Rectifier; Forward Current:15A; Forward Current Average:9.5A; Forward Current Avg Rectified, IF(AV):9.5A; Forward Surge Current Max, Ifsm:225A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes HIGH-SPEED SWITCHING USE
|
Mitsubishi Electric Corporation Mitsubishi Electric Semiconductor
|
Q62705-K274 KPY33-RK |
Standard Recovery Rectifier; Forward Current:20A; Forward Current Average:12.7A; Forward Current Avg Rectified, IF(AV):12.7A; Forward Surge Current Max, Ifsm:300A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes Silicon Piezoresistive Relative Pressure Sensor
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
CS51220-D |
Feed Forward Voltage Mode PWM Controller with Programmable Synchronization
|
ON Semiconductor
|
M21038-27-26 M21038-27-31T QC1553-22 QC1553-23 |
MIL-STD-1553 TRANSFORMERS QPL Interface Transformers Overview Miltary-Aerospace Division MIL-STD-1553 Interface Transformers
|
Pulse A Technitrol Company Pulse A Technitrol Comp...
|
2741H2 2741B 2741B2 2741C 2741C2 2741G 2741G2 2741 |
T1/E1 Through Hole Shielded Transformers TELECOM TRANSFORMER T1/E1 Transformer Shielded transformers TELECOM TRANSFORMER ±15kV ESD-Protected USB Transceivers HIGH FREQUENCY MAGNETICS T1/E1 Through Hole Shielded Transformers
|
Bel Fuse, Inc. BEL[Bel Fuse Inc.]
|
NCP1252CDR2G NCP1252APG NCP1252BDR2G NCP1252ADR2G |
Current Mode PWM Controller for Forward and Flyback Applications Current Mode PWM Controller for Forward and Flyback Applications
|
ON Semiconductor
|
TSD-2094 TSD-2349 PNK-60001 PNK-61001 PNK-62001 PN |
OFF-LINE SWITCH MODE LINK SWITCH TRANSFORMERS
|
Premier Magnetics, Inc. http://
|
SL74HC123N SL74HC123D SL74HC123 HC123 |
Standard Recovery Rectifier; Repetitive Reverse Voltage Max, Vrrm:1000V; Forward Current Avg Rectified, IF(AV):2A; Non Repetitive Forward Surge Current Max, Ifsm:70A; Forward Voltage Max, VF:1.1V; Package/Case:DO-15 双Retriggerable单稳态触发器 Dual Retriggerable Monostable Multivibrator
|
System Logic Semiconductor Co., Ltd. SLS[System Logic Semiconductor]
|
2SJ626 2SJ626-T1B 2SJ626-T2B |
Small Signal Diode; Repetitive Reverse Voltage Max, Vrrm:30V; Forward Voltage Max, VF:1V; Vf Test Current:5mA; Power Dissipation, Pd:80mW; Package/Case:DO-7; Current Rating:150mA; Forward Current Max, If:150mA; Forward Voltage:1.0V MOS场效应管 MOS FIELD EFFECT TRANSISTOR Pch enhancement type MOS FET
|
NEC, Corp. NEC[NEC]
|
P238 P238PP4DP1 P238WD4DP1 P238WD4DP2 |
AC/DC Planar Transformers 400W Third generation of planar transformers
|
PREMO CORPORATION S.L
|
P243 P243PP4DP1 P243FB4DP1 P243HB4DP1 |
AC/DC Planar Transformers 600W Third generation of planar transformers
|
PREMO CORPORATION S.L
|