PART |
Description |
Maker |
P4KE11 P4KE6.8A P4KE68 P4KE56A P4KE24 P4KE68A P4KE |
400W Peak Power / 1.0W Steady State 400W Peak Power TVS
|
SeCoS Halbleitertechnologie GmbH
|
STK22C48-P45 STK22C48-P45I STK22C48-N20 STK22C48-N |
DIODE TVS 170V 400W UNI 5% SMA DIODE TVS 17V 400W BIDIR 5% SMA SCR Thyristor; Thyristor Type:Standard Gate; Peak Repetitive Off-State Voltage, Vdrm:1000V; On-State RMS Current, IT(rms):65A; Peak Non Repetitive Surge Current, Itsm:950A; Gate Trigger Current Max, Igt:50uA RoHS Compliant: Yes DIODE TVS 100V 400W UNI 5% SMA DIODE TVS 10V 400W UNI 5% SMA DIODE TVS 30V 400W BIDIR 5% SMA NVRAM (EEPROM Based) DIODE TVS 120V 400W BIDIR 5% SMA DIODE TVS 300V 400W UNI 5% SMA DIODE TVS 36V 400W UNI 5% SMA DIODE TVS 130V 400W UNI 5% SMA DIODE TVS 180V 400W UNI 5% SMA DIODE TVS 18V 400W BIDIR 5% SMA DIODE TVS 200V 400W UNI 5% SMA DIODE TVS 150V 400W BIDIR 5% SMA NVRAM中(EEPROM的基础 DIODE TVS 20V 400W BIDIR 5% SMA NVRAM中(EEPROM的基础 DIODE TVS 400V 400W UNI 5% SMA NVRAM中(EEPROM的基础
|
ZETTLER electronics GmbH Electronic Theatre Controls, Inc.
|
P4KA6.8 P4KA7.5 P4KA7.5A P4KA6.8A P4KA9.1 P4KA10 P |
Automotive Transient Voltage Suppressors Peak Pulse Power 400W
|
VISAY[Vishay Siliconix]
|
1SMC8.0AT3 1SMC6.5AT3 1SMC26AT3 1SMC7.0AT3 |
1500 Watt Peak Power,Plastic Surface Mount,Zener Transient Voltage Suppressor(塑料表贴封装,峰值功500W,变位电.5V,齐纳瞬变电压抑制器) 1500 Watt Peak Power,Plastic Surface Mount,Zener Transient Voltage Suppressor(塑料表贴封装,峰值功500W,变位电6.5V,齐纳瞬变电压抑制器) 1500 Watt Peak Power,Plastic Surface Mount,Zener Transient Voltage Suppressor(塑料表贴封装,峰值功500W,变位电6V,齐纳瞬变电压抑制器) 1500 Watt Peak Power,Plastic Surface Mount,Zener Transient Voltage Suppressor(塑料表贴封装,峰值功500W,变位电7.0V,齐纳瞬变电压抑制器) 1500 Watt Peak Power,Plastic Surface Mount,Zener Transient Voltage Suppressor(塑料表贴封装,峰值功500W,变位电.0V,齐纳瞬变电压抑制器) 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE
|
ON Semiconductor
|
SMAJ12A-13-F SMAJ22A-13-F SMAJ45A-13-F SMAJ15A-13- |
400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 400 W, UNIDIRECTIONAL, SILICON, TVS DIODE 400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 400 W, BIDIRECTIONAL, SILICON, TVS DIODE
|
Diodes Inc. Diodes, Inc.
|
P4SMAJ220CA-T3 P4SMAJ180 P4SMAJ180A P4SMAJ180C P4S |
400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
|
WTE[Won-Top Electronics]
|
SMAT70A-13-F SMAT70A1 SMBT70A-13-F SMAT70A-1 |
400W, 600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
|
DIODES[Diodes Incorporated]
|
SMAJ33CA |
(SMAJ Series) 400W Surface Mount Transient Voltage Suppressor
|
TAITRON
|
SMAJ58A SMAJ90CA SMAJ100A SMAJ100CA SMAJ10A SMAJ10 |
Silicon Avalanche Diodes - 400W Surface Mount Transient Voltage Supressors
|
LITTELFUSE[Littelfuse]
|
MMBZ10VAL-7-F MMBZ5V6AL-7-F MMBZ5V6AL1 MMBZ9V1AL-7 |
24W AND 40W PEAK POWER DUAL SURFACE MOUNT TVS
|
Diodes Incorporated
|
SMDJ5.0A SMDJ6.0 SMDJ6.0A SMDJ7.0 SMDJ7.0A SMDJ7.5 |
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 170 Volts 3000 Watt Peak Pulse Power 表面贴装瞬态电压抑制电.070伏特000瓦峰值脉冲功 SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 170 Volts 3000 Watt Peak Pulse Power 表面贴装瞬态电压抑制电5.070伏特000瓦峰值脉冲功 SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 170 Volts 3000 Watt Peak Pulse Power 表面贴装瞬态电压抑制电.0170伏特000瓦峰值脉冲功
|
Electronic Theatre Controls, Inc.
|