PART |
Description |
Maker |
XR16M770IL24 |
1.62V TO 3.63V HIGH PERFORMANCE UART WITH 64-BYTE FIFO
|
Exar Corporation
|
XR16M2750IM48 XR16M2750IL32 XR16M2750IM48-F |
1.62V TO 3.63V HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
|
Exar Corporation
|
XR16M2751IM48 |
1.62V TO 3.63V HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
|
Exar Corporation
|
KU80960CA-16 KU80960CA-25 KU80960CA-33 |
32-bit high-performanc embedded processor 16MHz 32-bit high-performanc embedded processor 25MHz 32-bit high-performanc embedded processor 33MHz
|
Intel
|
XR16M554DIV64 XR16M554 XR16M554IV80 XR16M554D XR16 |
1.62V TO 3.63V QUAD UART WITH 16-BYTE FIFO
|
Exar Corporation
|
BF024G0473K-- BF024D0474K-- BF014E0102K-- BH054E01 |
KONDENSATOR POLYE RADI 47NF 250V RM5 KONDENSATOR POLYE RADI 470NF 63V RM5 ST5 KONDENSATOR POLYE RADI 1.0NF 100V RM5 KONDENSATOR POLYE RADI 1000NF 100V 5ST KONDENSATOR POLYE RADI 680NF 100V 5ST KONDENSATOR POLYE RADI 33NF 250V RM5 KONDENSATOR POLYE拉迪33NF 250V令吉 CAPACITOR 0.33UF 63V ((DS)) 电容0.33UF 63V((副) KONDENSATOR POLYE RADI 470NF 100V RM5 KONDENSATOR POLYE拉迪470NF 100V的令 KONDENSATOR POLYE RADI 100NF 63V RM5 ST5 KONDENSATOR POLYE拉迪100NF 63V令吉三颗 CAPACITOR 0.0022UF 63V ((DS)) 电容.0022UF 63V((副) KONDENSATOR POLYE RADI 1.0NF 63V RM5 ST5 KONDENSATOR POLYE拉迪1.0NF 63V令吉三颗 KONDENSATOR POLYE RADI 220NF 63V RM5 ST5 KONDENSATOR POLYE RADI 10NF 100V RM5 KONDENSATOR POLYE RADI 22NF 100V RM5
|
EPCOS AG TE Connectivity, Ltd. AVX, Corp.
|
10602220053620TR 10602220056020TR 10602220058020TR |
KONDENSATOR POLYESTER SMD 3.3NF 50V 5ST KONDENSATOR POLYESTER SMD 220NF 50V 5ST KONDENSATOR POLYESTER SMD 68NF 50V 5ST CAPACITOR 50V 0.0033UF ((NS)) KONDENSATOR POLYESTER SMD 1NF 50V 5ST KONDENSATOR POLYESTER SMD 1.5NF 50V 5ST KONDENSATOR POLYESTER SMD 10NF 50V 5ST KONDENSATOR POLYESTER SMD 100NF 50V 5ST KONDENSATOR POLYESTER SMD 4.7NF 50V 5ST KONDENSATOR POLYESTER SMD 6.8NF 50V 5ST KONDENSATOR POLYESTER SMD 150NF 50V 5ST KONDENSATOR POLYESTER SMD 15NF 50V 5ST KONDENSATOR POLYESTER SMD 47NF 50V 5ST KONDENSATOR POLYESTER SMD 22NF 50V 5ST KONDENSATOR POLYESTER SMD 2.2NF 50V 5ST KONDENSATOR POLYESTER SMD 10NF 63V 5ST KONDENSATOR POLYESTER SMD 33NF 63V 5ST KONDENSATOR POLYESTER SMD 47NF 63V 5ST KONDENSATOR POLYESTER SMD 150NF 63V 5ST KONDENSATOR POLYESTER SMD 220NF 63V 5ST KONDENSATOR POLYESTER SMD 15NF 63V 5ST KONDENSATOR POLYESTER SMD 22NF 63V 5ST KONDENSATOR POLYESTER SMD 68NF 63V 5ST KONDENSATOR POLYESTER SMD 100NF 63V 5ST KONDENSATOR POLYESTER SMD 330NF 63V 5ST KONDENSATOR POLYESTER SMD 33NF 50V 5ST KONDENSATOR涤纶贴片33NF 50V 5ST
|
Winbond Electronics, Corp.
|
Y5117XX-K1 Y5117XX-K5 Y5117XX-T2 Y5117XX-T1 Y5117P |
3.0V to 13.2V Input 0.7V to 3.63V Output
|
http:// Power-One
|
DCS04S0A0S06NFA DCM04S0A0S06NFA DCM04S0A0S06PFA DC |
Non-Isolated Point of Load DC/DC Power Modules: 2.4-5.5Vin 0.6-3.63V/6Aout
|
Delta Electronics, Inc.
|
F0402G0R15FNTR F0402G0R10FNTR F0402G0R20FNTR F0402 |
ELECTRIC FUSE, 0.15A, 32VAC, 32VDC, SURFACE MOUNT ELECTRIC FUSE, 0.1A, 32VAC, 32VDC, SURFACE MOUNT ELECTRIC FUSE, 0.2A, 32VAC, 32VDC, SURFACE MOUNT ELECTRIC FUSE, 0.075A, 32VAC, 32VDC, SURFACE MOUNT ELECTRIC FUSE, 0.125A, 32VAC, 32VDC, SURFACE MOUNT ELECTRIC FUSE, 0.062A, 32VAC, 32VDC, SURFACE MOUNT ELECTRIC FUSE, 0.05A, 32VAC, 32VDC, SURFACE MOUNT PC Board Fuse; Current Rating:0.25A; Voltage Rating:63V; Fuse Terminals:SMT Caps; Leaded Process Compatible:No; Package/Case:1206; Peak Reflow Compatible (260 C):No; Reel Quantity:3000; Series:F1206; Voltage Rating:63V RoHS Compliant: No PC Board Fuse; Current Rating:2A; Voltage Rating:63V; Fuse Terminals:SMT Caps; Leaded Process Compatible:No; Package/Case:1206; Peak Reflow Compatible (260 C):No; Reel Quantity:3000; Series:F1206; Voltage Rating:63V RoHS Compliant: No
|
AVX, Corp. AVX CORP
|
GS9023-CFY |
Aluminum Electrolytic Radial Leaded Bi-Polar Capacitor; Capacitance: 100uF; Voltage: 63V; Case Size: 12.5x20 mm; Packaging: Bulk 嵌入式音频编解码 Embedded Audio CODEC
|
Vishay Intertechnology, Inc. Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers
|