PART |
Description |
Maker |
AT90CAN128 AT90CAN128-16MI AT90CAN128-16AE AT90CAN |
8-bit Microcontroller with 128K Bytes of ISP Flash and CAN Controller 8-BIT, FLASH, 16 MHz, RISC MICROCONTROLLER, QCC64 8-bit Microcontroller with 128K Bytes of ISP Flash and CAN Controller 8位微控制器集成有128KB的ISP的闪存控制器CAN字节 Closed End Wire Splice; Color:Tan/Yellow; Wire Size (AWG):2 #22 to 3 #12; Contact Material:Spring Steel; Pack Quantity:100; Series:T/Y ; Terminal Type:Insulated IDC Electrical Spring
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
466130 |
8-bit Microcontroller with 64/128K Bytes of ISP Flash
|
ATMEL Corporation
|
ATMEGA644PA ATMEGA164PA ATMEGA164PA-AU ATMEGA164PA |
8-bit Microcontroller with 16/32/64/128K Bytes In-Sytem Programmable Flash
|
ATMEL Corporation
|
ATMEGA12809 |
8-bit Microcontroller with 128K Bytes In-System Programmable Flash
|
ATMEL Corporation
|
ATMEGA128A09 |
8-bit Microcontroller with 128K Bytes In-System Programmable Flash
|
ATMEL Corporation
|
AT90CAN128 |
8-bit AVR Microcontroller with 128K Bytes of ISP Flash and CAN Controller.
|
Atmel
|
ATMEGA2560-16CU ATMEGA2560-16AU ATMEGA2560V-8AU AT |
8-BIT MICROCONTROLLER WITH 64K/128K/256K BYTES IN-SYSTEM PROGRAMMABLE FLASH
|
ATMEL[ATMEL Corporation]
|
MBM29F200BA12 MBM29F200TA12 |
2M (256K×8/128K×16) Bit Flash Memory(V 电源电压256K×8/128K×16闪速存储器) 200万(256K × 8/128K × 16)位快闪记忆体(V的电源电56K × 8/128K × 16闪速存储器 2M (256K?8/128K?16) Bit Flash Memory(??V ?垫??靛?256K?8/128K?16???瀛???ī
|
Fujitsu, Ltd. Fujitsu Limited
|