Part Number Hot Search : 
BY396 IRGPC30 ST150 BY396 G240128 4738A AN238 BC848
Product Description
Full Text Search

3SCV5012H1 - Long-life Haif-size Industrial Relay POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.03A (COIL), 35VDC (COIL), 1050mW (COIL), PANEL MOUNT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.06A (COIL), 20VDC (COIL), 1200mW (COIL), PANEL MOUNT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.1A (COIL), 12VDC (COIL), 1200mW (COIL), PANEL MOUNT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.04A (COIL), 30VDC (COIL), 1200mW (COIL), PCB MOUNT-STRAIGHT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.05A (COIL), 23VDC (COIL), 1150mW (COIL), PANEL MOUNT

3SCV5012H1_4599538.PDF Datasheet

 
Part No. 3SCV5012H1 3SCV5534D1 3SCV5012A1 3SCV5012B1 3SCV5012C1 3SCV5012D1 3SCV5012E1 3SCV5012F1 3SCV5012K1 3SCV5012L1 3SCV5012M1 3SCV5014A1 3SCV5014B1 3SCV5014C1 3SCV5014D1 3SCV5014E1 3SCV5014F1 3SCV5014H1 3SCV5014K1 3SCV5014L1 3SCV5014M1 3SCV5042A1 3SCV5042B1 3SCV5042C1 3SCV5042D1 3SCV5042E1 3SCV5042F1 3SCV5042H1 3SCV5042K1 3SCV5532D1 3SCV5532B1
Description Long-life Haif-size Industrial Relay
POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.03A (COIL), 35VDC (COIL), 1050mW (COIL), PANEL MOUNT
POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.06A (COIL), 20VDC (COIL), 1200mW (COIL), PANEL MOUNT
POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.1A (COIL), 12VDC (COIL), 1200mW (COIL), PANEL MOUNT
POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.04A (COIL), 30VDC (COIL), 1200mW (COIL), PCB MOUNT-STRAIGHT
POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.05A (COIL), 23VDC (COIL), 1150mW (COIL), PANEL MOUNT

File Size 223.11K  /  2 Page  

Maker


Tyco Electronics



Homepage http://www.macom.com
Download [ ]
[ 3SCV5012H1 3SCV5534D1 3SCV5012A1 3SCV5012B1 3SCV5012C1 3SCV5012D1 3SCV5012E1 3SCV5012F1 3SCV5012K1 3 Datasheet PDF Downlaod from Datasheet.HK ]
[3SCV5012H1 3SCV5534D1 3SCV5012A1 3SCV5012B1 3SCV5012C1 3SCV5012D1 3SCV5012E1 3SCV5012F1 3SCV5012K1 3 Datasheet PDF Downlaod from Maxim4U.com ] :-)


[ View it Online ]   [ Search more for 3SCV5012H1 ]

[ Price & Availability of 3SCV5012H1 by FindChips.com ]

 Full text search : Long-life Haif-size Industrial Relay POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.03A (COIL), 35VDC (COIL), 1050mW (COIL), PANEL MOUNT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.06A (COIL), 20VDC (COIL), 1200mW (COIL), PANEL MOUNT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.1A (COIL), 12VDC (COIL), 1200mW (COIL), PANEL MOUNT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.04A (COIL), 30VDC (COIL), 1200mW (COIL), PCB MOUNT-STRAIGHT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.05A (COIL), 23VDC (COIL), 1150mW (COIL), PANEL MOUNT


 Related Part Number
PART Description Maker
CD29DHR Small Size Long Useful Life High Ripple Current Industrial Power Supplies and Inverters
Jianghai Europe GmbH
1.5WATTVY-L Correspond to Analog Ciruits, Ultra Low Noise 8mVp-p Small Size, Long-Life, Isolated Type DC-DC Converter
Volgen Kaga Electronics Inc.
EETHC1C123HA EET-HC2C102HA EETHC1C103HA EETHC1E123 Long life with high capacitance (30% smaller than HB series)
Long life with high capeacitance 2 and 3 pin versions available RoHS compliant PVC and RoHS compliant PETsleeve options
Panasonic Semiconductor
MSJ150 a long service life battery up to 20years expected life under normal float charge
CSB Battery Co., Ltd.
MSJ650 a long sevice life battery up to 20years expected life under normal float charge
CSB Battery Co., Ltd.
MSV500 a long service life battery up to 15years expected life under normal float charge
CSB Battery Co., Ltd.
SF Precision Rotative Transducers, Conductive Plastic, Servo Mounting, Size 08 to 30, Excellent Repeatability, Long Life, Essentially Infinite Resolution, Up to 6 Electrical Functions with the Same Shaft
Vishay
NT90TPHBSDC3VCB0.9 NT90TPHCSDC3VCB0.6 NT90TPHCSDC3 Small size, light weight. Low coil power consumption, heavy contact load. Strong anti-shock and anti-vibration, high reliability, long life.
http://
DB Lectro Inc.
DBLECTRO[DB Lectro Inc]
K4C89183AF K4C89083AF-GIFB K4C89083AF-AIFB K4C8909 288Mb x18 Network-DRAM2 Specification 288Mb x18网络DRAM2规范
Aluminum Electrolytic Radial Lead High Ripple, Long Life Capacitor; Capacitance: 100uF; Voltage: 250V; Case Size: 16x31.5 mm; Packaging: Bulk
Aluminum Electrolytic Radial Lead High Ripple, Long Life Capacitor; Capacitance: 33uF; Voltage: 250V; Case Size: 12.5x20 mm; Packaging: Bulk
JT 55C 55#22M PIN PLUG
JT 8C 8#16 PIN PLUG
Thyristor / Diode Module; Repetitive Reverse Voltage Max, Vrrm:2200V; Current, It av:430A; Gate Trigger Voltage Max, Vgt:3V; Gate Trigger Current Max, Igt:200mA; Package/Case:LD43; di/dt:200A/ s RoHS Compliant: Yes
JT 55C 55#22 SKT PLUG
Samsung Semiconductor Co., Ltd.
SAMSUNG SEMICONDUCTOR CO. LTD.
ROT-116 ROT-200 Precision Rotative Transducers, Laws: Sine and Cosine/Sine Only/Cosine Only, Size 11-20, Continuous Measure on 360 Degrees, Long Life, Bushing or Servo Mounting
Vishay
 
 Related keyword From Full Text Search System
3SCV5012H1 integrated gigabit 3SCV5012H1 package 3SCV5012H1 price 3SCV5012H1 ic中文资料网 3SCV5012H1 Electronics
3SCV5012H1 outputs 3SCV5012H1 quad op amp 3SCV5012H1 电子元件中文资料网站 3SCV5012H1 Planar 3SCV5012H1 complimentary
 

 

Price & Availability of 3SCV5012H1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.18293404579163