PART |
Description |
Maker |
VKO55-14IO7 VKO55-16IO7 VKO55-12IO7 VGO55-08IO7 VG |
Single Phase Rectifier Bridge 41 A, 1600 V, SCR Single Phase Rectifier Bridge 41 A, 1400 V, SCR Single Phase Rectifier Bridge 41 A, 1200 V, SCR Single Phase Rectifier Bridge 41 A, 800 V, SCR Power Modules/Rectifier Bridge Modules: Single Phase Half-control Bridges / Single Phase, Full-control Rectifier Bridges
|
IXYS, Corp. IXYS[IXYS Corporation]
|
ISD4002-120 ISD4002-120E ISD4002-120ED ISD4002-120 |
Single-Chip Voice Record/Playback Devices 120-, 150-, 180-, and 240-Second Durations 单芯片语音记播放设备120 - 50 - 180 -40秒持续时 Single-Chip Voice Record/Playback Device(Single-chip Durations of 120 seconds)(单片的录录音重放一片信息存储持续时120秒)) 单芯片语音记播放设备(单芯片的持续时120秒)(单片的录音/录音重放器(一片信息存储持续时120秒) Single-Chip Voice Record/Playback Devices 120-, 150-, 180-, and 240-Second Durations 单芯片语音记播放设备120 - 150 - 180 -240秒持续时 Single-Chip Voice Record/Playback Devices 120-, 150-, 180-, and 240-Second Durations 单芯片语音记播放设备120 - 150 - 80 -40秒持续时 Single-Chip Voice Record/Playback Devices 120-, 150-, 180-, and 240-Second Durations 单芯片语音记播放设备120 - 50 - 80 -240秒持续时 Single-Chip Voice Record/Playback Devices 120-, 150-, 180-, and 240-Second Durations 单芯片语音记播放设备120 - 50 - 80 -40秒持续时 Single-Chip Voice Record/Playback Devices 120-/ 150-/ 180-/ and 240-Second Durations
|
Winbond Electronics, Corp. Electronic Theatre Controls, Inc. ETC List of Unclassifed Manufacturers
|
VHF125 VHF125-12IO7 VHF125-14IO7 VHF125-16IO7 VHF8 |
Half Controlled Single Phase Rectifier Bridge, B2HKF 58 A, 1200 V, SCR Half Controlled Single Phase Rectifier Bridge with Freewheeling Diode(VRRM200-1600V的半桥控制单相位整流带自由滑动的二极管)) Half Controlled Single Phase Rectifier Bridge/ B2HKF Power Modules/Rectifier Bridge Modules: Single Phase Half-control Bridges / Single Phase, Full-control Rectifier Bridges
|
IXYS, Corp. IXYS[IXYS Corporation]
|
VHF15-16IO5 VHF15-08IO5 VHF15-12IO5 VHF15-14IO5 VH |
Power Modules/Rectifier Bridge Modules: Single Phase Half-control Bridges / Single Phase, Full-control Rectifier Bridges From old datasheet system Half Controlled Single Phase Rectifier Bridge(VRRM00-1600V的半桥控制单相位整流 Insulation Displacement (IDC) Connector; No. of Contacts:60; Contact Termination:IDC; Gender:Female; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Pitch Spacing:0.05" RoHS Compliant: Yes 15 A, 800 V, SCR Half Controlled Single Phase Rectifier Bridge 15 A, 1200 V, SCR
|
IXYS[IXYS Corporation] IXYS, Corp.
|
FAN8461GX FAN8461G |
DC Cooling Fan Single phase driver Single Phase Full Wave BLDC Motor Driver
|
FAIRCHILD[Fairchild Semiconductor]
|
1W005 1W10 1W06 1W08 1W01 1W02 1W04 1W010 |
Single phase 1.0 A silicon bridge rectifier. Max recurrent peak reverse voltage 1000 V. SINGLE PHASE 1.0 AMP SILICON BRIDGE RECTIFIERS SINGLEPHASE1.0AMPSILICONBRIDGERECTIFIERS 16-PIN,DIP,0.3''''WIDE,STAMPED,TIN
|
JGD[Jinan Gude Electronic Device] JinanGudeElectronicDevice 济南固锝电子器件有限公司
|
VBO36-12NO8 VBO20-16NO2 VBE20-20NO1 FBO40-12N VBO6 |
3 PHASE, 30 A, 1200 V, SILICON, BRIDGE RECTIFIER DIODE 31 A, 1600 V, SILICON, BRIDGE RECTIFIER DIODE Single Phase Rectifier Bridge with Fast Recovery Epitaxial Diodes (FRED) 20 A, 2000 V, SILICON, BRIDGE RECTIFIER DIODE Single Phase Rectifier Bridgein ISOPLUS i4-PAC-TM 40 A, 1200 V, SILICON, BRIDGE RECTIFIER DIODE Single Phase Rectifier Bridge 65 A, 1800 V, SILICON, BRIDGE RECTIFIER DIODE
|
IXYS, Corp. IXYS CORP
|
NCP6121S52MNR2G |
Dual Output 3 Phase 1/0 Phase Controller with Single SVID Interface for Desktop and Notebook CPU Applications
|
ON Semiconductor
|
NCP6132ADMNR2G NCP6132AMNR2G NCP6132BMNR2G |
Dual Output 3 Phase & 2 Phase Controller with Single SVID Interface for Desktop and Notebook CPU Applications
|
ON Semiconductor
|