PART |
Description |
Maker |
ST72361 ST7236107 ST72F361 |
8-bit MCU with Flash or ROM, 10-bit ADC, 5 timers, SPI, 2x LINSCI(具有ICP,IAP,Nested Interrupt,TLI,ROP,带LIN功能位MCU) 8-bit MCU with Flash or ROM, 10-bit ADC, 5 timers, SPI, 2x LINSCI垄芒
|
意法半导 STMicroelectronics
|
ST72321R6T1 ST72321AR6TC ST72321R6T6 ST72321R6T5 S |
64/44-PIN 8-BIT MCU WITH 32 TO 60K FLASH/ROM, ADC,FIVE TIMERS, SPI, SCI, I2C INTERFACE 64/44-PIN 8位微控制32点,0,000闪存/ ROM,ADC的,5个定时器,SPI和SCI的I2C接口 64/44-PIN 8-BIT MCU WITH 32 TO 60K FLASH/ROM, ADC,FIVE TIMERS, SPI, SCI, I2C INTERFACE 64/44-PIN 8位微控制2点,0,000闪存/ ROM,ADC的,5个定时器,SPI和SCI的I2C接口
|
意法半导 STMicroelectronics N.V.
|
ST72F361AR9T6 ST72F361AR6T3 ST72F361AR6T6 ST72P361 |
8-BIT MCU WITH FLASH OR ROM, 10-BIT ADC, 5 TIMERS, SPI, 2x LINSCI
|
STMICROELECTRONICS[STMicroelectronics]
|
ST72262G2 ST72262G1 ST72260G1 ST72F264G2M6 ST72264 |
8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
|
STMicroelectronics
|
ST72324BK2 ST72F324BK2B5 ST72F324BK2B6 ST72F324BK2 |
8-bit MCU, 3.8 to 5.5 V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI
|
STMicroelectronics
|
ST72324LXX ST72324LK2 ST72324LK4 ST72324LK6 ST7232 |
3V range 8-bit MCU with 8 to 32K Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI interface
|
STMicroelectronics
|
UAA2050T |
8-bit MCU for automotive, 3.8 to 5.5V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI
|
|
ST72561J6 ST72561J9 ST72561K9 ST72561R9 ST72F561J6 |
ST72561 - 8-BIT MCU WITH FLASH OR ROM, 10-BIT ADC, 5 TIMERS, SPI, LINSCI(TM), ACTIVE CAN (DATA BRIEFING)
|
ST Microelectronics
|
ST72215GX-AUTO ST72216GX-AUTO |
8-bit MCU for automotive with single voltage Flash/ROM memory, ADC, 16-bit timers, SPI, I2C interfaces
|
STMicroelectronics
|
ST72621J2B1 ST72621J2T1L ST72621L4M1 ST72621J4T1L |
LOW SPEED USB 8-BIT MCU WITH 3 ENDPOINTS, FLASH OR ROM MEMORY, LVD, WDG, 10-BIT ADC, 2 TIMERS, SCI, SPI
|
ST Microelectronics SGS Thomson Microelectronics
|
BUV18X |
Bipolar NPN Device in a Hermetically sealed TO3 8-bit MCU with Flash or ROM, 10-bit ADC, 5 timers, SPI, 2x LINSCI"
|
Seme LAB
|
|