PART |
Description |
Maker |
CS8151 CS8151YDPS7 CS8151YDPSR7 CS8151YDWF16 CS815 |
5V, 100mA Low Dropout Linear Regulator with WATCHDOG, RESET, & WAKE UP 5V, 100mA Low Dropout Linear Regulator with WATCHDOG, RESET, & WAKE UP 5V的,100mA的低压差线性稳压器,带有看门狗,复位,
|
Cherry Semiconductor Co... CHERRY[Cherry Semiconductor Corporation] ZF Electronics Corporation ZF Electronics, Corp.
|
CS8151YDWFR16 CS8151YDWF16 CS8151CGN8 CS8151YNF16 |
5V, 100mA Low Dropout Linear Regulator with WATCHDOG, RESETbar, & WAKE UP; Package: SO-16 WB; No of Pins: 16; Container: Tape and Reel; Qty per Container: 1000 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO16 5V, 100mA Low Dropout Linear Regulator with WATCHDOG, RESETbar, & WAKE UP; Package: SO-16 WB; No of Pins: 16; Container: Rail; Qty per Container: 47 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO16 5V, 100mA Low Dropout Linear Regulator with WATCHDOG, RESETbar, & WAKE UP; Package: 8 LEAD PDIP; No of Pins: 8; Container: Rail; Qty per Container: 50 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDIP8 5V, 100mA Low Dropout Linear Regulator with WATCHDOG, RESETbar, & WAKE UP; Package: PDIP-16; No of Pins: 16; Container: Rail; Qty per Container: 25 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDIP16
|
ON Semiconductor Linear Technology, Corp.
|
LT3020EMS8PBF LT3020IMS8-1.2 LT3020EMS8-1.2PBF LT3 |
100mA, Low Voltage, Very Low Dropout Linear Regulators; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 125°C 0.2 V-9.5 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.285 V DROPOUT, PDSO8 100mA, Low Voltage, Very Low Dropout Linear Regulators; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 85°C 1.2 V FIXED POSITIVE LDO REGULATOR, 0.285 V DROPOUT, PDSO8 100mA, Low Voltage, Very Low Dropout Linear Regulators; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 125°C 1.2 V FIXED POSITIVE LDO REGULATOR, 0.285 V DROPOUT, PDSO8 100mA, Low Voltage, Very Low Dropout Linear Regulators; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C 1.2 V FIXED POSITIVE LDO REGULATOR, 0.285 V DROPOUT, PDSO8 100mA, Low Voltage, Very Low Dropout Linear Regulators; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C 1.8 V FIXED POSITIVE LDO REGULATOR, 0.285 V DROPOUT, PDSO8 LP3852/LP3855 1.5A Fast Response Ultra Low Dropout Linear Regulators; Package: SOT-223; No of Pins: 5 1.5 V FIXED POSITIVE LDO REGULATOR, 0.285 V DROPOUT, PDSO8 100mA, Low Voltage, Very Low Dropout Linear Regulators; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C 1.5 V FIXED POSITIVE LDO REGULATOR, 0.285 V DROPOUT, PDSO8 100mA, Low Voltage, Very Low Dropout Linear Regulator 1.2 V FIXED POSITIVE LDO REGULATOR, 0.285 V DROPOUT, PDSO8 100mA, Low Voltage, Very Low Dropout Linear Regulators; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C 0.2 V-9.5 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.285 V DROPOUT, PDSO8
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
RT9058-25GV RT9058-25GVL RT9058-30GV RT9058-33GV R |
36V, 2A IQ, 100mA Low Dropout Voltage Linear Regulator
|
Richtek Technology Corporation
|
UM1431Y-22 UM1431S-31 UM1431S-34 UM1431S-24 UM1431 |
30V Input, 100mA Current Limit, Micropower Linear Regulator 30V Input, 100mA Current Limit, Micropower Linear Regulator
|
Union Semiconductor, In...
|
CS9201YDF8G |
Micropower 5.0 V, 100mA Low Dropout Linear Regulator with NOCAP; Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Rail; Qty per Container: 98 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO8
|
ON Semiconductor
|
MAX4833ETT28D1-T MAX4833ETT18D1-T MAX4832ETT25C-T |
100mA LDO Linear Regulators with Current-Limiting Switch 2.8 V FIXED POSITIVE LDO REGULATOR, 0.13 V DROPOUT, DSO6 100mA LDO Linear Regulators with Current-Limiting Switch 1.8 V FIXED POSITIVE LDO REGULATOR, 0.13 V DROPOUT, DSO6 100mA LDO Linear Regulators with Current-Limiting Switch 2.5 V FIXED POSITIVE LDO REGULATOR, 0.13 V DROPOUT, DSO6 2.8 V FIXED POSITIVE LDO REGULATOR, 0.13 V DROPOUT, PDSO6 3 V FIXED POSITIVE LDO REGULATOR, 0.13 V DROPOUT, PDSO6
|
Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
LT3060HTS8TRPBF LT3060HTS8-1.2TRPBF LT3060HTS8-1.5 |
45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
|
Linear Technology
|
LBKD LAEX LBKC LBKF |
100mA, Low Voltage, Very Low Dropout Linear Regulator
|
Linear Technology Corporation
|
MAX1792 MAX1792EUA MAX1792EUA15 MAX1792EUA18 MAX17 |
500mA, Low-Dropout Linear Regulator in µMAX FIXED/ADJUSTABLE POSITIVE LDO REGULATOR, 0.225 V DROPOUT, PDSO8 500mA Low-Dropout Linear Regulator in uMAX 500mA Low-Dropout Linear Regulator in MAX 500mA Low-Dropout Linear Regulator in レMAX
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
ADP3308 ADP3308ART-27 ADP3308ART-285 ADP3308ART-29 |
anyCAP?/a> 50 mA Low Dropout Linear Regulator anyCAP⑩ 50 mA Low Dropout Linear Regulator anyCAP 50 mA Low Dropout Linear Regulator anyCAP50 mA Low Dropout Linear Regulator AB 9C 1#12 8#16 SKT RECP Circular Connector; No. of Contacts:3; Series:; Body Material:Aluminum Alloy; Connecting Termination:Solder; Connector Shell Size:20; Circular Contact Gender:Pin; Circular Shell Style:Cable Receptacle; Insert Arrangement:20-19 RoHS Compliant: No
|
AD[Analog Devices] Analog Devices, Inc.
|
CS8391 CS8391YDPR5 CS8391YDP5 |
5V/250mA/ 5V/100mA Micropower Low Dropout Regulator with ENABLE 5V/250mA, 5V/100mA Micropower Low Dropout Regulator with ENABLE Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 无电容,NMOS管,150mA的低压差稳压器的反向电流保护
|
CHERRY[Cherry Semiconductor Corporation] ZF Electronics, Corp.
|
|