PART |
Description |
Maker |
HFM203-S |
Chip High Effciency Rectifiers
|
Formosa MS
|
MURA260BG MURA2100BG MURA210BG MURA220BG |
(MURA205BG - MURA2100BG) 2.0A Surface Mount High Effciency Rectifiers
|
American First Semiconductor
|
TPC8018-H |
High-Speed and High-Effciency DC/DC Converter Applications Notebook PC Applications Portable-Equipment Applications
|
Toshiba Semiconductor
|
FHFM305 PHFM301 PHFM302 PHFM303 PHFM304 PHFM306 PH |
3.0A Surface Mount High Effciency Rectifiers -50V - 1000V
|
PACELEADER INDUSTRIAL
|
TPCA8045-H |
High-Effciency DC-DC Converter Applications Notebook PC Applications Portable Equipment Applications
|
Toshiba Semiconductor
|
TPC8A07-H |
HIgh Effciency DC-DC Converter Applications Notebook PC Applications Portable-Equipment Applications
|
Toshiba Semiconductor
|
FE8A60 |
Effciency Fast Rectifiers
|
Formosa MS
|
5962-8752805SX 5962-8752804RX 5962-8752804SX 5962- |
10µA, Low-Dropout, Precision Voltage Reference Dual, High-Efficiency, Step-Down Controller with High Impedance in Shutdown 500kHz Multi-Output Power-Supply Controllers with High Impedance in Shutdown TFT-LCD Step-Up DC-DC Converter 保险丝,可编程的PLD
|
Vishay Intertechnology, Inc.
|
RT9901 RT9901GQV RT9901PQV |
4 Channel DC/DC Converters IC with High-Efficiency Step-Up and Step-Down
|
Richtek Technology Corporation
|
ADP1148-3.3 ADP1148-5 ADP1148AN-3.3 ADP1148AR-3.3 |
InputV: 0.3-20V; 50mA; high efficiency synchronous step-down switching regulator. For notebook and palmtop computers, portable instrumnets, battery operated digital devices 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C High Efficiency Synchronous Step-Down Switching Regulators(高效率同步步降开关稳压器)
|
Analog Devices, Inc.
|
LTC1911-1.8 LTC1911-1.5 LTC1911EMS8-1.5PBF LTC1911 |
Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 125°C SWITCHED CAPACITOR REGULATOR, 1800 kHz SWITCHING FREQ-MAX, PDSO8 250mA Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|