PART |
Description |
Maker |
T-11-1250-D3-SSCG5 T-11-1250-D3-SLC T-11-1250-D3-S |
1.25Gbps PIN-TIA Receiver Modules-ROSA (3.3V)
|
Source Photonics, Inc.
|
MCD-3T4C-313 |
1.25 Gbps PIN-TIA (1310nm) 3.3V & 5V
|
Unity Opto Technology
|
MCD-3T4C-113 |
622 Mbps PIN-TIA (1310nm) 3.3V & 5V
|
Unity Opto Technology
|
PPA1515-155-A-FP PPA1515-155-D-DN PPA1515-622-A-FP |
Pigtailed PIN-PREAMP 尾纤的PIN前级放大
|
Mitsubishi Electric, Corp. Agilent(Hewlett-Packard)
|
G10447-51 |
GaAs PIN photodiode with preamp
|
Hamamatsu Photonics
|
FRM3Z121LT FRM3Z121KT |
InGaAs-PIN/Preamp Receiver
|
EUDYNA[Eudyna Devices Inc]
|
G9843-32 G9843-21 G9843-22 G9843 |
GaAs PIN photodiode with preamp
|
Hamamatsu Photonics Hamamatsu Corporation
|
G10518-51 G10518-54 |
InGaAs PIN photodiode with preamp
|
Hamamatsu Corporation
|
C-15-F04P-NLCH-G5 C-13-F04P-NLCH-G5 C-15-F04P-NLCH |
1550nm Emitting , 1310nm Receiving (PIN-TIA, 3.3V), Bi-directional Diplexer Optical Module
|
List of Unclassifed Manufacturers Source Photonics, Inc. ETC
|
C-15-13-F02-BD-NLCM |
1550nm Emitting ,1310nm Receiving (PIN-TIA, 3.3V), Bi-directional Diplexer Optical Module
|
Source Photonics, Inc.
|
ZL60003TBD ZL60006TED ZL60006_TDD ZL60006_TBD ZL60 |
1310 nm, 1550 nm 622 Mbps PIN with preamplifier. RCLED 650 nm, Plastic Optical Fiber Communications - 125 to 250 Mbps 1310 nm, 1550 nm 2.5 Gbps PIN with Preamplifier 1310nm, 1550nm 622Mbps PIN with Preamplifier
|
ZARLINK[Zarlink Semiconductor Inc]
|
C-14-13-D06-BD-SLCL-G5 C-14-13-D06-BD-SLCL-GR C-14 |
1490nm Emitting(DFB) , 1310nm Receiving (PIN-TIA, 3.3V), Bi-directional Diplexer Optical Module
|
Source Photonics, Inc.
|