PART |
Description |
Maker |
DM74ALS576SJX DM74ALS576A DM74ALS576A_04 DM74ALS57 |
ALS SERIES, 8-BIT DRIVER, INVERTED OUTPUT, PDIP20 Octal D-Type Edge-Triggered Flip-Flop with 3-STATE Outputs Octal D-Type Edge-Triggered Flip-Flops with 3-STATE Outputs
|
FAIRCHILD SEMICONDUCTOR CORP FAIRCHILD[Fairchild Semiconductor]
|
M27V256 M27V256-100B1TR M27V256-100B6TR M27V256-10 |
NND - 256 KBIT (32KB X8) LOW VOLTAGE UV EPROM AND OTP EPROM 2 Mbit 256Kb x 8 Low Voltage UV EPROM and OTP EPROM 256 Kbit 32Kb x 8 Low Voltage UV EPROM and OTP EPROM 256 Kbit (32Kb x 8) Low Voltage UV EPROM and OTP EPROM From old datasheet system 2.5-V/3.3-V 16-Bit Edge-Triggered D-Type Flip-Flops With 3-State Outputs 48-SSOP -40 to 85 2.5-V/3.3-V 16-Bit Edge-Triggered D-Type Flip-Flops With 3-State Outputs 56-BGA MICROSTAR JUNIOR -40 to 85 2.5-V/3.3-V 16-Bit Transparent D-Type Latches With 3-State Outputs 56-BGA MICROSTAR JUNIOR -40 to 85 2.5-V/3.3-V 18-Bit Universal Bus Transceiver With 3-State Outputs 56-SSOP -40 to 85 2.5-V/3.3-V 16-Bit Edge-Triggered D-Type Flip-Flops With 3-State Outputs 48-TSSOP -40 to 85 256千位2KB × 8低压紫外线可擦写可编程只读存储器和OTP存储
|
SGS Thomson Microelectronics ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
74LVCH16374DGG |
2.5 V/3.3 V 16-bit edge-triggered D-type flip-flop; 3-state
|
NXP Semiconductors
|
74LVT16374A 74LVT16374A_4 |
3.3V LVT 16-bit edge-triggered D-type From old datasheet system
|
Philips
|
74LVT16374A 74LVT16374ADGG 74LVT16374ADL VT16374AD |
3.3V LVT 16-bit edge-triggered D-type flip-flop 3-State
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
IDT74LVC162374A 74LVC162374A_DS_37074 |
From old datasheet system 3.3V CMOS 16-BIT EDGE-TRIGGERED D-TYPE FLIPFLOP
|
IDT
|
DM74ALS874B DM74ALS874BNT DM74ALS874BWM |
Dual 4-Bit D-Type Edge-Triggered Flip-Flop with 3-STATE Outputs
|
FAIRCHILD[Fairchild Semiconductor]
|
DM74AS874 DM74AS874NT DM74AS874WM |
From old datasheet system Dual 4-Bit D-Type Edge-Triggered Flip-Flop
|
Fairchild Semiconductor
|
74LVT32374 74LVT32374_1 74LVT32374EC |
74LVT32374; 3.3 V 32-bit edge-triggered D-type flip-flop; 3-state From old datasheet system
|
Philips
|
DM74ALS874B DM74ALS874B01 DM74ALS874BWM DM74ALS874 |
From old datasheet system Dual 4-Bit D-Type Edge-Triggered Flip-Flop with 3-STATE Outputs
|
FAIRCHILD[Fairchild Semiconductor]
|
KBPC5000F KBPC5001F KBPC5010F KBPC5012F KBPC5008F |
16-Bit Edge-Triggered D-Type Flip-Flops With 3-State Outputs 48-TSSOP -40 to 85 Silicon-Bridge Rectifiers
|
SEMIKRON[Semikron International]
|