PART |
Description |
Maker |
DS2760TA-025 DS2760T-025 DS2760EA-025 DS2760XA-025 |
High Precision Li-Ion Battery Monitor 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO16 128 x 128 pixel format, LED or EL Backlight available 122 x 32 pixel format, LED or EL Backlight available
|
http:// DALLAS SEMICONDUCTOR
|
A29L400UG-90U A29L400UV-90U A29L400TM-90 A29L400TM |
512K X 8 Bit / 256K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory 12k × 8 256 × 16位的CMOS 3.0伏只,引导扇区闪 240 x 128 pixel format, LED or EL Backlight 128 x 64 pixel format, LED Backlight available Replaced by PT78ST109 : 9Vout 1.5A Wide Input Positive Step-Down ISR 3-SIP MODULE -40 to 85 CARRY CASE FOR 300 SERIES DMM 640 x 480 pixel format, CCFL Backlight
|
http:// AMIC Technology, Corp. AMIC Technology Corporation
|
GS300T48-5E GS300T48-5 |
128 x 128 pixel format, LED or EL Backlight available 300W DC-DC CONVERTER
|
意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
DS1340C-3 DS1340C-18 DS1340U-33 DS1340U-18 DS1340C |
I2C RTC with Trickle Charger 128 x 128 pixel format, LED or EL Backlight available REAL TIME CLOCK, PDSO8
|
Maxim Integrated Produc... MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc.
|
HEDM-6500-T08 HEDM-6500-U13 HEDM-6500-T06 HEDM-650 |
128 x 128 pixel format, LED or EL Backlight available Large Diameter (56 mm), Housed Two and Three Channel Optical Enco 大口径(56毫米),外套二及中三通道光学恩科 240 x 64 pixel format, CFL, LED, or EL Backlight available 大口径(56毫米),外套二及中三通道光学恩科 SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER
|
Agilent(Hewlett-Packard) Agilent Technologies, Inc. NXP Semiconductors N.V. AGILENT TECHNOLOGIES INC Agilent(Hewlett-Packard...
|
Q67050-T0009 BSP300 Q67050-T0017 |
SIPMOS Small-Signal Transistor (N channel Enhancement mode Avalanche rated) 128 x 128 pixel format, LED or EL Backlight available
|
Siemens Semiconductor G... SIEMENS[Siemens Semiconductor Group] SIEMENS AG
|
AT93C56A AT93C56A-10PI-1.8 AT93C56A-10PI-2.7 AT93C |
16 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor 128 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8 24 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor 128 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8 240 x 128 pixel format, CFL Backlight with power harness 128 x 64 pixel format, LED or EL Backlight available ER 4C 4#16 SKT PLUG Circular Connector; No. of Contacts:4; Series:; Body Material:Aluminum Alloy; Connecting Termination:Solder; Connector Shell Size:22; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:22-10 RoHS Compliant: No 3-wire Serial EEPROMs 2K (256 x 8 or 128 x 16)
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
QM100TX1-H QM100 |
HIGH POWER SWITCHING USE INSULATED TYPE 240 x 128 pixel format, LED or EL Backlight
|
Mitsubishi Electric Sem... MITSUBISHI[Mitsubishi Electric Semiconductor] Mitsubishi Electric Corporation
|
CXK5V16100TM-10LLX CXK5V16100TM-85LLX CXK5V16100TM |
128 x 64 pixel format, LED Backlight available 65536-word X 16-bit High Speed CMOS Static RAM
|
SONY[Sony Corporation]
|
S110-T3 S110-T1 SK14-T1 SK19-T3 SK12 SK12-T1 SK12- |
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER 安培表面贴装肖特基整 128 x 128 pixel format, LED or EL Backlight available 1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
|
Won-Top Electronics Co., Ltd. WTE[Won-Top Electronics]
|