PART |
Description |
Maker |
MIC7111 MIC7111BM5 |
40000 SYSTEM GATE 3.3 VOLT LOGIC CELL AR - NOT RECOMMENDED for NEW DESIGN 1.8V IttyBitty⑩ Rail-to-Rail Input/Output Op Amp Preliminary Information 1.8V IttyBitty Rail-to-Rail Input/Output Op Amp Preliminary Information 1.8V IttyBittyTM Rail-to-Rail Input/Output Op Amp
|
Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
BUS-66300II-883B BUS-66301II-883B BUS-66301II-B |
Rail-to-rail input/output 20 MHz GBP operational amplifiers Rail-to-rail input/output 8 MHz operational amplifiers MIL-STD-1553/ARINC总线控制 RTU通讯
|
Advanced Analog Technology, Inc.
|
AD5320 AD5320BRM AD5320BRT |
2.7 V to 5.5 V, 140 A, Rail-to-Rail Voltage Output 12-Bit DAC in SOT-23 and MicroSOIC Packages 2.7 V to 5.5 V/ 140 uA/ Rail-to-Rail Output 12-Bit DAC in a SOT-23 2.7 V to 5.5 V, 140 uA, Rail-to-Rail Output 12-Bit DAC in a SOT-23 SERIAL INPUT LOADING, 12 us SETTLING TIME, 12-BIT DAC, PDSO8
|
AD[Analog Devices] Analog Devices, Inc.
|
LT1800 LT1800CS5 LT1800CS8 LT1800IS5 LT1800IS8 180 |
80MHz, 25V/µs Low Power Rail-to-Rail Input and Output Precision Op Amp; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C 80MHz, 25V/µs Low Power Rail-to-Rail Input and Output Precision Op Amp; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C OP-AMP, 4000 uV OFFSET-MAX, 70 MHz BAND WIDTH, PDSO8 From old datasheet system 80MHz, 25V/us Low Power Rail-to-Rail Input and Output Precision Op Amp 80MHz, 25V/ms Low Power Rail-to-Rail Input and Output Precision Op Amp 80MHz/ 25V/ms Low Power Rail-to-Rail Input and Output Precision Op Amp
|
Linear Technology, Corp. LINER[Linear Technology] Linear Technology Corporation
|
AD8638ARJZ-R2 AD8639ACPZ-R2 AD8639ARMZ AD8639ARZ-R |
16 V Auto-Zero, Rail-to-Rail Output Operational Amplifier; Package: SOT-23; No of Pins: 5; Temperature Range: Industrial OP-AMP, 23 uV OFFSET-MAX, 1.35 MHz BAND WIDTH, PDSO5 16V Auto-Zero, Rail-to-Rail Output tional Amplifiers 16V Auto-Zero, Rail-to-Rail Output tional Amplifiers 16 V Auto-Zero, Rail-to-Rail Output Operational Amplifiers
|
Analog Devices, Inc. ANALOG DEVICES INC
|
NJM2590V NJM2590 |
Single 1.8-V Operational Amplifier with Rail-To-Rail Input and Output and Shutdown 6-SOT-23 -40 to 125 455kHz INPUT FM IF DEMODULATOR IC
|
New Japan Radio Co., Ltd. NJRC[New Japan Radio]
|
LT1490CMS8TR LT1490 LT1490IS8PBF LT1490-15 |
Dual and Quad Micropower Rail-to-Rail Input and Output Op Amps Use LT1490A/LT1491A for new designs Dual/Quad Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps; Package: MSOP; No of Pins: 8; Temperature Range: 0°C to 70°C DUAL OP-AMP, 1850 uV OFFSET-MAX, 0.2 MHz BAND WIDTH, PDSO8 Dual/Quad Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
AD8609ARUZ AD8609ARZ-REEL AD8609ARZ AD8609ARUZ-REE |
Precision Dual MicroPower Rail-to-Rail Input/Output Amplifier Precision Quad MicroPower Rail-to-Rail Input/Output Amplifier
|
Analog Devices
|
EL5611 EL5811IREZ EL5811IREZ-T13 EL5811IREZ-T7 EL5 |
60MHz Rail-to-Rail Input-Output VCOM Amplifiers 60MHz Rail-to-Rail Input-Output VCOM Amplifiers; Temperature Range: -40°C to 85°C; Package: 24-HTSSOP T&R 1 CHANNEL, VIDEO AMPLIFIER, PDSO24
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|