PART |
Description |
Maker |
MAX8213A MAX8213B MAX8213 MAX8214BESE MAX8214A MAX |
Five Universal Voltage Monitors, Complete µP Voltage Monitoring "Five Universal Voltage Monitors, Complete μP Voltage Monitoring" " Five Universal Voltage Monitors, Complete μP Voltage Monitoring" Five Universal Voltage Monitors-Complete Microprocessor Voltage Monitoring Five Universal Voltage Monitors - Complete Microprocessor Voltage Monitoring Five Universal Voltage Monitors with Active Pull-Ups From old datasheet system ECONOLINE: RBM - New Micro Size SIP 6 Package- Industry Standard Pinout- 3kVDC Isolation- UL94V-0 Package Material- Efficiency to 85% Five Universal Voltage Monitors, Complete µP Voltage Monitoring 5-CHANNEL POWER SUPPLY SUPPORT CKT, PDIP16 Synchronous 4-Bit Binary Counters 16-CDIP -55 to 125 5-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO16
|
MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
ATV06B141J-G ATV06B141JB-G ATV06B510J-G ATV06B510J |
Transient Voltage Suppressor (TVS), P<sub>PPM</sub>=600Watts, V<sub>RWM</sub>=140V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=51V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=58V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=54V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=5V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=78V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=45V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=85V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=10V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=100V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=11V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=110V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=12V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=43V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=70V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=75V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=7V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=7.5V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=440V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=6V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=6.5V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=350V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=300V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=30V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=36V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=19V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=60V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=8.5V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=8V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=9V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=400V, Tolerance=5%
|
Comchip Technology
|
FXLA108BQX12 FXLA10812 |
Low-Voltage Dual-Supply 8-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
|
Fairchild Semiconductor
|
FXLA102L8X12 FXLA10212 |
Low-Voltage Dual-Supply 2-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
|
Fairchild Semiconductor
|
CX380D5 |
Solid-State PC Board Relay; Output Device:SCR; Output Voltage Max:530Vrms; Output Voltage Min:48Vrms; Control Voltage Max:15VDC; Control Voltage Min:4VDC; Load Current Max:5A; Switching:Zero Cross; Operating Voltage Max:530V
|
CRYDOM CORP
|
SG120 SG120A-8T_883B SG120-12IG SG120-12IG_883B SG |
Negative Fixed Linear Voltage Regulators BOX 4.94X2.75X1.275 AA W/CLP ALMOND NEGATIVE FIXED VOLTAGE REGULATOR 8 V FIXED NEGATIVE REGULATOR, MBFM2 NEGATIVE FIXED VOLTAGE REGULATOR 负固定电压调节器 NEGATIVE FIXED VOLTAGE REGULATOR 18 V FIXED NEGATIVE REGULATOR, MBFM2 NEGATIVE FIXED VOLTAGE REGULATOR 15 V FIXED NEGATIVE REGULATOR, CQCC20 NEGATIVE FIXED VOLTAGE REGULATOR 12 V FIXED NEGATIVE REGULATOR, MBCY3 NEGATIVE FIXED VOLTAGE REGULATOR 15 V FIXED NEGATIVE REGULATOR, MBCY3 NEGATIVE FIXED VOLTAGE REGULATOR 12 V FIXED NEGATIVE REGULATOR, CQCC20 NEGATIVE FIXED VOLTAGE REGULATOR 20 V FIXED NEGATIVE REGULATOR, MBFM2 NEGATIVE FIXED VOLTAGE REGULATOR 15 V FIXED NEGATIVE REGULATOR, MSFM3 NEGATIVE FIXED VOLTAGE REGULATOR 18 V FIXED NEGATIVE REGULATOR, MSFM3 HIGH SURGE CARBON COMP REPLACEMENT RESISTOR , 1K, 5% 负固定电压调节器 NEGATIVE FIXED VOLTAGE REGULATOR 12 V FIXED NEGATIVE REGULATOR, MSFM3 NEGATIVE FIXED VOLTAGE REGULATOR 5.2 V FIXED NEGATIVE REGULATOR, MBFM2 NEGATIVE FIXED VOLTAGE REGULATOR 5.2 V FIXED NEGATIVE REGULATOR, MBCY3 NEGATIVE FIXED VOLTAGE REGULATOR 18 V FIXED NEGATIVE REGULATOR, CQCC20 NEGATIVE FIXED VOLTAGE REGULATOR 18 V FIXED NEGATIVE REGULATOR, MBCY3
|
MICROSEMI CORP-ANALOG MIXED SIGNAL GROUP MICROSEMI[Microsemi Corporation] Microsemi, Corp.
|
HC49 HD74HC490 |
Voltage Regulator IC; Output Current:1A; Output Voltage:9V; Package/Case:3-TO-220; Voltage Regulator Type:Positive Voltage; Mounting Type:Through Dual 4-bit Decade Counters
|
Hitachi,Ltd. HITACHI[Hitachi Semiconductor]
|
TC4626 TC4626EOE TC4626EPA TC4627 TC4627COE TC4627 |
Power CMOS Drivers With Voltage Tripler The TC4626/4627 are single CMOS high speed drivers with an on-board voltage boost circuit. These parts work with an input supply voltage from 4 to 6 volts. The internal voltage booster will produce a VBOOST potential up to 12 volts above V
|
Microchip Technology Inc. MICROCHIP[Microchip Technology]
|
1N5070 1N5075 1N5078 1N5100 1N5105 1N5103 1N5104 1 |
POWER ZENERS 45 V, 3 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 180 V, 3 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE POWER ZENERS 160 V, 3 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE POWER ZENERS 36 V, 3 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE POWER ZENERS 14 V, 3 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE POWER ZENERS 16 V, 3 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE POWER ZENERS 30 V, 3 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE POWER ZENERS 18 V, 3 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE POWER ZENERS 33 V, 3 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE POWER ZENERS 56 V, 3 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE POWER ZENERS 10 V, 3 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE CAP 100PF 100V 5% NP0(C0G) RAD.20 .20X.20 TR-13 20 V, 3 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Power Zeners. 3 Watt 电源齐纳基准源3瓦特 POWER ZENERS 22 V, 3 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE POWER ZENERS 220 V, 3 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE POWER ZENERS 320 V, 3 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE FUSED-IN-GLASS METALLARGICALTY BONDED 3 WAIT ZENER DIODES
|
MICROSEMI CORP-SCOTTSDALE TE Connectivity, Ltd. Bourns, Inc. Microsemi, Corp. MICROSEMI[Microsemi Corporation] POWER ZENERS
|
ATV30C100J-G ATV30C100JB-G ATV30C101J-G ATV30C101J |
Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=10V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=100V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=11V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=110V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=12V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=120V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=13V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=130V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=7.5V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=7V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=64V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=6V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=6.5V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=60V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=70V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=75V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=78V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=400V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=43V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=40V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=48V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=20V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=85V, Tolerance=5%
|
Comchip Technology
|
TC51 TC51N1802ECBTR TC51N5002ECBTR TC51N2702ECBTR |
1A Voltage Detector with Output Delay 1UA Voltage Detector with Output Delay The TC51 is a very low power, open drain output, CMOS voltage detector with built-in delay. It is particularly well-suited for battery powered applications because of its ex-tremely low 1 µA operating current and small surface-mount p 1ヌA VOLTAGE DETECTOR WITH OUTPUT DELAY 1レA Voltage Detector with Output Delay 1μA Voltage Detector with Output Delay FLUORESCENT STARTER TO 65WFLUORESCENT STARTER TO 65W; Diameter, External:21.5mm; Length / Height, external:40.3mm; Material:Polycarbonate; Voltage, supply AC:220V
|
MICROCHIP[Microchip Technology] Microchip Technology Inc.
|
ICL7660 ICL7660A |
Voltage Inverter, 5 to ?V, Input Voltage 1.5-10V, or Voltage Doubler to 18.6V
|
Intersil
|
|