PART |
Description |
Maker |
74ALVCH16374 74ALVCH16374_2 ACH16374DL ACH16374DGG |
2.5V/3.3V 16-bit edge-triggered D-type flip-flop (3-State)(2.5V/3.3V 16浣?竟缂?Е???D瑙?????涓??锛? 2.5V/3.3V 16-bit edge-triggered D-type flip-flop (3-State)(2.5V/3.3V 16位边缘触发的D触发器(三态)) 2.5V/3.3V 16-bit edge-triggered D-type flip-flop 3-State From old datasheet system 2.5 V / 3.3 V 16-bit edge-triggered D-type flip-flop (3-State)
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
74LVC16374A 74LVC16374ADGG 74LVC16374ADL 74LVCH163 |
16-bit edge triggered D-type flip-flop with 5 V tolerant inputs/outputs (3-State) From old datasheet system 16-bit edge triggered D-type flip-flop with 5 Volt tolerant inputs/outputs 3-State LVC/LCX/Z SERIES, DUAL 8-BIT DRIVER, TRUE OUTPUT, PDSO48
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
DM74ALS576SJX DM74ALS576A DM74ALS576A_04 DM74ALS57 |
ALS SERIES, 8-BIT DRIVER, INVERTED OUTPUT, PDIP20 Octal D-Type Edge-Triggered Flip-Flop with 3-STATE Outputs Octal D-Type Edge-Triggered Flip-Flops with 3-STATE Outputs
|
FAIRCHILD SEMICONDUCTOR CORP FAIRCHILD[Fairchild Semiconductor]
|
M74HCT161 M74HCT161M1R M74HCT161B1R |
HCT SERIES, SYN POSITIVE EDGE TRIGGERED 4-BIT UP BINARY COUNTER, PDIP16 HCT SERIES, SYN POSITIVE EDGE TRIGGERED 4-BIT UP BINARY COUNTER, PDSO16 SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
|
STMicroelectronics
|
74LVC162374A 74LVC162374ADGG 74LVC162374ADL 74LVC_ |
16-bit edge triggered D-type flip-flop with 30 ohmseries termination resistors; 5 V input/output tolerant; 3-state LVC/LCX/Z SERIES, DUAL 8-BIT DRIVER, TRUE OUTPUT, PDSO48 Quadruple 2-Line To 1-Line Data Selectors/Multiplexers With 3-State Outputs 16-SOIC -40 to 85 16-bit edge triggered D-type flip-flop with 30Ω series termination resistors, 5V input/output tolerant (3-State)(0Ω系列终端电阻器,5V输入/输出容限6位边沿触发D触发器(三态)) From old datasheet system
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
DM74AS169A DM74AS169AM DM74AS169AN DM74AS169AMX |
Synchronous 4-Bit Binary Up/Down Counter AS SERIES, SYN POSITIVE EDGE TRIGGERED 4-BIT BIDIRECTIONAL BINARY COUNTER, PDIP16 Synchronous Up/Down Counter AS SERIES, SYN POSITIVE EDGE TRIGGERED 4-BIT BIDIRECTIONAL BINARY COUNTER, PDSO16 From old datasheet system
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
M27V256 M27V256-100B1TR M27V256-100B6TR M27V256-10 |
NND - 256 KBIT (32KB X8) LOW VOLTAGE UV EPROM AND OTP EPROM 2 Mbit 256Kb x 8 Low Voltage UV EPROM and OTP EPROM 256 Kbit 32Kb x 8 Low Voltage UV EPROM and OTP EPROM 256 Kbit (32Kb x 8) Low Voltage UV EPROM and OTP EPROM From old datasheet system 2.5-V/3.3-V 16-Bit Edge-Triggered D-Type Flip-Flops With 3-State Outputs 48-SSOP -40 to 85 2.5-V/3.3-V 16-Bit Edge-Triggered D-Type Flip-Flops With 3-State Outputs 56-BGA MICROSTAR JUNIOR -40 to 85 2.5-V/3.3-V 16-Bit Transparent D-Type Latches With 3-State Outputs 56-BGA MICROSTAR JUNIOR -40 to 85 2.5-V/3.3-V 18-Bit Universal Bus Transceiver With 3-State Outputs 56-SSOP -40 to 85 2.5-V/3.3-V 16-Bit Edge-Triggered D-Type Flip-Flops With 3-State Outputs 48-TSSOP -40 to 85 256千位2KB × 8低压紫外线可擦写可编程只读存储器和OTP存储
|
SGS Thomson Microelectronics ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
PI74ALVCH1 PI74ALVCH16374 |
16-Bit Edge Triggered D-Type Flip-Flop with 3-State Outputs
|
PERICOM[Pericom Semiconductor Corporation]
|
HCTS374T HCTS374KTR HCTS374DTR |
Dual Positive-Edge-Triggered D-type Flip-Flops With Clear And Preset 20-LCCC -55 to 125 1024 x 18 Synchronous FIFO Memory 68-CPGA -55 to 125 Radiation Hardened Octal D-Type Flip-Flop, Three-State, Positive Edge Triggered
|
Intersil Corporation
|
MM54HC4040J |
HC/UH SERIES, ASYN NEGATIVE EDGE TRIGGERED 12-BIT UP BINARY COUNTER, CDIP16
|
FAIRCHILD SEMICONDUCTOR CORP
|