PART |
Description |
Maker |
NCP2892 NCP2892AFCT2G NCP2892BFCT2G |
1.3 Watt Audio Power Amplifier with Fast Turn-On Time 1.3 Watt Audio Power Amplifier with Fast Turn On Time 1.08 W, 1 CHANNEL, AUDIO AMPLIFIER, PBGA9 1.3 Watt Audio Power Amplifier with Fast Turn On Time 1.2 W, 1 CHANNEL, AUDIO AMPLIFIER, PBGA9
|
ONSEMI[ON Semiconductor]
|
TDA204012 |
25-watt hi-fi audio power amplifier
|
STMicroelectronics
|
LY8891-17 |
2.0 Watt Audio Power Amplifier
|
Lyontek Inc.
|
TDA2040 TDA2040H |
25-watt hi-fi audio power amplifier
|
STMicroelectronics
|
NCP4894 NCP4894FCT1 NCP4894FCT1G NCP4894DMR2 NCP48 |
1.8 Watt Differential Audio Power Amplifier with Selectable Shutdown
|
ONSEMI[ON Semiconductor]
|
TDA7492P TDA7492P13TR |
25-watt 25-watt dual BTL class-D audio amplifier
|
STMicroelectronics
|
LR6311 |
3 Watt Mono Filter-Free Class-D Audio Power Amplifier
|
Leshan Radio Company
|
NTE7088 |
Integrated Circuit Audio Power Amplifier, 18 Watt BTL x 2 Channel Integrated Circuit Audio Power Amplifier 18 Watt BTL x 2 Channel
|
NTE[NTE Electronics]
|
BS616LV2019TI BS616LV2019TI-55 BS616LV2019TI-70 BS |
LM4951 Wide Voltage Range 1.8 Watt Audio Amplifier; Package: LLP; No of Pins: 10 非常低功电压CMOS SRAM28K的16 Very Low Power/Voltage CMOS SRAM 128K X 16 bit 非常低功电压CMOS SRAM28K的16 LM4949 Stereo Class D Audio Subsystem with OCL Headphone Amplifier 非常低功电压CMOS SRAM28K的16 JT 128C 128#22D SKT PLUG 非常低功电压CMOS SRAM28K的16 LM4949 Stereo Class D Audio Subsystem with OCL Headphone Amplifier; Package: MICRO SMD; No of Pins: 25 LM4953 Boomer ® Audio Power Amplifier Series Ground-Referenced, Ultra Low Noise, Ceramic Speaker Driver; Package: LLP; No of Pins: 14 Asynchronous 2M(128Kx16) bits Static RAM
|
BRILLIANCE SEMICONDUCTOR, INC. ETC[ETC] BSI[Brilliance Semiconductor] Brilliance Semiconducto...
|
NCP2892 |
1.3 Watt Audio Power Amplifier with Fast Turn On Time(具有快速接通时间的1.3 W音频功率放大 1.3瓦音频功率放大器具有快速准时(具有快速接通时间的.3 W音频功率放大器转
|
ON Semiconductor
|
BA3518F-T1 BA3528FP-T1 BA3506AFT1 BA3506AFE1 BA350 |
0.031 W, 2 CHANNEL, AUDIO AMPLIFIER, PDSO16 SOP-16 0.034 W, 2 CHANNEL, AUDIO AMPLIFIER, PDSO28 HSOP-28 0.069 W, 2 CHANNEL, AUDIO AMPLIFIER, PDSO18 0.04 W, 2 CHANNEL, AUDIO AMPLIFIER, PDSO18 5.4 W, 2 CHANNEL, AUDIO AMPLIFIER, PSFM12 5.2 W, 2 CHANNEL, AUDIO AMPLIFIER, PSFM10
|
Intel, Corp.
|
MAX9711 MAX9710 MAX9710-MAX9711 MAX9711ETC MAX9710 |
3W Mono/Stereo BTL Audio Power Amplifiers with Shutdown 3 W, 2 CHANNEL, AUDIO AMPLIFIER, QCC20 Synchronous 8-Bit Up/Down Counters 24-CDIP -55 to 125 3 W, 2 CHANNEL, AUDIO AMPLIFIER, QCC20 Mono 3W Audio BTL Amplifier Stereo 3W Audio BTL Amplifier From old datasheet system
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|