PART |
Description |
Maker |
PXAG39KBA XA-G39 XA-G39_1 |
From old datasheet system XA 16-bit microcontroller family XA 16-bit microcontroller 32K FLASH/1K RAM watchdog 2 UARTs XA 16-bit microcontroller family XA 16-bit microcontroller 32K FLASH/1K RAM, watchdog, 2 UARTs
|
PHILIPS[Philips Semiconductors]
|
ATMEGA32L-8MI ATMEGA32L-8MC ATMEGA32L-8AC ATMEGA32 |
8-bit AVR Microcontroller with 32K Bytes In-System Programmable Flash Electrical Outlet Connector; Voltage Rating:125V; Mounting Type:Cable Mount; Contact Plating:Nickel; Current Rating:15A RoHS Compliant: Yes 8-BIT, FLASH, 8 MHz, RISC MICROCONTROLLER, PQFP44 -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 8-BIT, FLASH, 8 MHz, RISC MICROCONTROLLER, PQFP44 -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 8-BIT, FLASH, 8 MHz, RISC MICROCONTROLLER, PDIP40 Field Attachable Connector; Number of Contacts:3; Gender:Male
|
ATMEL Corporation Atmel, Corp. Atmel Corp.
|
P87C58X2FA P87C52 P87C54 80C52 80C52X2 P80C31X2 P8 |
80C51 8-bit microcontroller family 4K/8K/16K/32K ROM/OTP 128B/256B RAM low voltage 2.7 to 5.5 V, low power, high speed 30/33 MHz 8-BIT, MROM, 33 MHz, MICROCONTROLLER, PQFP44 80C51 8-bit microcontroller family 4K/8K/16K/32K ROM/OTP 128B/256B RAM low voltage 2.7 to 5.5 V, low power, high speed 30/33 MHz 80C51位单片机系列4K/8K/16K/32K的ROM / RAM的检察官办公28B/256B低电.7.5 V,低功耗,高33分之30兆赫 80C51 8-bit microcontroller family 4K-8K-16K-32K ROM-OTP 128B-256B RAM low voltage (2.7 to 5.5 V), low power, high speed (30-33 MHz)
|
存储 NXP Semiconductors N.V.
|
XA-G37 PXAG37KFA PXAG37KBA PXAG37KBBD PXAG37KFBD |
XA 16位微控制器系2K的检察官办公室512字节的RAM。看门狗2个UART XA 16-bit microcontroller family 32K OTP. 512 B RAM. watchdog. 2 UARTs XA 16-bit microcontroller family 32K OTP, 512 B RAM, watchdog, 2 UARTs
|
NXP Semiconductors
|
AT89C51RC AT89C51RC-24AC AT89C51RC-33PC AT89C51RC- |
8-bit Microcontroller with 32K Bytes Flash
|
ATMEL[ATMEL Corporation]
|
PXAS83XFA PXAS83XFBE |
XA 16-bit microcontroller 32K/1K OTP/ROM/ROMless, 8-channel 8-bit A/D, low voltage 2.7 V.5.5 V, I2C, 2 UARTs, 16MB address range
|
NXP Semiconductors
|
89C51RB2-IL 89C51RC2-IL AT89C51RC2-3CSIM AT89C51RC |
8-bit Microcontroller with 16K/ 32K Bytes Flash
|
http:// ATMEL Corporation
|
ATMEGA325P09 |
8-bit Microcontroller with 32K Bytes In-System Programmable Flash
|
ATMEL Corporation
|
NT68F62 NT68F62U |
8-Bit Microcontroller for Monitor (32K Flash MTP Type)
|
N.A. ETC
|
AT87F51RC |
From old datasheet system 8-bit Microcontroller with 32K Bytes QuickFlash
|
ATMEL
|