PART |
Description |
Maker |
BCM5464S BCM5464SA1KRBG BCM5464SA1IRBG |
QUAD-PORT GIGABIT COPPER TRANSCEIVER WITH COPPER/FIBER MEDIA INTERFACE QuadSquad® Quad-Port 10/100/1000BASE-T Gigabit Copper Transceiver with Copper/Fiber Media Interface
|
Broadcom Corporation.
|
BCM5461S |
10/100/1000 BASE T GIGABIT COPPER TRANSCEIVER 10/100/1000BASE-T Gigabit Copper Transceiver with Copper/Fiber Media Interface
|
Electronic Theatre Controls, Inc. ETC Broadcom Corporation.
|
UICBXA12IW-A CBXF12IW-AY CBXF6IW-AY |
Mini-Com Ultimate ID Multi-Media/Fiber Surface Mount Box
|
PANDUIT CORP.
|
DM9301F |
100Mbps Ethernet Fiber/Twisted Pair Single Chip Media Converter
|
Davicom Semiconductor, Inc.
|
MB88111 E413106 |
A/D Converte From old datasheet system
|
Fujitsu
|
MAX1680/MAX1681 |
125mA Frequency-Selectable Switched-Capacitor Voltage Converte
|
Maxim Integrated Products, Inc.
|
ITGMC-111GP |
Industrial Gigabit Ethernet to fiber media converter
|
ORing Industrial Networ...
|
LCC10-14BWH-L LCC10-14AW-L LCC10-14AWF-L LCC10-14B |
Copper Compression Lugs For Terminating 14 ?10 AWG Copper Conductors
|
PANDUIT CORP.
|
C50254101 C5025.41.01 |
C5025, Coaxial Cable, RG11/U Type, 14 AWG Solid Copper Clad Steel, 97% Bare Copper Braid
|
General Cable Technologies Corporation
|
SPC-GB-EZX-39CNA SPC-GB-EZX-61CDA SPC-GB-EZX-61CNA |
FIBER OPTIC TRANSCEIVER, 1505-1518nm, 1250Mbps(Tx), 1250Mbps(Rx), PANEL MOUNT ROHS COMPLIANT PACKAGE-20 FIBER OPTIC TRANSCEIVER, 1525-1538nm, 1250Mbps(Tx), 1250Mbps(Rx), PANEL MOUNT ROHS COMPLIANT PACKAGE-20 FIBER OPTIC TRANSCEIVER, 1345-1358nm, 1250Mbps(Tx), 1250Mbps(Rx), PANEL MOUNT ROHS COMPLIANT PACKAGE-20 FIBER OPTIC TRANSCEIVER, 1385-1398nm, 1250Mbps(Tx), 1250Mbps(Rx), PANEL MOUNT ROHS COMPLIANT PACKAGE-20 FIBER OPTIC TRANSCEIVER, 1465-1478nm, 1250Mbps(Tx), 1250Mbps(Rx), PANEL MOUNT ROHS COMPLIANT PACKAGE-20 FIBER OPTIC TRANSCEIVER, 1325-1338nm, 1250Mbps(Tx), 1250Mbps(Rx), PANEL MOUNT ROHS COMPLIANT PACKAGE-20 FIBER OPTIC TRANSCEIVER, 1605-1618nm, 1250Mbps(Tx), 1250Mbps(Rx), PANEL MOUNT ROHS COMPLIANT PACKAGE-20 FIBER OPTIC TRANSCEIVER, 1425-1438nm, 1250Mbps(Tx), 1250Mbps(Rx), PANEL MOUNT ROHS COMPLIANT PACKAGE-20 FIBER OPTIC TRANSCEIVER, 1265-1278nm, 1250Mbps(Tx), 1250Mbps(Rx), PANEL MOUNT ROHS COMPLIANT PACKAGE-20 FIBER OPTIC TRANSCEIVER, 1305-1318nm, 1250Mbps(Tx), 1250Mbps(Rx), PANEL MOUNT ROHS COMPLIANT PACKAGE-20 FIBER OPTIC TRANSCEIVER, 1285-1298nm, 1250Mbps(Tx), 1250Mbps(Rx), PANEL MOUNT ROHS COMPLIANT PACKAGE-20 FIBER OPTIC TRANSCEIVER, 1545-1558nm, 1250Mbps(Tx), 1250Mbps(Rx), PANEL MOUNT ROHS COMPLIANT PACKAGE-20 FIBER OPTIC TRANSCEIVER, 1365-1378nm, 1250Mbps(Tx), 1250Mbps(Rx), PANEL MOUNT ROHS COMPLIANT PACKAGE-20 FIBER OPTIC TRANSCEIVER, 1485-1498nm, 1250Mbps(Tx), 1250Mbps(Rx), PANEL MOUNT ROHS COMPLIANT PACKAGE-20 FIBER OPTIC TRANSCEIVER, 1445-1458nm, 1250Mbps(Tx), 1250Mbps(Rx), PANEL MOUNT ROHS COMPLIANT PACKAGE-20 FIBER OPTIC TRANSCEIVER, 1585-1598nm, 1250Mbps(Tx), 1250Mbps(Rx), PANEL MOUNT ROHS COMPLIANT PACKAGE-20 FIBER OPTIC TRANSCEIVER, 1405-1418nm, 1250Mbps(Tx), 1250Mbps(Rx), PANEL MOUNT ROHS COMPLIANT PACKAGE-20 FIBER OPTIC TRANSCEIVER, 1565-1578nm, 1250Mbps(Tx), 1250Mbps(Rx), PANEL MOUNT ROHS COMPLIANT PACKAGE-20 CWDM 120 Km Gigabit Ethernet SFP Transceiver
|
Vectron International, Inc. Cypress Semiconductor Corp. Cypress Semiconductor, Corp. Mini-Circuits NXP Semiconductors N.V. http:// Source Photonics, Inc.
|
C3500.41.86 C35004186 |
C3500, Coaxial Cable, RG59/U Type, Plenum, 20 AWG Solid Copper Clad Steel, 95% Bare Copper Braid
|
General Cable Technologies Corporation
|
|