PART |
Description |
Maker |
HSMX-C660 HSMS-C660 HSMH-C660 HSMD-C660 HSMY-C660 |
HSMG-C660 · SMT Right Angle C660 HSMY-C660 · SMT Right Angle C660 HSMS-C660 · SMT Right Angle C660 HSMH-C660 · SMT Right Angle C660 Right Angle Surface Mount Chip LEDs SMT Right Angle C660 贴片直角C660
|
Agilent (Hewlett-Packard) http:// Agilent(Hewlett-Packard) 发光二极
|
53261-0671-P 53261-0471-P 53398-0471-P 53261-0271- |
SMT Friction Lock Vertical and Right Angle Header and Receptacle
|
MolexKits
|
502439-1200 502439-1400 502443-1470 502438-0100 50 |
SMT Dual Positive lock Vertical and Right Angle Plug and Receptacle, 2.0mm (.079)
|
MolexKits
|
M30-6000346 M30-6001546 M30-6001046 |
1.25mm Pitch SIL Vertical SMT Pin Header, location pegs, tin, 3-way 3 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT 1.25mm Pitch SIL Vertical SMT Pin Header, location pegs, tin, 15-way 15 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT 1.25mm Pitch SIL Vertical SMT Pin Header, location pegs, tin, 10-way 10 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT
|
Harwin PLC
|
75784-0124 0757840124 |
0.80mm (.031) Pitch, iPass I/O SMT Receptacle, Vertical, Internal Application, 36 Circuit, 0.76μm (30μ) Gold (Au), SMT Shell, Dual Key
|
Molex Electronics Ltd.
|
75784-0122 0757840122 |
0.80mm (.031) Pitch, iPass I/O SMT Receptacle, Vertical, Internal Application, 36 Circuit, 0.76μm (30μ) Gold (Au), SMT Shell, Left Key
|
Molex Electronics Ltd.
|
0757830126 75783-0126 |
0.80mm (.031) Pitch, iPass I/O SMT Receptacle, Right Angle, Internal Application, 36 Circuit, 0.38μm (15μ) Gold (Au), SMT Shell, Universal Key
|
Molex Electronics Ltd.
|
0757830112 75783-0112 |
0.80mm (.031) Pitch, iPass I/O SMT Receptacle, Right Angle, Internal Application, 36 Circuit, 0.38μm (15μ) Gold (Au), SMT Shell, Dual Key
|
Molex Electronics Ltd.
|
M80-8281006 M80-8281022 M80-8281042 M80-8281045 M8 |
DATAMATE DIL VERTICAL SMT PLUG ASSEMBLY - LATCHED Datamate L-Tek DIL Male Vertical SMT Connector, latched, selective gold tin/lead, 3 3-way 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, PLUG Datamate L-Tek DIL Male Vertical SMT Connector, latched, tin/lead, 13 13-way 26 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, PLUG Datamate L-Tek DIL Male Vertical SMT Connector, latched, tin, 8 8-way
|
Harwin Plc HARWIN INC
|
43045-2410 43045-1611 43045-1010 43045-0611 43045- |
Microfit 3.0 RA SMT/Nail DR 15Au 24 Ckt 24 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT Microfit 3.0 RA SMT/Nail DR 30Au 16 Ckt 16 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT Microfit 3.0 RA SMT/Nail DR 15Au 10 Ckt 10 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT CONN 6P UFIT DUAL RW 3MM SMD 6 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT CONN HEADER 10POS R/A SMD GOLD 10 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT
|
Molex, Inc.
|
10045646-001LF 10045646-001TRLF 10045646-002LF 100 |
4 LANE VERTICAL SMT HEADER
|
FCI connector
|
DR2-10R DR3-10R DR4A-16R |
Through Hole, Right Angle, and SMT Option
|
E-SWITCH
|
|