PART |
Description |
Maker |
4740 4740.3000 4740.3100 4740.3300 4740.3600 4740. |
Distribution Unit with 1 IEC Appliance Inlet C14 or Power Cord, 4, 5 or 6 IEC Appliance Outlets F and Extra Components
|
Schurter Inc.
|
81DA472M035JA2D 81DA561M250MB2D 81DA103M035KB2D 81 |
Aluminum Capacitors 105 C/ Snap-in Aluminum Capacitors 105 C Snap-in Aluminum Capacitors 105 ∑C, Snap-in Aluminum Capacitors 105 隆?C, Snap-in Aluminum Capacitors 105 掳C, Snap-in Aluminum Capacitors 105 °C, Snap-in Linear Voltage Regulators for Automotive Applications; Package: PG-SCT595-5; Regulator Type: tracker; Output Voltage: adj.; Accuracy: 0.5 %; Max. Output Current: 50mA; Dropout Voltage: 300mV 铝电容器105ΣC,管理单
|
VISAY[Vishay Siliconix] Vishay Intertechnology,Inc. Vishay Intertechnology, Inc.
|
RT9701PB RT9701PBL RT9701GB RT9701GBL RT970107 RT9 |
100mΩ Power Distribution Switches 100m惟 Power Distribution Switches 100mヘ Power Distribution Switches
|
Richtek Technology Corporation
|
CD297BB |
EC Snap-In 105∑C Extended Lifetime 7.000h High Ripple Currents(Snap-In)
|
JIANGHAI[Jianghai Europe GmbH]
|
CD297BB |
EC Snap-In 105°C Extended Lifetime 7.000h High Ripple Currents(Snap-In)
|
Jianghai Europe GmbH
|
CD29DHR |
EC Snap-In 85∑C Longest Lifetime 7.000h Miniaturized (Snap-In)
|
JIANGHAI[Jianghai Europe GmbH]
|
19098-0050 19098-0047 19098-0070 19098-0081 19099- |
SNAP SPADE KRIMPTITE TAPED (BB-1717-10T) 2 mm2, COPPER ALLOY, FORK TERMINAL SNAP SPADE KRIMPTITE (BB-1716-08) 2 mm2, COPPER ALLOY, FORK TERMINAL SNAP SPADE KRIMPTITE TAPED (C-1710-06T) 5 mm2, COPPER ALLOY, FORK TERMINAL SNAP SPADE KRIMPTITE TAPED (AA-1715-10T) 0.8 mm2, COPPER ALLOY, FORK TERMINAL 190990051 5 mm2, COPPER ALLOY, FORK TERMINAL CONN SNAP SPADE #8 10-12AWG 5 mm2, COPPER ALLOY, FORK TERMINAL SNAP SPADE INSULKRIMP TAPED (AA-2704-05X 0.8 mm2, COPPER ALLOY, FORK TERMINAL CONN SNAP SPADE #6 18-22AWG 0.8 mm2, COPPER ALLOY, FORK TERMINAL CONN SNAP SPADE #10 18-22AWG 0.8 mm2, COPPER ALLOY, FORK TERMINAL SNAP SPADE AVIKRIMP TAPED (AA-8714-08T) 0.8 mm2, COPPER ALLOY, FORK TERMINAL SNAP SPADE AVIKRIMP TAPED (BB-8193-06T) 2 mm2, COPPER ALLOY, FORK TERMINAL CONN SNAP SPADE #6 14-16AWG 2 mm2, COPPER ALLOY, FORK TERMINAL SNAP SPADE INSULKRIMP (AA-2714-08X) 0.8 mm2, COPPER ALLOY, FORK TERMINAL SNAP SPADE AVIKRIMP TAPED (C-8718-08T) 5 mm2, COPPER ALLOY, FORK TERMINAL SNAP SPADE KRIMPTITE (BB-1707-05) 2 mm2, COPPER ALLOY, FORK TERMINAL
|
Molex, Inc. MOLEX INC
|
AD5520 EVAL-AD5520EB AD5520JST AD5520JST-REEL |
Per Pin Parametric Measurement Unit/Source Measure Unit
|
AD[Analog Devices]
|
AD5520JST AD5520JST-REEL |
Per-pin Parametric Measurement Unit / Source Measure Unit
|
Analog Devices
|
E20-00M E14-00M E14-00A E13-00K E13-00H THECHERRYC |
SWITCH SNAP 20A W/THD BUSHING SNAP ACTING/LIMIT SWITCH, DPST, MOMENTARY, 7.32mm, PANEL MOUNT SWITCH SNAP 25A W/THD BUSHING SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 6.81mm, PANEL MOUNT SWITCH SNAP SPDT 25A QC TERM SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 3.81mm, PANEL MOUNT SWITCH ROLLER SPDT 15A QC TERM SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 11.1mm, PANEL MOUNT SWITCH LEVER SPDT 15A QC TERM SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 11.1mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, DPST, MOMENTARY, 19.2mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, DPDT, MOMENTARY, 7.32mm, PANEL MOUNT 5 current ratings
|
ZF Electronics, Corp. THE CHERRY CORP Cherry Semiconductor Co...
|
|