Part Number Hot Search : 
CD2560 PLHS501A R7NZF SC11487 DT54F 2SC40 16244 06BKC
Product Description
Full Text Search
  c14 Datasheet PDF File

For c14 Found Datasheets File :: 4847    Search Time::0.984ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    PT67-21B-C14-TR8 PT67-21B/C14/TR8

Everlight Electronics Co., Ltd
EVERLIGHT ELECTRONICS CO LTD
Part No. PT67-21B-c14-TR8 PT67-21B/c14/TR8
OCR Text ...ransistor pt67-21b/c14/tr8 features ? fast response time ? high photo sensitivity ? small junction capacitance ? package in 8mm tape on 7? diameter reels. ? compatible with infrared and vapor phase reflow solder p...
Description Top Phototransistor
PHOTO TRANSISTOR DETECTOR

File Size 186.37K  /  10 Page

View it Online

Download Datasheet





    MITSUMI ELECTRIC CO LTD
Part No. c14
OCR Text c14 connectors features 1. this is a 4-contact serial bus connector. 2. ultra-small size achieved. (compared to conventional mitsumi products: - size: 1/3 (iam- c15), 1/10 (cam-c14); weight: 1/2 (iam-c15), 1/5 (cam-c14); fit profile area: 1...
Description FEMALE, TELECOM AND DATACOM CONNECTOR, SURFACE MOUNT

File Size 116.89K  /  2 Page

View it Online

Download Datasheet

    EPCOS AG
Part No. B82111-B-c14
OCR Text ...7 0,063 100 7,0 x 24 ? b82111-b-c14 ferrit/ferrite 40 0,180 90 7,0 x 26 30 b82111-e-c23 3 2 0,038 147 5,0 x 14 17,5 b82131-a5302-m karbonyleisen carbonyl iron 3 0,035 151 5,5 x 19 22,5 b82132-a5302-m 10 0,077 69 7,5 x 24 27,5 b82133-a5302-m...
Description 1 ELEMENT, 17 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR

File Size 80.72K  /  3 Page

View it Online

Download Datasheet

    C14-5-20-SERIES C4-5-20-SERIES C5-1-01-SERIES C8-1-20-SERIES C5-3-01-SERIES C5-5-01-SERIES C11-1-01-SERIES C10-1-01-SERI

ON Semiconductor
Part No. c14-5-20-SERIES C4-5-20-SERIES C5-1-01-SERIES C8-1-20-SERIES C5-3-01-SERIES C5-5-01-SERIES C11-1-01-SERIES C10-1-01-SERIES C10-3-20-SERIES C10-5-01-SERIES C10-5-20-SERIES C10-3-01-SERIES c14-3-20-SERIES C4-1-20-SERIES c14-1-20-SERIES C5-5-20-SERIES C4-3-20-SERIES C5-3-20-SERIES C6-3-20-SERIES C7-3-20-SERIES C8-3-20-SERIES C9-3-20-SERIES C12-3-20-SERIES C11-3-20-SERIES C4-1-01-SERIES c14-1-01-SERIES C7-5-20-SERIES C12-5-20-SERIES C8-5-20-SERIES C6-5-20-SERIES C11-5-20-SERIES C9-5-20-SERIES C5-1-20-SERIES C10-1-20-SERIES C11-1-20-SERIES C8-1-01-SERIES C12-1-01-SERIES C7-1-01-SERIES C11-5-01-SERIES C9-1-01-SERIES C11-3-01-SERIES c14-5-01-SERIES C12-1-20-SERIES C12-3-01-SERIES C12-5-01-SERIES C4-5-01-SERIES C6-1-20-SERIES C6-5-01-SERIES C7-1-20-SERIES
OCR Text Powered by ICminer.com Electronic-Library Service CopyRight 2003
Description HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
8-bit MCU with Flash or ROM, 10-bit ADC, 5 timers, SPI, LINSCI", active CAN
Decade counter/divider
4X7W OR 2X22W CAR RADIO POWER AMPLIFIER PLUS TRIPLE POWER SUPPLY
Dual D type flip flop with preset and clear
DUAL 2-INPUT NAND BUFFER/DRIVER
MEMS motion sensor 3-axis - ± 2g/± 8g smart digital output "nano" accelerometer
LOW DROP POWER SCHOTTKY RECTIFIER
QUAD LOW-TO-HIGH VOLTAGE LEVEL SHIFTER
MEMS inertial sensor: 3-axis - ± 2g/± 6g linear accelerometer
4 bit D type latch
DUAL 64-STAGE STATIC SHIFT REGISTER
HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
Single buffer
16-bit low voltage ROMless MCU
MEMS inertial sensor: 2-axis - /- 2g/6g ultracompact linear accelerometer
Turboswitch™ - ultra-fast high voltage diode
Single inverter (open drain)
DUAL MONOSTABLE MULTIVIBRATOR
14 stage binary counter
Very low drop voltage regulators with inhibit and dropout control flag
AC LINE SWITCH
Digital temperature sensor and thermal watchdog
MEMS inertial sensor: 3-axis - &#177; 2g/&#177; 6g linear accelerometer 接口IC
ST7262 - LOW SPEED USB 8-BIT MCU WITH 3 ENDPOINTS, FLASH OR ROM MEMORY, LVD, WDG, 10-BIT ADC, 2 TIMERS, SCI, SPI 接口IC
8-BIT ADDRESSABLE LATCH

File Size 167.10K  /  1 Page

View it Online

Download Datasheet

    Omron Electronics, LLC
Part No. HEDS-5640-c14 HEDS-5640-C02 HEDS-5640-C06 HEDS-5640-H04 HEDS-5645-K14 HEDS-5640-S05 HEDS-5645-K13
OCR Text quick assembly two and three channel optical encoders technical data esd warning: normal handling precautions should be taken to avoid static discharge. features ? two channel quadrature output with optional index pulse ? quick and easy a...
Description Quick Assembly Two and Three Channel Optical Encoders 快速大会二及中三通道光学编码

File Size 280.34K  /  15 Page

View it Online

Download Datasheet

    PanJit International Inc.
Part No. BZT52-c14 BZT52-C28 BZT52-C17
OCR Text page . 1 v010-dec.29.2005 bzt52-c2v4 series surface mount silicon zener diodes voltage 2.4 to 75 volts power 500 mwatts features ? planar die construction  500mw power dissipation  zener voltages from 2.4~75v  ideally suite...
Description SURFACE MOUNT SILICON ZENER DIODES
Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????)

File Size 98.59K  /  5 Page

View it Online

Download Datasheet

    805-RF433.92M-C14

Oscilent Corporation
Part No. 805-RF433.92M-c14
OCR Text oscilent corporation product specification oscilent corporation telephone: 1.949.252.0522 fax: 1.949.252.0522 email: sales@oscilent.com product specification www.oscilent.com rev a january 2010 oscilent controlled documen...
Description Remote Control, RF SAW Filter

File Size 128.49K  /  5 Page

View it Online

Download Datasheet

    Taiwan Semiconductor
Part No. TSF20U60C TSF20U45C
OCR Text ...nt number: ds_d1401024 version: c14 molding compound meets ul 94 v-0 flammability rating base p/n with suffix "g" on packi ng code - halogen-free, rohs compliant terminal: matte tin plated leads, so lderable per jesd22-b102 meet jesd 201 c...
Description (TSF20U45C / TSF20U60C) Trench MOS Barrier Schottky Rectifier

File Size 250.87K  /  3 Page

View it Online

Download Datasheet

    LT3791

Linear Technology
Part No. LT3791
OCR Text ...5c223kat2a 5% 3 4 c2, c3, c12, c14 cap x7r 2.2f 100v 10% 1210 avx, 12101c225kat2a 4 1 c5 cap x7r 1f 100v 10% 1206 avx, 12061c105kat2a 5 3 c6, c8, c11 cap x5r 0.1f 16v 10% 0402 avx, 0402yd104kat2a 6 1 c7 cap x5r 4.7f 10v 10% 0603 avx, 0603z...
Description Four-Switch Buck-Boost LED Driver Controller

File Size 311.16K  /  8 Page

View it Online

Download Datasheet

    UPD30500 UPD30500A UPD30500AS2-250 UPD30500B UPD30500BS2-300 UPD30500RJ-150 UPD30500RJ-180 UPD30500RJ-200 UPD30500S2-150

NEC[NEC]
Part No. UPD30500 UPD30500A UPD30500AS2-250 UPD30500B UPD30500BS2-300 UPD30500RJ-150 UPD30500RJ-180 UPD30500RJ-200 UPD30500S2-150 UPD30500S2-180 UPD30500S2-200
OCR Text ... C5 C6 C7 C8 C9 C10 C11 C12 C13 c14 C15 C16 C17 C18 D1 D2 D3 D4 D5 D6 D7 D8 D9 D10 D11 D12 D13 D14 D15 D16 D17 D18 E1 E2 E3 E4 E15 E16 E17 Name SysADC6 SysAD16 SysAD50 SysAD22 SysAD24 SysAD28 SysAD62 SysAD44 SysAD10 SysAD38 SysAD4 SysAD34 S...
Description VR5000TM, VR5000ATM, VR5000BTM 64-BIT MICROPROCESSOR

File Size 203.14K  /  36 Page

View it Online

Download Datasheet

For c14 Found Datasheets File :: 4847    Search Time::0.984ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of c14

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.66484189033508