PART |
Description |
Maker |
APTGT100TL60T3G |
Three level inverter Trench Field Stop IGBT Power Module
|
Microsemi Corporation
|
APTCV90TL12T3G |
Three level inverter CoolMOS & Trench Field Stop IGBT4 Power Module
|
Microsemi Corporation
|
ISL9N303AS3ST ISL9N303AS3 ISL9N303AP3 N303AS N303A |
N-Channel Logic Level UltraFET Trench MOSFETs 30V, 75A, 3.2mз 75 A, 30 V, 0.005 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-262AA N-Channel Logic Level UltraFET Trench MOSFETs 30V, 75A, 3.2mз 75 A, 30 V, 0.005 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB RECTIFIER SCHOTTKY DUAL COMMON-CATHODE 30A 40V 250A-Ifsm 0.55Vf 1A-IR D2PAK 800/REEL-13 75 A, 30 V, 0.005 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB N-Channel Logic Level UltraFET Trench MOSFETs 30V / 75A / 3.2m N-Channel Logic Level UltraFET Trench MOSFETs 30V 75A 3.2m N-Channel Logic Level UltraFET Trench MOSFETs 30V, 75A, 3.2m?/a>
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
ISL9N322AD3ST |
POWER SUP SWITCHER 41W 5.1V MED 20 A, 30 V, 0.022 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252AA N-Channel Logic Level UltraFET Trench MOSFET 30V, 20A, 0.022 з N-Channel Logic Level UltraFET Trench MOSFET 30V 20A 0.022 N-Channel Logic Level UltraFET Trench MOSFET 30V, 20A, 0.022 ?
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
ISL9N306AD ISL9N306AD3 ISL9N306AD3ST |
N-Channel Logic Level PWM Optimized UltraFET Trench Power MOSFETs 30V, 50A, 6mз 50 A, 30 V, 0.0095 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-251AA N-Channel Logic Level PWM Optimized UltraFET Trench Power MOSFETs 30V 50A 6m N-Channel Logic Level PWM Optimized UltraFET Trench Power MOSFETs 30V, 50A, 6m?/a>
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
MUBW50-17T8 |
Converter - Brake - Inverter Module with Trench IGBT technology
|
IXYS Corporation
|
APTGLQ80HR120CT3G |
Three Level T-type Inverter
|
Microsemi
|
PMV22EN |
30 V, 5.2 A N-channel Trench MOSFET Logic-level compatible
|
TY Semiconductor Co., Ltd
|
10-F107ZAA060SM-L515B19 |
High integration level of Rectifier, PFC and Inverter
|
Vincotech
|
10-FY07ZAA015SM-L512B28 |
High integration level of Rectifier, PFC and Inverter
|
Vincotech
|
|