PART |
Description |
Maker |
TDA9983B |
HDMI Transmitter Up To 150 MHz Pixel Rate
|
Philips Semiconductors
|
TDA19989AET TDA19989 |
150 MHz pixel rate HDMI 1.3 transmitter with 3 × 8-bit video inputs, HDCP and CEC support 150 MHz pixel rate HDMI 1.3 transmitter with 3 隆驴 8-bit video inputs, HDCP and CEC support
|
NXP Semiconductors
|
ADXRS150EB |
From old datasheet system 150/s Single Chip Rate Gyro Evaluation Board
|
AD[Analog Devices]
|
HA7-2840883 FN3594 HA1-2840_883 HA1-2840883 HA7-28 |
From old datasheet system Very High Slew Rate Wideband Operational Amplifier Very High Slew Rate/ Wideband Operational Amplifier Very High Slew Rate,
Wideband Operational Amplifier(高转换率、宽带运算放大器) Very High Slew Rate, Wideband Operational Amplifier 甚高摆率,宽带运算放大器 Very High Slew Rate, Wideband Operational Amplifier OP-AMP, 6000 uV OFFSET-MAX, 500 MHz BAND WIDTH, CDIP14
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
EH3720ETTS-150.000M |
OSCILLATORS 20PPM -40 85 2.5V 4 150.000MHZ TS CMOS 5.0X3.2 4PAD SMD CRYSTAL OSCILLATOR, CLOCK, 150 MHz, LVCMOS OUTPUT
|
Ecliptek, Corp.
|
EH1100TS-150.000M |
OSCILLATORS 100PPM 0 70 5.0V 4 150.000MHZ TS CMOS FULL 14PIN DIP CRYSTAL OSCILLATOR, CLOCK, 150 MHz, HCMOS/TTL OUTPUT
|
Ecliptek, Corp.
|
EVAL-ADXRS623Z ADXRS623WBBGZ-RL |
±150°/Sec Yaw Rate Gyroscope 隆戮150隆?/Sec Yaw Rate Gyroscope
|
Analog Devices
|
P571006MINI |
HDMI to Mini HDMI Cable with Ethernet, Digital Video with Audio Adapter (M-M), 6-ft
|
Tripp Lite. All Rights ...
|
OP07D OP07DN OP07DR-REEL OP07DR-REEL7 OP07DR OP07D |
Ultralow Offset Voltage Operational Amplifier; Package: SOIC 150 MIL; No of Pins: 8; Temperature Range: Industrial OP-AMP, 350 uV OFFSET-MAX, 0.6 MHz BAND WIDTH, PDSO8 150 μV Maximum Offset Voltage Op Amp 150 渭V Maximum Offset Voltage Op Amp 150 レV Maximum Offset Voltage Op Amp
|
Analog Devices, Inc.
|
CM150TJ-12F |
Trench Gate Design Six IGBTMOD?/a> 150 Amperes/600 Volts Trench Gate Design Six IGBTMOD⑩ 150 Amperes/600 Volts Trench Gate Design Six IGBTMOD 150 Amperes/600 Volts 128 x 64 pixel format, LED or EL Backlight available
|
POWEREX[Powerex Power Semiconductors]
|
ZOS-300 |
VCO, 150 MHz - 280 MHz CASE BR386 VCO, 150 MHz - 280 MHz ROHS COMPLIANT, CASE BR386
|
Mini-Circuits
|