PART |
Description |
Maker |
SWTA4630 |
DIGITAL THREE PHASE ANGLE CONTROLLER
|
celduc-relais
|
SVTA4650 |
DIGITAL THREE PHASE ANGLE CONTROLLER
|
celduc-relais
|
SWTA4650 |
DIGITAL THREE PHASE ANGLE CONTROLLER
|
celduc-relais
|
IRFM250 |
N-Channel Power MOSFET(Vdss:200V,Id(cont):27.4A,Rds(on):0.100Ω)(N沟道功率MOS场效应管(Vdss:200V,Id(cont):27.4A,Rds(on):0.100Ω)) N沟道功率MOSFET(减振钢板基本:200伏,身份证(续)7.4A,的Rds(on):0.100Ω)(不适用马鞍山沟道功率场效应管(减振钢板基本00伏,身份证(续)7.4A时,RDS(对):0.100Ω))
|
Electronic Theatre Controls, Inc. SEME-LAB Seme LAB
|
19003-0048 19003-0057 19003-0053 19003-0056 19003- |
.250 X.032 FML FIQD EXP CONT.(BB-2206XC) 2 mm2, PUSH-ON TERMINAL .187X.032 FEMALE AQUA FIQD CONT BB-2208C 2 mm2, PUSH-ON TERMINAL .187X.020 FEMALE FIQD EXPANDED (BB-2207X 2 mm2, PUSH-ON TERMINAL .187 X .032 FEMALE FIQD (BB-2208) 2 mm2, PUSH-ON TERMINAL .250 X.032 FML FIQD EXP TAPED(BB-2206XT) 2 mm2, PUSH-ON TERMINAL 190030058 2 mm2, PUSH-ON TERMINAL .205 X .020 BLUE FIQD CONT BB-2215C 2 mm2, PUSH-ON TERMINAL .250 X.032 FML FIQD EXP TAPED(AA-2201XT) 0.8 mm2, PUSH-ON TERMINAL 190030060 2 mm2, PUSH-ON TERMINAL .187 X .020 FEMALE FIQD CONT. (AA-2202C) 0.8 mm2, PUSH-ON TERMINAL .250 X .032 FEMALE FIQD CON 2 mm2, PUSH-ON TERMINAL
|
Molex, Inc. TE Connectivity, Ltd. MOLEX INC
|
IRFE9130 |
P-Channel Power MOSFET(Vdss:-100V,Id(cont):-6.1A,Vdgr:-0.345V)(P沟道功率MOS场效应管(Vdss:-100V,Id(cont):-6.1A,Vdgr:-0.345V)) P沟道功率MOSFET(减振钢板基本:- 100V的,身份证(续) 6.1A,Vdgr 0.345V)性(P沟道功率马鞍山场效应管(减振钢板基本 100V的,身份证(续) 6.1AVdgr 0.345V))
|
Seme LAB
|
HMC440QS16G HMC439QS16G |
HBT DIGITAL PHASE-FREQUENCY DETECTOR/ 10 - 1300 MHz HBT DIGITAL PHASE-FREQUENCY DETECTOR, 10 - 1300 MHz, w/ INTEGRATED 5-BIT COUNTER, 10 - 2800 MHz
|
美国讯泰微波有限公司上海代表 HITTITE[Hittite Microwave Corporation]
|
SO468420 |
Phase angle controller
|
celduc-relais
|
ILA1185A |
TRIAC PHASE ANGLE CONTROLLER
|
INTEGRAL[Integral Corp.]
|
ILA1185A |
TRIAC PHASE ANGLE CONTROLLER
|
IK Semicon Co., Ltd
|
MCPC1225 MCPC1250 MCPC1290 MCPC4825 MCPC2450 MCPC4 |
Microprocessor based phase angle controller / SSR
|
Crydom Inc.,
|