PART |
Description |
Maker |
HFBR-0535 HFCT-53D5FM HFBR-53D5 HFBR-53D5EM HFBR-5 |
1 x 9 Fiber Optic Transceivers for Gigabit Ethernet 1 × 9光纤千兆以太网收发器 Evaluation Kit for 1x9 fiber optic modules at 1.25 GBd
|
http:// Avago Technologies, Ltd.
|
DWM-1F4DS2720 DWM-1F8DS2720 DWM-1FSDS2720 DWM-1F4D |
FIBER OPTIC WAVELENGTH DIVISION MUX/DEMUX, 200GHz, SC/SPC CONNECTOR FIBER OPTIC WAVELENGTH DIVISION MUX/DEMUX, 200GHz, LC/UPC CONNECTOR FIBER OPTIC WAVELENGTH DIVISION MUX/DEMUX, 200GHz, FC/APC CONNECTOR FIBER OPTIC WAVELENGTH DIVISION MUX/DEMUX, 200GHz, FC/SPC CONNECTOR Multi-Channel Mux/Demux Module 100 GHz Spacing
|
JDS Uniphase Corporation http://
|
2750073 |
INTERBUS fiber optic adapter, for converting the remote IN interface to fiber optic, FO output right
|
PHOENIX CONTACT
|
FTM-6112C-SL10043G FTM-6112C-SL10045G FTM-6112C-SL |
1.25Gbps CWDM Spring-latch SFP Transceiver FIBER OPTIC TRANSCEIVER, 1465-1478nm, 1250Mbps(Tx), 1250Mbps(Rx) FIBER OPTIC TRANSCEIVER, 1425-1438nm, 1250Mbps(Tx), 1250Mbps(Rx) FIBER OPTIC TRANSCEIVER, 1485-1498nm, 1250Mbps(Tx), 1250Mbps(Rx)
|
Source Photonics, Inc.
|
86171-0550 |
CONN,FIBER OPTIC,SC ADAPTER, BLUE, W/SHIELD METAL SLEEVE 9/125 um, SINGLE MODE, SIMPLEX FIBER OPTIC ADAPTER
|
Molex, Inc.
|
157.5701.6101 157.5701.6231 157.5701.5401 157.5701 |
OFNR SC/SC DUPLEX CABLE, 50FT Fuse strips with housing for batterie- powered vehicles for rated voltage up to 80 V Fiber Optic Cable Assembly; Cable Length:3.2ft; Drop Ship:Yes DUPLEX RISER SC-SC FIBER CABLE; 62.5 CERAMIC, 15M Fiber Optic Cable Assembly; Cable Length:32.8ft; Connector Type A:ST; Drop Ship:Yes Fiber Optic Cable Assembly; Cable Length:9.8ft; Drop Ship:Yes OFNR SC/SC DUPLEX CABLE, 100FT OFNR SC/SC DUPLEX CABLE, 25FT Fiber Optic Cable Assembly; Cable Length:6.5ft; Drop Ship:Yes 保险丝条为巴特里住房供电的额定电压为80伏汽
|
Littelfuse, Inc.
|
HFBR-0500Z HFBR-2521Z HFBR-1522Z |
Versatile Link The Versatile Fiber Optic Connection Low cost fiber optic components
|
AVAGO TECHNOLOGIES LIMITED AVAGO TECHNOLOGIES LIMI...
|
C-159-155-FDFB-SLC5 C-127-155-FDFB-SLC9S-G5 C-127- |
155 Mbps Single Mode SFF LC Transceiver FIBER OPTIC TRANSCEIVER, 1305-1318nm, 155Mbps(Tx), 155Mbps(Rx), BOARD/PANEL MOUNT, LC CONNECTOR FIBER OPTIC TRANSCEIVER, 1425-1438nm, 155Mbps(Tx), 155Mbps(Rx), BOARD/PANEL MOUNT, LC CONNECTOR FIBER OPTIC TRANSCEIVER, 1265-1278nm, 155Mbps(Tx), 155Mbps(Rx), BOARD/PANEL MOUNT, LC CONNECTOR FIBER OPTIC TRANSCEIVER, 1325-1338nm, 155Mbps(Tx), 155Mbps(Rx), BOARD/PANEL MOUNT, LC CONNECTOR
|
Source Photonics, Inc.
|
HFBR-1506AM HFBR-2506AM HFBR-0541 |
Fiber Optic SMA Transmitters and Receivers for 16 MBd SERCOS Applications HFBR-0541 · Evaluation Kit designed for SERCOS applications that operate up to 16 MBd HFBR-1506AM · 16 MBd SERCOS Fiber Optic Transmitter HFBR-2506AM · 16 MBd SERCOS Fiber Optic Receiver
|
http:// HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard)
|
GP1FA313RZ GP1FA313TZ |
(GP1FA313RZ / GP1FA352RZ) FIBER OPTIC TRANSMITTER (GP1FA313TZ / GP1FA352TZ) FIBER OPTIC TRANSMITTER
|
Sharp
|
29-7602-330 29-7702-330 29-8000-460 29-7402-360 29 |
FIBER OPTIC TRANSMITTER, 975-977nm, PANEL MOUNT, BUTTERFLY FIBER OPTIC TRANSMITTER, 980-982nm, PANEL MOUNT, BUTTERFLY Up to 500 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
|
JDS Uniphase Corporation
|
|