PART |
Description |
Maker |
JLS1300-0701 JLS1300-0811 JLS1300-0801 JLS1300-071 |
SPECIAL SWITCH-LEVER PUSH SWITCH, SPDT, MOMENTARY, 0.01A, 5VDC, SURFACE MOUNT-RIGHT ANGLE
|
SMK CORP
|
SKRHACE010 |
4-direction with Center-push Function (Surface mount type)
|
ALPS ELECTRIC CO.,LTD.
|
47322-0322 0473220322 |
1.00mm (.039) Pitch ExpressCard* 34mm (1.34) Header, Bottom Mount, Push-Push Type, with 3.22mm (.127) Stand Off, Lead Free
|
Molex Electronics Ltd.
|
EVQP0 EVQP0Q02Q EVQP0N02B EVQP0P02B EVQP0S02Q EVQQ |
6 mm Square Thin Type SMD Light Touch Switches KEYPAD SWITCH, SPST, MOMENTARY, 0.02A, 15VDC, 0.6 N, SURFACE MOUNT-STRAIGHT KEYPAD SWITCH, SPST, MOMENTARY, 0.02A, 15VDC, 1 N, SURFACE MOUNT-STRAIGHT KEYPAD SWITCH, SPST, MOMENTARY, 0.02A, 15VDC, 0.5 N, SURFACE MOUNT-STRAIGHT KEYPAD SWITCH, SPST, MOMENTARY, 0.02A, 15VDC, 1.3 N, SURFACE MOUNT-STRAIGHT KEYPAD SWITCH, SPST, MOMENTARY, 0.02A, 15VDC, 3.5 N, SURFACE MOUNT-STRAIGHT
|
Panasonic Semiconductor http:// PANASONIC CORP
|
0679130008 67913-0008 |
2.50mm (.098) Pitch, SDIO Memory Card Connector, Reverse Mount, Ultra LowProfile, Push Push Type MOLEX Connector
|
Molex Electronics Ltd.
|
0473140053 47314-0053 |
1.00mm (.039) Pitch ExpressCard Header, Top Mount, with Push-Push (Card Push) Mechanism, Lead free
|
Molex Electronics Ltd.
|
08080100 08080200 08080300 08080380 08080400 08080 |
Manual Battery Disconnect Switch features a push button for fast push to off operation in event of an emergency. Rotate knob for ON. Switch status is indicated though a window on the top of the knob
|
Littelfuse
|
SLLB120100 SLLB120200 SLLB120300 |
Lever and Push Operation Type Switch
|
ALPS ELECTRIC CO.,LTD.
|
SLLB-15 |
Lever and Push Operation Type Switch
|
ALPS ELECTRIC CO.,LTD.
|
SRBE110300 |
Encoder and Push Operation Type Switch
|
ALPS ELECTRIC CO.,LTD.
|
FMS006-2310-0 |
SIM Card Reader (Push / Lock, Std. Type w/o Switch)
|
Yamaichi Electronics Co., Ltd.
|
|