PART |
Description |
Maker |
LH28F008SCHB-LF12 LH28F008SCT-LF12 LH28F008SCR-LF8 |
1M X 8 FLASH 2.7V PROM, 120 ns, PBGA42 FBGA-42 1M X 8 FLASH 2.7V PROM, 120 ns, PDSO40 TSOP1-40 1M X 8 FLASH 2.7V PROM, 85 ns, PDSO40 REVERSE, TSOP1-40 1M X 8 FLASH 2.7V PROM, 120 ns, PDSO40 REVERSE, TSOP1-40 1M X 8 FLASH 2.7V PROM, 85 ns, PBGA42 FBGA-42 1M X 8 FLASH 2.7V PROM, 85 ns, PDSO44 SOP-44 1M X 8 FLASH 2.7V PROM, 85 ns, PDSO40 TSOP1-40 1M X 8 FLASH 2.7V PROM, 120 ns, PDSO44 SOP-44 1M X 8 FLASH 5V PROM, 120 ns, PDSO56 512K X 8 FLASH 5V PROM, 60 ns, PDSO44 2M X 8 FLASH 5V PROM, 120 ns, PDSO56 512K X 8 FLASH 5V PROM, 60 ns, PDSO48 256K X 8 FLASH 5V PROM, 80 ns, PDSO32
|
Sharp Electronics, Corp. SHARP ELECTRONICS CORP
|
AM28F020-120C3EE AM28F020-120C3EI AM28F020-120C3FI |
256K X 8 FLASH 12V PROM, 120 ns, PDSO32 256K X 8 FLASH 12V PROM, 120 ns, PDIP32
|
ADVANCED MICRO DEVICES INC
|
AT49BV4096 AT49BV4096-15RC AT49BV4096-15RI AT49BV4 |
4-Megabit 256K x 16 3-volt Only CMOS Flash Memory 256K X 16 FLASH 5V PROM, 200 ns, PDSO48 4-Megabit 256K x 16 3-volt Only CMOS Flash Memory 256K X 16 FLASH 5V PROM, 120 ns, PDSO44 4-Megabit 256K x 16 3-volt Only CMOS Flash Memory 256K X 16 FLASH 5V PROM, 150 ns, PDSO44
|
Atmel, Corp. ATMEL[ATMEL Corporation]
|
AM29LV800DB-70EF AM29LV800DB-90EF AM29LV800DB-70WC |
Flash Memory IC; Memory Size:8Mbit; Package/Case:48-TSOP; Supply Voltage Max:3V; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Access Time, Tacc:70nS; Series:AM29 RoHS Compliant: Yes 512K X 16 FLASH 3V PROM, 70 ns, PDSO48 512K X 16 FLASH 3V PROM, 90 ns, PDSO48 512K X 16 FLASH 3V PROM, 70 ns, PBGA48 512K X 16 FLASH 3V PROM, 90 ns, PBGA48 512K X 16 FLASH 3V PROM, 120 ns, PDSO48 512K X 16 FLASH 3V PROM, 120 ns, PDSO44 512K X 16 FLASH 3V PROM, 90 ns, PDSO44
|
Spansion, Inc. SPANSION LLC
|
MX29F022NBPC-55 MX29F022NTPC-55 MX29F022BPC-55 MX2 |
2M-BIT[256K x 8]CMOS FLASH MEMORY 256K X 8 FLASH 5V PROM, 55 ns, PDIP32 2M-BIT[256K x 8]CMOS FLASH MEMORY 256K X 8 FLASH 5V PROM, 90 ns, PDSO32 2M-BIT[256K x 8]CMOS FLASH MEMORY 256K X 8 FLASH 5V PROM, 120 ns, PDIP32 2M-BIT[256K x 8]CMOS FLASH MEMORY 256K X 8 FLASH 5V PROM, 90 ns, PDIP32 2M-BIT[256K x 8]CMOS FLASH MEMORY 256K X 8 FLASH 5V PROM, 70 ns, PQCC32 2M-BIT[256K x 8]CMOS FLASH MEMORY 256K X 8 FLASH 5V PROM, 55 ns, PDSO32
|
Macronix International Co., Ltd. MACRONIX INTERNATIONAL CO LTD
|
BM29F400T-15TC BM29F400T-90TC BM29F400T-12TC |
x8/x16 Flash EEPROM 256K X 16 FLASH 5V PROM, 120 ns, PDSO48
|
WINBOND ELECTRONICS CORP
|
AM29LV160BT-90WCC AM29LV160BT-90EE AM29LV160BT-90S |
16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 1M X 16 FLASH 3V PROM, 90 ns, PBGA48 1M X 16 FLASH 3V PROM, 90 ns, PDSO48 1M X 16 FLASH 3V PROM, 90 ns, PDSO44 1M X 16 FLASH 3V PROM, 70 ns, PDSO48 1M X 16 FLASH 3V PROM, 120 ns, PDSO48
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
AM28F020 AM28F021 AM28F020-120EC AM28F020-120EE AM |
3 Megabit (256 K x 8-Bit) CMOS 12.0 Volt Bulk Erase Flash Memory(509.20 k) Rectangular Connector; Body Material:Polyester; Series:8016; Number of Contacts:38; Contact Material:Phosphor Bronze; Contact Plating:Gold Over Nickel; Gender:Male; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes Rectangular Connector; Body Material:Polyester; Series:8016; Number of Contacts:38; Contact Material:Phosphor Bronze; Contact Plating:Gold Over Nickel; Gender:Female; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory 2兆位56亩8位)的CMOS 12.0伏,整体擦除闪存 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory 256K X 8 FLASH 12V PROM, 90 ns, PDSO32 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory 256K X 8 FLASH 12V PROM, 90 ns, PDIP32 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory 2兆位256亩8位)的CMOS 12.0伏,整体擦除闪存 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory 256K X 8 FLASH 12V PROM, 200 ns, PQCC32 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory 256K X 8 FLASH 12V PROM, 150 ns, PDIP32 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory 256K X 8 FLASH 12V PROM, 120 ns, PDSO32 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory 256K X 8 FLASH 12V PROM, 120 ns, PDIP32 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory 256K X 8 FLASH 12V PROM, 200 ns, PDSO32 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory 256K X 8 FLASH 12V PROM, 150 ns, PQCC32
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
IS28LV020-90T IS28LV020-90W |
256K X 8 FLASH 12V PROM, 90 ns, PDSO32 TSOP-32 256K X 8 FLASH 12V PROM, 90 ns, PDIP32 0.600 INCH, PLASTIC, DIP-32
|
Integrated Silicon Solution, Inc.
|
GLS37VF040-70-3C-NHE SST37VF020-70-3C-PHE SST37VF0 |
-bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 256K X 8 FLASH 2.7V PROM, 70 ns, PQCC32 128K X 8 FLASH 2.7V PROM, 70 ns, PDIP32
|
SILICON STORAGE TECHNOLOGY INC
|
AT49LV002NT-70JL AT49LV002NT-90JL AT49LV002NT-12JL |
256K X 8 FLASH 3V PROM, 70 ns, PQCC32 PLASTIC, LCC-32 256K X 8 FLASH 3V PROM, 90 ns, PQCC32 PLASTIC, LCC-32 256K X 8 FLASH 3V PROM, 120 ns, PQCC32 PLASTIC, LCC-32
|
Atmel, Corp.
|
E28F004BVT80 E28F004BVB80 E28F004BVT60 E28F004BVT1 |
4-MBIT (256K X 16/ 512K X 8)SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY 4-MBIT (256K X 16. 512K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY Dual-Slot, PCMCIA Analog Power Controller Evaluation Kit for the MAX5943A/B/C/D/E 4-MBIT (256K X 16, 512K X 8)SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY 256K X 16 FLASH 5V PROM, PDSO48 4-MBIT (256K X 16, 512K X 8)SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY 256K X 16 FLASH 5V PROM, PDSO56
|
Intel Corporation Intel Corp. Intel, Corp.
|
|