PART |
Description |
Maker |
MAX160-MX7574 MX7574 MAX7574TD MAX7574SQ MAX7574AQ |
Microprocessor compatible 8-bit A/D converter. Fast conversion time 15microsec. Error -3/4 LSB. Hex Schmitt-trigger Inverters 14-CFP -55 to 125 μP Compatible 8 Bit A/D Converter ヌP COMPATIBLE 8 BIT A/D CONVERTER 10 AMP MINIATURE POWER RELAY レP Compatible 8 Bit A/D Converter 1-CH 8-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, UUC18 ?? Compatible 8 Bit A/D Converter
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. Maxim Integrated Produc...
|
ICL7104 ICL7104-14CPL ICL8052 ICL8068 LCL8052CDD L |
14-Bit/16-Bit/ Microprocessor- Compatible/ 2-Chip/ A/D Converter 14-Bit/16-Bit Microprocessor 14-Bit/16-Bit / Microprocessor- Compatible / 2-Chip / A/D Converter 14-BitMicroprocessor-Compatible,
2-Chip, A/D Converter(14位、微处理器兼容的2片A/D转换 16-Bit, Microprocessor-Compatible, 2-Chip, A/D Converter(16位、微处理器兼容的2片ADC) 16位微处理器兼容,2芯片,A / D转换16位,微处理器兼容片ADC)的 16-Bit, Microprocessor-Compatible, 2-Chip, A/D Converter(16浣??寰??????煎?????DC)
|
Intersil Corporation Intersil, Corp.
|
ICM7170 ICM7170AIBGT ICM7170AIDG ICM7170AIPG ICM71 |
Microprocessor-Compatible, Real-Time Clock 8-Bit, uP Bus Compatible
|
Rochester Electronics
|
AM188EM AM186EM-40VC_W |
High Performance, 80C186-/80C188-Compatible and 80L186-/80L188-Compatible, 16-Bit Embedded Microcontrollers
|
AMD
|
1053660000 |
Terminal Block Jumper; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No INTERCONNECTION DEVICE
|
Weidmuller, Corp.
|
CY7C245A CY7C245A-15JC CY7C245A-15JI CY7C245A-18QM |
Linear Power Supply; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No 2K x 8 Reprogrammable Registered PROM
|
Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
F6S2-2M2 |
Fiber Optic Cable Assembly; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No
|
PANDUIT CORP
|
93C46A 93C46C 93LC46C 93LC46BX-E_MS 93LC46BX-E_MSG |
This datasheet is compatible with the following devices: 93AA46A/B/C, 93LC46A/B/C, and 93C46A/B/C 1K Microwire-Compatible Serial ... This datasheet is compatible with the following devices: 93AA46A/B/C, 93LC46A/B/C, and 93C46A/B/C 1K Microwire-Compatible Serial EERPOM 1K Microwire Compatible Serial EEPROM
|
MICROCHIP[Microchip Technology]
|
43650-0715 |
3.00mm (.118) Pitch Micro-Fit 3.0?/a> Header, Surface Mount Compatible, Single Row,Vertical, with PCB Polarizing Peg, 7 Circuits, Tin (Sn) Plating, Glow Wire Compatible
|
Molex Electronics Ltd.
|
P50E-100S-TG |
Connector; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No 100 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC, SOCKET
|
Integrated Device Technology, Inc. ROBINSON NUGENT INC
|