PART |
Description |
Maker |
ADM3053BRWZ-REEL7 EVAL-ADM3053EBZ |
Signal and Power Isolated CAN Transceiver with Integrated Isolated DC-to-DC Converter
|
http:// Analog Devices
|
7B35 7B35-01-1 7B35-01-2 |
Isolated Process Current Input Signal Conditioning Module with Isolated 24 V Loop Power Isolated Process Current Input with Loop Power
|
Analog Devices
|
APTS006A0X10 APTS012A0X10 APXS006A0X4-SRZ |
12V Pico TLynxTM 6A: Non-Isolated DC-DC Power Modules 12V Micro TLynxTM: Non-Isolated DC-DC Power Modules 1-OUTPUT 33 W DC-DC REG PWR SUPPLY MODULE
|
Lineage Power Corporation LINEAGE POWER LLC
|
LTM2884 LTM2884-15 |
Isolated USB Transceiver with Isolated Power
|
Linear Technology
|
ADUM6132 ADUM6132ARWZ ADUM6132ARWZ-RL |
Isolated Half-Bridge Driver with Integrated Isolated High-Side Supply
|
Analog Devices
|
2090-6204-00 2090-6210-00 2090 2090-6205-00 2090SE |
Two-Way Isolated Power Dividers Tapered, Ultra Broadband Circular Connector; Body Material:Aluminum; Series:PT01; No. of Contacts:5; Connector Shell Size:14; Connecting Termination:Solder; Circular Shell Style:Cable Receptacle; Circular Contact Gender:Pin; Insert Arrangement:14-5 双向圆锥隔离功率分配器,超宽 Two-WayIsolatedPowerDividersTapered/UltraBroadband Two-Way Isolated Power Dividers TaperedUltra Broadband 双向圆锥隔离功率分配器,超宽
|
3M Company TycoElectronics MACOM[Tyco Electronics]
|
CMR0505SA3C CMR0505SAP3C4 CMR0515S3C CMR0512S3C |
Isolated 0.75W Single and Dual Output Isolated DC/DC Converters
|
Murata Power Solutions ...
|
DI-122 |
13 W (17.2 W Peak) Non-Isolated Power Supply for White Goods: <150 mW No-load Power Consumption
|
POWERINT[Power Integrations, Inc.]
|
MC7815 MC7806 MC7809 MC7809CT MC7808CT MC7808ACT M |
3-terminal 1A positive volitage regulator 15 A 3.3-V Input Bus Termination Power Module for DDR/QDR Memory 10-DIP MODULE -40 to 85 16-A, 4.5-V to 14-V Input, Ceramic Cap Version, Non-Iso, Wide Output Adj, Pwr Module w/TurboTrans 11-DIP MODULE -40 to 85 9 V FIXED POSITIVE REGULATOR, PSFM3 3-Terminal 1A Positive Voltage Regulator 三端一正电压调节器 5.0 AMP POSITIVE VOLTAGE REGULATOR 12 V FIXED POSITIVE REGULATOR, PSFM3 three-terminal positive voltage regulators 5 V FIXED POSITIVE REGULATOR, PSFM3 5.0 AMP POSITIVE VOLTAGE REGULATOR 5.0放大器正电压稳压 16-A, 2.2-V to 5.5-V Input, Non-Isolated, Wide-Output, Adjustable Power Module with TurboTrans 11-DIP MODULE -40 to 85 2.25 A, 4.5-V to 18-V Input Wide Adjust Miniature Power Module 5-DIP MODULE -40 to 85 6-A, 2.2-V to 5.5-V Input, Ceramic Cap Version, Non-Iso, Wide-Output, Adj Power Module w/TurboTrans 10-DIP MODULE -40 to 85 30-A, 4.5V to 5.5V Input, Non-Isolated, Wide Output Adjustable Power Module with TurboTrans 14-DIP MODULE -40 to 85 30-A, 5.5-V to 14-V Input, Non-Isolated, Wide Output Adjust, Power Module w/ TurboTrans 14-DIP MODULE -40 to 85 16-A, 4.5-V to 14-V Input, Non-Isolated, Wide Output Adjust, Power Module w/ TurboTrans 11-DIP MODULE -40 to 85 30 A, 5-V Input Wide-Output Adjust Plug-in Power Module 13-DIP MODULE -40 to 85 60 A, 3.3/5-V Input Non-Isolated Wide-Output Adjust Power Module 20-DIP MODULE -40 to 85 3-Terminal 1A Positive Voltage Regulator
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation
|
MTA1N60E |
FULLY ISOLATED TMOS E-FET POWER FIELD EFFECT TRANSISTOR Fully Isolated TMOS E-FET / Power Rifld Effect Transistor
|
MOTOROLA[Motorola, Inc]
|