PART |
Description |
Maker |
IRF46ER153K IRF-46 |
Inductors Epoxy Conformal Coated, Axial Leaded Inductors Epoxy Conformal Coated, Axial Leaded
|
Vishay Siliconix
|
IRF-46 |
Epoxy Conformal Coated Inductor
|
Vishay
|
CCF-07 |
Industrial, Tape and Reel Packaging, Flame Retardant Epoxy Conformal Coating, Standard 4 Band Color Code Marking
|
Vishay
|
IRF IRF-31.810 |
1 ELEMENT, 1.8 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR Epoxy Conformal Coated Inductor
|
VISHAY DALE
|
CTC3F |
Conformal Coated Inductors
|
Central Technologies
|
CTC0F |
Conformal Coated Inductors - Axial
|
Central Technologies
|
TS02A-17 |
NON-INDUCTIVE, COATED WITH EPOXY RESIN OR FLAME RETARDANT EPOXY POWER
|
Suntan Capacitors
|
1344396 |
The Poly-Thermaleze base coat is a cross-linked, modified polyester
|
List of Unclassifed Man...
|
5300-25-TR-RC 5300-23-RC 5300-45-RC 5300-21-RC 530 |
Inductor, Axial, Conformal Coa 1 ELEMENT, 100 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR Inductor, Axial, Conformal Coa 1 ELEMENT, 68 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR Inductor, Axial, Conformal Coa 1 ELEMENT, 4700 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR Inductor, Axial, Conformal Coa 1 ELEMENT, 47 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR Inductor, Axial, Conformal Coa 1 ELEMENT, 330 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR Inductor, Axial, Conformal Coa 1 ELEMENT, 2700 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR Inductor, Axial, Conformal Coa 1 ELEMENT, 1000 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR Inductor, Axial, Conformal Coa 1 ELEMENT, 1.8 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR Inductor, Axial, Conformal Coa 1 ELEMENT, 18 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR Inductor, Axial, Conformal Coa 1 ELEMENT, 3.3 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 8.2 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 3900 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR
|
Bourns, Inc. BOURNS INC
|
G7752-10 G7754-03 G7751-02 G7751-21 G7754-01 G7751 |
Active area: 0.6mm; external input voltage: -18V; infrared detector module with preamplifier: high sensitivity module of easy-to-use. For infrared detection Tantalum Conformal-Coated Capacitor; Capacitance: 47uF; Voltage: 6.3V; Packaging: Tape & Reel 红外探测器与前置放大器模 Tantalum Conformal-Coated Capacitor; Capacitance: 47uF; Voltage: 6.3V; Packaging: Tape & Reel Tantalum Conformal-Coated Capacitor; Capacitance: 47uF; Voltage: 6.3V; Case Size: 3.2x1.6 mm; Packaging: Tape & Reel
|
Hamamatsu Photonics K.K. HAMAMATSU[Hamamatsu Corporation]
|
T98E227K020EAA T98E227K020EAB T98E227K020CAA T98F2 |
TANTAMOUNT㈢ Low ESR, Hi-Rel COTS, Built-In Fuse Conformal Coated TANTAMOUNT? Low ESR, Hi-Rel COTS, Built-In Fuse Conformal Coated TANTAMOUNT庐 Low ESR, Hi-Rel COTS, Built-In Fuse Conformal Coated TANTAMOUNT垄莽 Low ESR, Hi-Rel COTS, Built-In Fuse Conformal Coated
|
http:// Vishay Siliconix
|
TNPW |
Metal Film Layer on High Quality Ceramic, Protective Top Coat, SnPb Contacts on Ni Barrier Layer, Excellent Stability at Different Environmental Conditions
|
Vishay
|
|