PART |
Description |
Maker |
TCRB0807-100M TCRB0807-101M TCRB0807-102M TCRB0807 |
TCRB Coil Choke Inductors Radial
|
Token Electronics Industry Co., Ltd.
|
AR215F104M4R |
Radial Leads/SkyCap?/AR Series
|
AVX Corporation
|
AR215A104D4RAP1 AR212A104D4RAP1 AR211A104D4RAP1 AR |
Radial Leads/SkyCap/AR Series
|
AVX Corporation
|
2020.00K 2020.02K 2020.04K 2020.06K 2020.08K 2020- |
Radial Toroidal Inductors 1 ELEMENT, 10 uH, IRON-CORE, GENERAL PURPOSE INDUCTOR Radial Toroidal Inductors
|
API Delevan
|
DMMAAP22K-F DMMADS22K-F DMMAAP15K-F DMMAAP1K-F DMM |
Polyester Film Capacitors Metallized Radial Leads
|
Cornell Dubilier Electronic... List of Unclassifed Manufacturers ETC Cornell Dubilier Electronics List of Unclassifed Manufac...
|
DMM2P68K-F DMM6P15K-F DMM6P1K-F DMM6P22K-F DMM4P33 |
Polyester Film Capacitors Metallized Radial Leads
|
Cornell Dubilier Electronics Cornell Dubilier Electr...
|
1120-222K-RC 1120-1R2M-RC 1120-680K-RC 1120-681K-R |
RF Choke; Series:1120; Inductance:2.2mH; Inductance Tolerance: /- 10 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:800mA; DC Resistance Max:1.54ohm; Leaded Process Compatible:Yes; Body Material:Ferrite RF Choke; Series:1120; Inductance:1.2uH; Inductance Tolerance: /- 20 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:11.4A; DC Resistance Max:0.003ohm; Leaded Process Compatible:Yes; Body Material:Ferrite RF Choke; Series:1120; Inductance:68uH; Inductance Tolerance: /- 10 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:4.8A; DC Resistance Max:0.053ohm; Leaded Process Compatible:Yes; Body Material:Ferrite RF Choke; Series:1120; Inductance:680uH; Inductance Tolerance: /- 10 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:1.6A; DC Resistance Max:0.430ohm; Leaded Process Compatible:Yes; Body Material:Ferrite RF Choke; Series:1120; Inductance:1.8uH; Inductance Tolerance: /- 20 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:11.4A; DC Resistance Max:0.003ohm; Leaded Process Compatible:Yes; Body Material:Ferrite RF Choke; Series:1120; Inductance:330uH; Inductance Tolerance: /- 10 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:1.6A; DC Resistance Max:0.305ohm; Leaded Process Compatible:Yes; Body Material:Ferrite RF Choke; Series:1120; Inductance:470uH; Inductance Tolerance: /- 10 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:1.6A; DC Resistance Max:0.355ohm; Leaded Process Compatible:Yes; Body Material:Ferrite RF Choke; Series:1120; Inductance:1.5mH; Inductance Tolerance: /- 10 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:800mA; DC Resistance Max:1.26ohm; Leaded Process Compatible:Yes; Body Material:Ferrite Very high current capacity
|
BOURNS INC Bourns Electronic Solut...
|
5614-RC 5609-RC 5629-RC 5619-RC 5617-RC 5615-RC 56 |
High I , Radial Choke 1 ELEMENT, 100 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR High I , Radial Choke 1 ELEMENT, 2500 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR High Current Chokes
|
Bourns, Inc. Bourns Electronic Solutions BOURNS INC
|
RCC0805100MZF-16 |
RADIAL CHOKE COIL
|
Superworld Electronics
|
RCS1008180MZF RCS1008181KZF RCS1008150MZF RCS10081 |
RADIAL CHOKE COIL
|
Superworld Electronics
|
RCB0912101KZF RCB0912102KZF RCB0912103KZF RCB09122 |
RADIAL CHOKE COIL
|
Superworld Electronics
|