Part Number Hot Search : 
1N5938B MV1640 3PMT40 BU4528B BT8110 CXX0G 2N3700 D8089
Product Description
Full Text Search
  leads Datasheet PDF File

For leads Found Datasheets File :: 56442    Search Time::1.172ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    NXP Semiconductors N.V.
Part No. PCA9541PW/01 PCA9541BS/02 PCA9541PW/03 PCA9541BS/01 PCA9541PW/02
OCR Text ...astic small outline package; 16 leads; body width 3.9 mm sot109-1 pca9541pw/01 tssop16 plastic thin shrink small outline package; 16 leads; body width 4.4 mm sot403-1 pca9541bs/01 hvqfn16 plastic thermal enhanced very thin quad ?at package;...
Description 2-to-1 I2C-bus master selector with interrupt logic and reset

File Size 192.56K  /  43 Page

View it Online

Download Datasheet





    Allegro MicroSystems, Inc.
ALLEGRO[Allegro MicroSystems]
Part No. A3845SLW 3845 A3845 A3845ELW
OCR Text ...faf = 1 kHz, Test Figure. Test leads 20 20 Limits Test Conditions Operating VRF = 0 Min. 7.5 -- Typ. 9.0 15 Max. 12 22 Units V mA Characteristic Supply Voltage Range Quiescent Supply Current RF INPUT AMPLIFIER: Trigger Threshold Modulat...
Description TRANS PREBIASED NPN 150MW SOT523
AM NOISE BLANKER

File Size 230.65K  /  8 Page

View it Online

Download Datasheet

    SB152014

Diotec Semiconductor
Part No. SB152014
OCR Text ...ty of bypass diodes 2 valid, if leads are kept at ambient temperature at a distance of 10 mm from case gltig, wenn die anschlussdr?hte in 10 mm abstand vom geh?use auf umgebungstemperatur gehalten werden ? diotec semiconductor ag http://ww...
Description Schottky Barrier Rectifiers

File Size 96.87K  /  2 Page

View it Online

Download Datasheet

    LPC11A02UK LPC11A04UK LPC11A14FHN33 LPC11A12FBD48 LPC11A14FBD48 LPC11A13FHI33

NXP Semiconductors
Part No. LPC11A02UK LPC11A04UK LPC11A14FHN33 LPC11A12FBD48 LPC11A14FBD48 LPC11A13FHI33
OCR Text ...very thin quad flat package; no leads; 33 terminals; body 7 ? 7 ? 0.85 mm n/a lpc11a12fhn33/101 hvqfn33 hvqfn: plastic thermal enhanced very thin quad flat package; no leads; 33 terminals; body 7 ? 7 ? 0.85 mm n/a lpc11a13fhi33/20...
Description 16kB flash, 4kB SRAM, WLCSP package
32kB flash, 8kB SRAM, WLCSP package
32kB flash, 8kB SRAM, HVQFN32 package
16kB flash, 4kB SRAM, LQFP48 package
32kB flash, 8kB SRAM, LQFP48 package
24kB flash, 6kB SRAM, HVQFN32 package

File Size 1,819.68K  /  84 Page

View it Online

Download Datasheet

    Philips
Part No. TDA3663T
OCR Text ...r pad for good heat transfer; 4 leads sot223 tda3663t so8 plastic small outline package; 8 leads; body width 3.9 mm sot96-1 tda3663at so8 plastic small outline package; 8 leads; body width 3.9 mm sot96-1 2000 feb 01 3 philips semiconducto...
Description Very low dropout voltage/quiescent current 3.3 V voltage regulator

File Size 91.45K  /  16 Page

View it Online

Download Datasheet

    HB[HB Electronic Components]
Part No. 980PB6C
OCR Text ...), be careful not to stress the leads with iron tip. Lead wries Panel (Fig.1) 2) When soldering wire to the lead, work with a Fig (See Fig.2) to avoid stressing the package. Lead wries Leave a slight clearance (Fig.2...
Description FLUX LED SPECIFICATION

File Size 643.50K  /  9 Page

View it Online

Download Datasheet

    74LV00 74LV00D 74LV00DB 74LV00N 74LV00PW 74LV00PWDH 74LV00_2

NXP Semiconductors
PHILIPS[Philips Semiconductors]
Part No. 74LV00 74LV00D 74LV00DB 74LV00N 74LV00PW 74LV00PWDH 74LV00_2
OCR Text ...lastic dual in-line package; 14 leads (300 mil) SOT27-1 1998 Apr 20 6 Philips Semiconductors Product specification Quad 2-input NAND gate 74LV00 SO14: plastic small outline package; 14 leads; body width 3.9 mm SOT...
Description From old datasheet system
Quad 2-input NAND gate

File Size 104.57K  /  10 Page

View it Online

Download Datasheet

    80C51X2 P80C51X2 P87C54X2 P87C54X2BA P87C54X2BN P87C54X2FA P80C31X2 P80C31X2BA P80C31X2BN P80C32 P80C32X2 P80C32X2BA P80

PHILIPS[Philips Semiconductors]
Part No. 80C51X2 P80C51X2 P87C54X2 P87C54X2BA P87C54X2BN P87C54X2FA P80C31X2 P80C31X2BA P80C31X2BN P80C32 P80C32X2 P80C32X2BA P80C32X2BN P80C32X2FA P80C32X2FN P87C52 P87C52X2 P87C52X2BA P87C52X2BN P87C52X2FA P87C52X2FN P87C38X2 P80C52X2 87C58X2 P87C58X2 P87C58X2BA P87C58X2BN P87C58X2FA P87C51X2BA P87C51X2BN 80C52X2 80C31X2 87C54X2 P87C32X2 80C38X2 P80C38X2
OCR Text ...plastic leaded chip carrier; 44 leads plastic dual in-line package; 40 leads (600 mil) plastic leaded chip carrier; 44 leads plastic dual in-line package; 40 leads (600 mil) plastic leaded chip carrier; 44 leads plastic dual in-line package...
Description 80C51 8-bit microcontroller family 4K/8K/16K/32K ROM/OTP 128B/256B RAM low voltage 2.7 to 5.5 V, low power, high speed 30/33 MHz
80C51 8-bit microcontroller family 4K/8K/16K/32K ROM/OTP 128B/256B RAM low voltage 2.7 to 5.5 V low power high speed 30/33 MHz

File Size 367.82K  /  57 Page

View it Online

Download Datasheet

    MPSL01

Continental Device India Limited
Part No. MPSL01
OCR Text ...t centre distance between outer leads component alignment tape width hold-down tape width hole position hold-down tape position lead wire clinch height component height length of snipped leads feed hole diameter total tape thickne...
Description NPN SILICON PLANAR EPITAXIAL TRANSISTOR

File Size 85.18K  /  3 Page

View it Online

Download Datasheet

    HB[HB Electronic Components]
Part No. 980MY8C
OCR Text ...), be careful not to stress the leads with iron tip. Lead wries Panel (Fig.1) 2) When soldering wire to the lead, work with a Fig (See Fig.2) to avoid stressing the package. Lead wries Leave a slight clearance (Fig.2...
Description FLUX LED SPECIFICATION

File Size 602.10K  /  9 Page

View it Online

Download Datasheet

For leads Found Datasheets File :: 56442    Search Time::1.172ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of leads

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
2.5010869503021