PART |
Description |
Maker |
HFBR-5527 |
125 Megabaud Fiber Optic Transceiver JIS FO7 Connection
|
Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)]
|
HFBR-0507Z |
125 Megabaud Versatile Link The Versatile Fiber Optic Connection
|
AVAGO TECHNOLOGIES LIMITED
|
HFBR-2521 HFBR-0501 |
Versatile Link The Versatile Fiber Optic Connection(万能链接光纤连接)
|
Agilent(Hewlett-Packard) Agilent / Hewlett-Packard
|
HFBR-2521 |
Versatile Link The Versatile Fiber Optic Connection
|
Hewlett-Packard / Agilent
|
HFBR-0535 HFCT-53D5FM HFBR-53D5 HFBR-53D5EM HFBR-5 |
1 x 9 Fiber Optic Transceivers for Gigabit Ethernet 1 × 9光纤千兆以太网收发器 Evaluation Kit for 1x9 fiber optic modules at 1.25 GBd
|
http:// Avago Technologies, Ltd.
|
2750073 |
INTERBUS fiber optic adapter, for converting the remote IN interface to fiber optic, FO output right
|
PHOENIX CONTACT
|
26-7552-100-TE 26-7552-110-TE 26-7552-120-TE 26-75 |
FIBER OPTIC TRANSMITTER, 980-982nm, PANEL MOUNT, BUTTERFLY Up to 180 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules with Tight Tracking FIBER OPTIC TRANSMITTER, 975-977nm, PANEL MOUNT, BUTTERFLY FIBER OPTIC TRANSMITTER, 970-985nm, PANEL MOUNT, BUTTERFLY
|
http:// JDS Uniphase Corporation
|
SPC-MR-EIR-1271-CNA SPC-MR-EIR-1291-CNA SPC-MR-EIR |
FIBER OPTIC TRANSCEIVER, 1265-1278nm, 2700Mbps(Tx), 2700Mbps(Rx), SURFACE MOUNT, LC CONNECTOR ROHS COMPLIANT PACKAGE FIBER OPTIC TRANSCEIVER, 1285-1298nm, 2700Mbps(Tx), 2700Mbps(Rx), SURFACE MOUNT, LC CONNECTOR ROHS COMPLIANT PACKAGE FIBER OPTIC TRANSCEIVER, 1325-1338nm, 2700Mbps(Tx), 2700Mbps(Rx), SURFACE MOUNT, LC CONNECTOR ROHS COMPLIANT PACKAGE FIBER OPTIC TRANSCEIVER, 1345-1358nm, 2700Mbps(Tx), 2700Mbps(Rx), SURFACE MOUNT, LC CONNECTOR ROHS COMPLIANT PACKAGE FIBER OPTIC TRANSCEIVER, 1305-1318nm, 2700Mbps(Tx), 2700Mbps(Rx), SURFACE MOUNT, LC CONNECTOR ROHS COMPLIANT PACKAGE FIBER OPTIC TRANSCEIVER, 1605-1618nm, 2700Mbps(Tx), 2700Mbps(Rx), SURFACE MOUNT, LC CONNECTOR FIBER OPTIC TRANSCEIVER, 1525-1538nm, 2700Mbps(Tx), 2700Mbps(Rx), SURFACE MOUNT, LC CONNECTOR
|
|
SLT1440-H885A SLT1440-H260A SLT1446-F850A SLT1446- |
FIBER OPTIC DFB LASER MODULE EMITTER, 1368-1372nm, THROUGH HOLE MOUNT FIBER OPTIC DFB LASER MODULE EMITTER, 1408-1412nm, THROUGH HOLE MOUNT FIBER OPTIC DFB LASER MODULE EMITTER, 1508-1512nm, THROUGH HOLE MOUNT FIBER OPTIC DFB LASER MODULE EMITTER, 1607-1613nm, THROUGH HOLE MOUNT FIBER OPTIC DFB LASER MODULE EMITTER, 1568-1572nm, THROUGH HOLE MOUNT
|
|
157.5701.6101 157.5701.6231 157.5701.5401 157.5701 |
OFNR SC/SC DUPLEX CABLE, 50FT Fuse strips with housing for batterie- powered vehicles for rated voltage up to 80 V Fiber Optic Cable Assembly; Cable Length:3.2ft; Drop Ship:Yes DUPLEX RISER SC-SC FIBER CABLE; 62.5 CERAMIC, 15M Fiber Optic Cable Assembly; Cable Length:32.8ft; Connector Type A:ST; Drop Ship:Yes Fiber Optic Cable Assembly; Cable Length:9.8ft; Drop Ship:Yes OFNR SC/SC DUPLEX CABLE, 100FT OFNR SC/SC DUPLEX CABLE, 25FT Fiber Optic Cable Assembly; Cable Length:6.5ft; Drop Ship:Yes 保险丝条为巴特里住房供电的额定电压为80伏汽
|
Littelfuse, Inc.
|
|