PART |
Description |
Maker |
74HCT1G125GV 74HCT1G125GW 74HC1G125 74HC1G125GV 74 |
4-Bit Synchronous Binary Counters 16-SOIC -40 to 85 采用16-SOIC封装位同步二进制计数工作温度-40℃到85 74HC1G125; 74HCT1G125; Bus buffer/line drivers; 3-state Bus buffer/line driver; 3-state
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
74LVX16240TTR 74LVX16240 |
LV/LV-A/LVX/H SERIES, QUAD 4-BIT DRIVER, INVERTED OUTPUT, PDSO48 16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (INVERTED), 5V TOLERANT INPUTS 16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (INVERTED), 5V TOLERANT INPUTS
|
STMicroelectronics ST Microelectronics
|
74ABT16240A 74ABT16240ADGG 74ABT16240ADL BT16240AD |
16-bit inverting buffer/driver (3-State) Octal bus transceivers 20-SO 0 to 70 16-bit inverting buffer/driver 3-State ABT SERIES, QUAD 4-BIT DRIVER, INVERTED OUTPUT, PDSO48
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
74ALVT162244 AV162244DL 74ALVT162244DGG 74ALVT1622 |
2.5 V / 3.3 V 16-bit buffer/driver with 30 Ohm termination resistors (3-State) 2.5V/3.3V 16-bit buffer/driver with 30ohm termination resistors 3-State ALVT SERIES, QUAD 4-BIT DRIVER, TRUE OUTPUT, PDSO48 2.5V/3.3V 16-bit buffer/driver with 30 Ωtermination resistors (3-State)(0 Ω终端电阻器的2.5V/3.3V 16位缓冲器/驱动三态)) 2.5V/3.3V 16-bit buffer/driver with 30
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
MB89663P-SH MB89665P-SH MB89P665P-SH MB89W665C-SH |
8-bit Proprietary Microcontroller Quadruple Bus Buffer Gates With 3- State Outputs 14-CDIP -55 to 125 Quadruple Bus Buffer Gates With 3-State Outputs 14-CFP -55 to 125
|
FUJITSU LTD Fujitsu Component Limited. Fujitsu Limited
|
HD74ACT125 HD74AC125 74AC125 74AC125B HD74AC125FP |
4-Bit Buffer/Driver Quad Buffer/Line Driver with 3-State Output(四缓冲器/三态输出的线驱动器) QUAD BUS BUFFERS 3-STATE
|
HITACHI[Hitachi Semiconductor] Hitachi,Ltd. STMicroelectronics
|
BXA3 BXA3-24S3V3 BXA3-12S15 BXA3-12S3V3 BXA3-24D05 |
Octal D-type flip flop non-inverting (3-state) with 5V tolerant inputs and outputs Octal D-type latch non-inverting (3-state) with 5V tolerant inputs and outputs DC至DC转换 Low voltage CMOS octal bus transceiver (3-state) with 5V tolerant inputs and outputs Low voltage CMOS quad bus buffer (3-state) with 5 V tolerant inputs and outputs Low voltage CMOS octal bus buffer (3-state) with 5 V tolerant inputs and outputs Low voltage CMOS octal bus buffer (3-state) with 5V tolerant inputs and outputs Low voltage CMOS dual 2 to 4 decoder / demultiplexer OCTAL BUS BUFFER (3-STATE NON INV.) WITH 5V TOLERANT INPUTS AND OUTPUTS Low voltage CMOS 3 to 8 line decoder (inverter) with 5 V tolerant inputs 3W Wide Input DC/DC Converters
|
Electronic Theatre Controls, Inc. ARTESYN[Artesyn Technologies]
|
74VHCT16244 74VHCT16244A 74VHCT16244ATTR |
16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (NON INVERTED) 16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (NON INVERTED)
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
74AC16541TTR 74AC16541 |
16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (NON INVERTED) 16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (NON INVERTED)
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
M74HCT126M1R M74HCT126B1R M74HCT126 M74HCT126RM13T |
OCTAL BUS BUFFER (3-STATE) QUAD BUS BUFFER (3-STATE)
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
IDT74ALVCH162827 |
3.3V CMOS 20-BIT BUFFER/ DRIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
|
Integrated Device Techn...
|
IDT74ALVCH32244 IDT74ALVCH32244BF IDT74ALVCH32244B |
3.3V CMOS 32-Bit Buffer/Driver with 3-State Outputs and Bus-Hold 3.3V CMOS 32-BIT BUFFER/ DRIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
|
IDT[Integrated Device Technology] Integrated Device Technology, Inc.
|