PART |
Description |
Maker |
IDT72V831 IDT72V831L10PF IDT72V831L10TF IDT72V831L |
3.3 VOLT DUAL CMOS SyncFIFO?/a> 3.3 VOLT DUAL CMOS SyncFIFO 4K X 9 BI-DIRECTIONAL FIFO, 12 ns, PQFP64 Selectable RGB (YUV) HD/SD Video Filter Driver with Y, C, Composite Outputs 3.3伏双通道CMOS SyncFIFO 15MBaud CMOS logic optocoupler. Single channel SOIC-8; Package: SOIC-W; No of Pins: 8; Container: Tape & Reel 15MBaud CMOS logic optocoupler. Single channel SOIC-8; Package: SOIC-W; No of Pins: 8; Container: Box 3.3 VOLT DUAL CMOS SyncFIFO⑩ 4K x 9 DualSync FIFO, 3.3V
|
Integrated Device Technolog... Integrated Device Technology, Inc. IDT[Integrated Device Technology] Integrated Device Techn...
|
S29CD-J12 S29CL016J S29CL032J |
32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-Only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O 32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-Only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O?
|
SPANSION
|
IDT72V85L15PAG IDT72V85L15PAGI |
3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO
|
Integrated Device Technology, Inc.
|
IDT72V36104 IDT72V36103 IDT72V3694 IDT72V3693 |
3.3 VOLT CMOS SyncBiFIFO? 3.3 VOLT CMOS SyncFIFO?
|
IDT
|
AT49LV1614AT AT49BV1614AT-90TI AT49BV1614A-90TI AT |
AT49BV1604A(T)/AT49BV/LV1614A(T) [Updated 3/02. 26 Pages] 16M bit . 2.7-Volt(BV)/ 3.0 - Volt (LV). Sectored Flash. Dual Plane. Top or Bottom Boot 16-megabit 1M x 16/2M x 8 3-volt Only Flash Memory 1M X 16 FLASH 3V PROM, 70 ns, PDSO48 16-megabit 1M x 16/2M x 8 3-volt Only Flash Memory 16兆位100万x 16/2M × 8 3伏,只有闪存
|
Atmel Corp. Atmel, Corp.
|
74LCX646 74LCX646RM13TR 74LCX64604 |
LOW VOLT. CMOS OCTAL BUS TRANSCEIVER/REGISTER WITH 5 VOLT TOLERANT INPUTS AND OUTPUTS(3-STATE)
|
STMicroelectronics
|
74LCX652RM13TR |
LOW VOLT. CMOS OCTAL BUS TRANSCEIVER/REGISTER WITH 5 VOLT TOLERANT INPUTS AND OUTPUTS(3-STATE)
|
STMicroelectronics
|
IDT72V201L20J IDT72V201L20JI IDT72V211L20J IDT72V2 |
512 x 9 SyncFIFO, 3.3V 3.3 VOLT CMOS SyncFIFO 256 x 9, 512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9 and 8,192 x 9 3.3 VOLT CMOS SyncFIFO⑩ 256 x 9, 512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9 and 8,192 x 9 GT 11C 11#16 SKT RECP BOX RM 3.3 VOLT CMOS SyncFIFO 256 x 9/ 512 x 9/ 1/024 x 9/ 2/048 x 9/ 4/096 x 9 and 8/192 x 9 3.3 VOLT CMOS SyncFIFO256 x 9, 512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9 and 8,192 x 9 3.3伏的CMOS SyncFIFO56 × 912 × 9,024 × 9,048 × 9,096 × 9,192 × 9 GT 6C 3#4 3#16 SKT RECP WALL 1K X 9 OTHER FIFO, 6.5 ns, PQCC32 GT 7C 7#16S PIN RECP 3.3 VOLT CMOS SyncFIFO??256 x 9, 512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9 and 8,192 x 9 GT 8C 8#16 SKT RECP WALL GT 3C 3#16S PIN RECP WALL GT 4C 4#12 PIN PLUG 3.3 VOLT CMOS SyncFIFO?256 x 9, 512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9 and 8,192 x 9
|
IDT[Integrated Device Technology] Integrated Device Technology, Inc. INTEGRATED DEVICE TECHNOLOGY INC Integrated Device Techn...
|
AT49HF010 AT49HF010-45JC AT49HF010-45JI AT49HF010- |
1-Megabit (128K x 8) 5-volt only CMOS flash memory, 40mA active, 0.3mA standby THERMISTOR, NTC; Series:B578; Thermistor type:NTC; Resistance:3kR; Tolerance, resistance: /-1%; Beta value:3988; Temperature, lower limit, beta DB25SC37 DSUB 1-Megabit 128K x 8 5-volt Only CMOS Flash Memory 128K X 8 FLASH 5V PROM, 55 ns, PDIP32 1-Megabit 128K x 8 5-volt Only CMOS Flash Memory 128K X 8 FLASH 5V PROM, 55 ns, PQCC32
|
ATMEL[ATMEL Corporation] Atmel Corp. Atmel, Corp.
|
AM29PDL129H5VKI AM29PDL129H8VKI AM29PDL129H6VKI PD |
128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIO Control and Dual chip Enable
|
SPANSION[SPANSION] AMD[Advanced Micro Devices]
|
AM29LV004B AM29LV004BT-90FIB AM29LV004BB-120EC AM2 |
4 megabit CMOS 3.0 volt-only, boot sector flash memory 4 Megabit (512 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 4兆位12亩8位)的CMOS 3.0伏,只引导扇区闪 KC series Rotary switches have a no stop option and up to 12 positions and 4 poles
|
ADVANCED MICRO DEVICES INC Advanced Micro Devices, Inc. AMD[Advanced Micro Devices] http://
|
AMD29F010B AM29F010B-90PI AMD29F010B-45EE AMD29F01 |
1 Megabit (128 K x 8-bit) CMOS 5.0 Volt-only / Uniform Sector Flash Memory 20V Single N-Channel HEXFET Power MOSFET in a Micro 3 package; A IRLML2402 with Tape and Reel Packaging 1 Megabit (128 K x 8-bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory 1兆位28亩8位)的CMOS 5.0伏只,统一部门快闪记忆 1 Megabit (128 K x 8-bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory 1兆位128亩8位)的CMOS 5.0伏只,统一部门快闪记忆
|
Advanced Micro Devices, Inc.
|