PART |
Description |
Maker |
AD866308 AD8663ACPZ-REEL AD8663ACPZ-REEL7 AD8663AR |
Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifier; Package: LFCSP (3x3mm); No of Pins: 8; Temperature Range: Industrial OP-AMP, 175 uV OFFSET-MAX, 0.52 MHz BAND WIDTH, DSO8 Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
|
Analog Devices, Inc.
|
LT1494 LT1494CN8 LT1494IMS8 LT1494CMS8 LT1494CS8 L |
1.5盗 Max, Precision Rail-to-Rail Input and Output Op Amp 1.5UA Max, Single, Dual and Quad Over-The-Top Precision Rail-to-Rail Input and Output Op Amps
|
LINER[Linear Technology]
|
LT1885 LT1884 LT1884CS8TR |
Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps(四路,满幅度输微微安培输入精密运算放大 Dual Rail-to-Rail Output, Picoamp Input Precision Op Amps(双路,满幅度输微微安培输入精密运算放大 Dual/Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C DUAL OP-AMP, 150 uV OFFSET-MAX, 2.2 MHz BAND WIDTH, PDSO8
|
Linear Technology Corporation Linear Technology, Corp.
|
MAX4165 MAX4165EUK-T MAX4166 MAX4166EPA MAX4166ESA |
Quad, high-output-drive, precision, low-power, single-supply 2.7V to 6.5V, Rail-to-Rail I/O op amp. High-Output-Drive / Precision / Low-Power / Single- Supply / Rail-to-Rail I/O Op Amps with Shutdown From old datasheet system High-Output-Drive Precision Low-Power Single- Supply Rail-to-Rail I/O Op Amps with Shutdown High-Output-Drive, Precision, Low-Power, Single- Supply, Rail-to-Rail I/O Op Amps with Shutdown Dual, high-output-drive, precision, low-power, single-supply 2.7V to 6.5V, Rail-to-Rail I/O op amp with swhutdown.
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
LT1800CS5PBF LT1800-15 |
80MHz, 25V/µs Low Power Rail-to-Rail Input and Output Precision Op Amp; Package: SOT; No of Pins: 5; Temperature Range: 0°C to 70°C OP-AMP, 5000 uV OFFSET-MAX, 70 MHz BAND WIDTH, PDSO5 80MHz, 25V/s Low Power Rail-to-Rail Input and Output Precision Op Amp
|
Linear Technology, Corp.
|
AD8616AR-REEL |
Precision, 20 MHz, CMOS, Rail-to-Rail Input/Output Operational Amplifiers
|
Analog Devices
|
ISL28136FHZ-T7 ISL28136FBZ-T7 ISL28136FHZ-T7A ISL2 |
5MHz, Single Precision Rail-to-Rail Input-Output (RRIO) Op Amp
|
Intersil Corporation
|
AD8422 AD8422ARZ AD8422BRMZ AD8422ARZ-RL AD8422ARZ |
High Performance, Low Power, Rail-to-Rail Precision Instrumentation Amplifier
|
Analog Devices
|
RH1498M-15 |
10MHz, 6V/s, Dual Rail-to-Rail Input and Output Precision C-Load Op Amp
|
Linear Technology
|
EL8176FWZ-T7 EL8176_06 EL8176 EL8176FSZ EL8176FSZ- |
Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
|
INTERSIL[Intersil Corporation]
|
AD8641-16 AD8642 |
Low Power, Rail-to-Rail Output, Precision JFET Amplifiers
|
Analog Devices
|
|