Part Number Hot Search : 
BZX55C1 LNBK20D2 IR91458N HA13173 2SD88 ICM7228 TDA751 TOP60
Product Description
Full Text Search
  resistor-programmable Datasheet PDF File

For resistor-programmable Found Datasheets File :: 23209    Search Time::1.406ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    ATA582306 ATA5823-PLQW

ATMEL Corporation
聚兴科技股份有限公司
Part No. ATA582306 ATA5823-PLQW
OCR Text ...ed and Stabilized with External Resistor, Programmable Output Power with 0.5dB Steps with Internal Resistor Clock and Interrupt Generation for Microcontroller ESD Protection at all Pins (2.5 kV HBM, 200V MM, 500V FCDM) Supply Voltage Range:...
Description UHF ASK/FSK Transceiver

File Size 897.72K  /  98 Page

View it Online

Download Datasheet





    HOLTEK[Holtek Semiconductor Inc]
Part No. HTG2190
OCR Text ...ut with pull-high INT or Serial resistor. Edge triggered activated on INT or SeData Input rial data input a high to low transition. Serial data input with pull-high resistor. INT shares pad with SIN. 70 INT/SIN I Rev. 1.00 5 ...
Description From old datasheet system
8-Bit 1024 Pixel LCD Microcontroller

File Size 403.80K  /  64 Page

View it Online

Download Datasheet

    HOLTEK[Holtek Semiconductor Inc]
Part No. HT819D0 819D0
OCR Text ...hich requires only one external resistor for normal applications. The oscillator frequency is typically 96kHz for an external resistor of 530k. The required oscillator frequency may vary with different sampling rates in the process of voice...
Description From old datasheet system
4.2 Second LOG-PCM Speech

File Size 565.58K  /  13 Page

View it Online

Download Datasheet

    Holtek Semiconductor In...
Holtek Semiconductor Inc.
HOLTEK[Holtek Semiconductor Inc]
Part No. HT818D0 818D0
OCR Text ...hich requires only one external resistor for normal applications. The oscillator frequency is typically 96kHz for an external resistor of 530kW. The required oscillator frequency may vary with different sampling rates in the process of voic...
Description 22.4-Second LOG-PCM Speech
From old datasheet system

File Size 155.46K  /  14 Page

View it Online

Download Datasheet

    AD5201 AD5207 AD5207BRU100-REEL7 AD5207BRU10-REEL7 AD5207BRU50-REEL7 AD5231 AD5233 AD5241 AD8402 AD8403 AD5242 AD5200 AD

AD[Analog Devices]
Analog Devices, Inc.
Part No. AD5201 AD5207 AD5207BRU100-REEL7 AD5207BRU10-REEL7 AD5207BRU50-REEL7 AD5231 AD5233 AD5241 AD8402 AD8403 AD5242 AD5200 AD5203 AD5204 AD5206 AD5220 AD5222 AD5232 AD5235 AD5262 AD7376 AD8400 AD5207BRU10 AD5260 AD5207BRUZ10
OCR Text ..., digitally controlled variable resistor (VR) devices that perform the same electronic adjustment function as a potentiometer or variable re...programmable value of resistance, between the A Terminal and the wiper or the B Terminal and the wip...
Description Dual, 256 Position, Digital Potentiometer
2-Channel/ 256-Position Digital Potentiometer
CONNECTOR ASSEMBLIES RoHS Compliant: Yes
2-Channel, 256-Position Digital Potentiometer DUAL 100K DIGITAL POTENTIOMETER, 3-WIRE SERIAL CONTROL INTERFACE, 256 POSITIONS, PDSO14
2-Channel, 256-Position Digital Potentiometer 2通道56位数字电位器

File Size 651.48K  /  16 Page

View it Online

Download Datasheet

    HOLTEK[Holtek Semiconductor Inc]
Part No. HT815D0 HT815D024DIP HT815D016DIP HT815D020DIP 815D0
OCR Text ...hich requires only one external resistor for normal applications. The oscillator frequency is typically 96kHz for an external resistor of 530kW. The required oscillator frequency may vary with different sampling rates in the process of voic...
Description From old datasheet system
11.2-Second LOG-PCM Speech
Speech Synthesizer

File Size 160.86K  /  15 Page

View it Online

Download Datasheet

    Holtek Semiconductor In...
HOLTEK[Holtek Semiconductor Inc]
Part No. HT814D0 814D0
OCR Text ...hich requires only one external resistor for normal applications. The oscillator frequency is typically 96kHz for an external resistor of 530kW. The required oscillator frequency may vary with different sampling rates in the process of voic...
Description    8.4-Second LOG-PCM Speech
From old datasheet system

File Size 157.39K  /  15 Page

View it Online

Download Datasheet

    SUTEX[Supertex, Inc]
Part No. HV9606X HV9606 HV9606SP
OCR Text ...tion is utilized then a pull up resistor to VDD is required to overcome the effects of parasitic capacitance on the circuit board. The value...Programmable Start/Stop Control Circuit (Programmable Under Voltage Lockout and Hysteresis) The STAR...
Description HV9606 Current-Mode PWM Controller with Supervisor

File Size 187.88K  /  9 Page

View it Online

Download Datasheet

    HOLTEK[Holtek Semiconductor Inc]
Part No. HT49C50L H49R50A-1 HT49C50-1
OCR Text ...e put with or without pull-high resistor by options. PA4~PA7 are always CMOS or NMOS pull-high NMOS input/output. Of the eight bits, PA0~PA1...programmable count-up counter. The timer/event counter 0 clock source may come from the system clock...
Description LCD Type 8-Bit MCU

File Size 306.06K  /  45 Page

View it Online

Download Datasheet

    HYNIX[Hynix Semiconductor]
Hynix Semiconductor Inc.
Hynix Semiconductor, Inc.
Part No. HYMP112S64MP8-E4 HYMP112S64LMP8-C4 HYMP112S64LMP8-C5 HYMP112S64LMP8-E3 HYMP112S64LMP8-E4 HYMP112S64MP8 HYMP112S64MP8-C4 HYMP112S64MP8-C5 HYMP112S64MP8-E3
OCR Text ...e stopped. Pulled high via 10KY resistor on the SO-DIMM . Only used on DDR2 SO-DIMMs with a PLL. Power supplies for core, I/O, Serial Presense Detect, and ground for the module. This is a bidirectional pin used to transfer data into or out ...
Description    DDR2 SDRAM SO-DIMM
SCREW LOCKS FEMALE SETS
SCREW LOCKS MALE 128M X 64 DDR DRAM MODULE, 0.5 ns, ZMA200

File Size 398.36K  /  17 Page

View it Online

Download Datasheet

For resistor-programmable Found Datasheets File :: 23209    Search Time::1.406ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of resistor-programmable

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.0393970012665