PART |
Description |
Maker |
TL2105PIS SIE501.2LT SIE501.5LT SIE501.8LT SIE502. |
SIP/SIE 500 NON-ISOLATED SERIES MB 41C 27#20 14#16 SKT RECP Circular Connector; MIL SPEC:MIL-C-26482, Series I; Body Material:Aluminum Alloy; Series:MS3122; No. of Contacts:5; Connector Shell Size:14; Connecting Termination:Crimp; Circular Shell Style:Box Mount Receptacle RoHS Compliant: No MB 41C 27#20 14#16 PIN RECP 高级督察/女士500 NON-ISOLAT ED系列 SIP/SIE 500 NON-ISOLATED SERIES 高级督察/女士500 NON-ISOLAT ED系列 Industrial Test Leads, Probes & Clips Input voltage range:4.5-5.5V, output voltage 1.2V,(6A) non-isolated step-down DC/DC converter Input voltage range:4.5-5.5V, output voltage 2.1V,(6A) non-isolated step-down DC/DC converter
|
http:// POWER-ONE[Power-One] Omron Electronics, LLC
|
ULN2005 ULN2003 ULN2003L ULN2005A ULN2005L ULN2003 |
HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS 高电压,大电流达林顿阵列 Flash Memory IC; Memory Size:64Mbit; Access Time, Tacc:90ns; Package/Case:48-TSOP; Supply Voltage Max:3V; Leaded Process Compatible:Yes; Peak Reflow High Voltage / High Current Darlington Transistor Arrays HIGH-VOLTAGE/ HIGH-CURRENT DARLINGTON ARRAYS (ULN2001A - ULN2005A) High Voltage / High Current Darlington Arrays 500 mA, 50 V, 7 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR
|
List of Unclassifed Man... Electronic Theatre Controls, Inc. Sprague Electric ETC[ETC] List of Unclassifed Manufacturers VISHAY SPRAGUE
|
SZ5-M0 SZ5-M0-W0-00 SZ5-M0-WN-C9 SZ5-M0-WW-C8 SZ5- |
Superior high Flux for High Current System Super high Flux output and high
|
Seoul Semiconductor
|
2SC4738 |
High voltage and high current:VCE=50V,IC=150mA(Max.) High hFE: =120 to 700
|
TY Semiconductor Co., L...
|
KTC4527F |
TRIPLE DIFFUSED NPN TRANSISTOR (HIGH VOLTAGE AND HIGH RELLABILITY HIGH SPEED SWITCHING/ WIDE SOA)
|
KEC(Korea Electronics)
|
FAN7081MXGF085 FAN7081GF085 FAN7081MGF085 |
The FAN7081_GF085 is a high-side gate drive IC designed for high voltage and high speed driving of MOSFET or IGBT, which operate up to 600V.
|
Fairchild Semiconductor
|
LME49600 |
High Performance, High Fidelity, High Current Audio Buffer
|
http://
|
2SC2928 |
HIGH VOLTAGE, HIGH SPEED AND HIGH POWER SWITCHING
|
HITACHI[Hitachi Semiconductor]
|
BUX80 |
HIGH CURRENT, HIGH SPEED, HIGH POWER TRANSISTOR
|
Comset Semiconductor
|
BUX12 |
HIGH CURRENT, HIGH SPEED , HIGH POWER TRANSISTOR
|
Comset Semiconductor
|
2N6032 2N6033 |
HIGH CURRENT HIGH SPEED HIGH POWER TRANSISTORS
|
ETC GESS[GE Solid State]
|