PART |
Description |
Maker |
TRF7565ALLT TRF2716AMLB TRF7765ALLB TRF5736AALT TR |
FIBER OPTIC TRANSCEIVER, 1480-1580nm, 622Mbps(Tx), 622Mbps(Rx), SURFACE MOUNT, LC CONNECTOR FIBER OPTIC TRANSCEIVER, 770-860nm, 1250Mbps(Tx), 1250Mbps(Rx), SURFACE MOUNT, LC CONNECTOR FIBER OPTIC TRANSCEIVER, 1530-1580nm, 1250Mbps(Tx), 1250Mbps(Rx), SURFACE MOUNT, LC CONNECTOR FIBER OPTIC TRANSCEIVER, 1270-1355nm, 1250Mbps(Tx), 1250Mbps(Rx), SURFACE MOUNT, LC CONNECTOR FIBER OPTIC TRANSCEIVER, 1263-1360nm, 155Mbps(Tx), 155Mbps(Rx), SURFACE MOUNT, LC CONNECTOR FIBER OPTIC TRANSCEIVER, 1500-1580nm, 2500Mbps(Tx), 2500Mbps(Rx), SURFACE MOUNT, LC CONNECTOR FIBER OPTIC TRANSCEIVER, 1266-1360nm, 2500Mbps(Tx), 2500Mbps(Rx), SURFACE MOUNT, LC CONNECTOR FIBER OPTIC TRANSCEIVER, 1260-1360nm, 2500Mbps(Tx), 2500Mbps(Rx), SURFACE MOUNT, LC CONNECTOR
|
OPNEXT INC
|
FTM-6112C-SL10043G FTM-6112C-SL10045G FTM-6112C-SL |
1.25Gbps CWDM Spring-latch SFP Transceiver FIBER OPTIC TRANSCEIVER, 1465-1478nm, 1250Mbps(Tx), 1250Mbps(Rx) FIBER OPTIC TRANSCEIVER, 1425-1438nm, 1250Mbps(Tx), 1250Mbps(Rx) FIBER OPTIC TRANSCEIVER, 1485-1498nm, 1250Mbps(Tx), 1250Mbps(Rx)
|
Source Photonics, Inc.
|
CT2-NL2LATD33C1 CT2-NL2LFTD33C1 CT2-NL2LBTD31C1 |
FIBER OPTIC TRANSCEIVER, 1480-1580nm, 155Mbps(Tx), 155Mbps(Rx), PANEL MOUNT, LC CONNECTOR
|
JDS UNIPHASE CORP
|
OAT1523S-OLT-V2-B-10 |
FIBER OPTIC TRANSCEIVER, 1480-1500nm, 155.52Mbps(Tx), 155.52Mbps(Rx), THROUGH HOLE MOUNT, SC/PC CONNECTOR
|
OKI ELECTRIC INDUSTRY CO LTD
|
WDLSSBB0 WDLSSBB2 |
FIBER OPTIC WAVELENGTH DIVISION MUX/DEMUX, 1480-1580nm, FC/APC CONNECTOR
|
LIGHTEL TECHNOLOGIES INC
|
OL4204N-50-P10-W90 |
FIBER OPTIC PULSED LASER DIODE EMITTER, 1480-1500nm, PANEL MOUNT, DIP, FC/SPC CONNECTOR
|
Oki Electric Industry Co., Ltd. LAPIS Semiconductor Co., Ltd.
|
HFBR-53D5EM HFBR-53D5FM HFBR-53D3 HFBR-53D3EM HFBR |
SPECIALTY TELECOM CIRCUIT, XFO 1 x 9 5V Fiber Optic Transceiver for Fibre Channel/Storage - Flush Shield. Metalized Housing 1 x 9 Fiber Optic Transceivers for Gigabit Ethernet, Extended Shield, Metalized Housing 1 x 9 Fiber Optic Transceivers for Gigabit Ethernet , No Shield, Plastic Housing 1 x 9 Fiber Optic Transceivers for Gigabit Ethernet, Flush Shield, Metalized Housing HFBR-53D3 · 1 x 9 5V Fiber Optic Transceiver for Fibre Channel/Storage - No Shield, Plastic Housing HFBR-53D3EM · 1 x 9 5V Fiber Optic Transceiver for Fibre Channel/Storage - Extended Shield, Metalized Housing HFBR-53D3FM · 1 x 9 5V Fiber Optic Transceiver for Fibre Channel/Storage - Flush Shield, Metalized Housing HFCT-53D3FM · 1 x 9 5V Fiber Optic Transceiver for Fibre Channel/Storage - Flush Shield, Metalized Housing HFCT-53D3EM · 1 x 9 5V Fiber Optic Transceiver for Fibre Channel/Storage - Extended Shield, Metalized Housing
|
Agilent / Hewlett-Packard Agilent (Hewlett-Packard)
|
B-13-15-1250-T-SSC2A B-13-15-1250-T3-SSC2A B-13-15 |
1.25 Gbps Bi-directional Receptacle Single Fiber Transceiver FIBER OPTIC TRANSCEIVER, 1260-1360nm, 155Mbps(Tx), 155Mbps(Rx), THROUGH HOLE MOUNT, SC CONNECTOR
|
Source Photonics, Inc.
|
B-15-13-155S-TPM3-SSC4-54 B-15/13-155S-TPM3-SSC4-5 |
155 Mbps Bi-directional Single Fiber Transceiver FIBER OPTIC TRANSCEIVER, 1500-1600nm, 155Mbps(Tx), 155Mbps(Rx), THROUGH HOLE MOUNT, SC CONNECTOR
|
Source Photonics, Inc.
|
B-13-1250-TPM3-SSC-60 B-15-1250-TPM3-SSC-60 B-13-1 |
FIBER OPTIC TRANSCEIVER, 1260-1360nm, 1250Mbps(Tx), 1250Mbps(Rx), THROUGH HOLE MOUNT, MU CONNECTOR 1.25 Gbps Bi-directional Single Fiber Transceiver
|
Source Photonics, Inc.
|
11015A41 11015AX1 |
FIBER OPTIC TRANSCEIVER, TRANSPONDER, 1530-1565nm, 10000Mbps(Tx), 10000Mbps(Rx), SC/UPC CONNECTOR FIBER OPTIC TRANSCEIVER, 10000Mbps(Tx), 10000Mbps(Rx), PANEL MOUNT, THROUGH HOLE MOUNT, SC/UPC CONNECTOR
|
INTEL CORP
|
V23809-E1-E16 V23809-E1-E17 |
FIBER OPTIC TRANSCEIVER 光纤收发 MM 1300 nm ESCON Serial Transceiver
|
Infineon
|
|