PART |
Description |
Maker |
AS7C33256NTF32_36A AS7C33256NTF32-36A.V.1.1 AS7C33 |
3.3V 256K x 2/36 Flowthrough Synchronous SRAM with NTD 256K X 32 ZBT SRAM, 8.5 ns, PQFP100 3.3V 256K x 2/36 Flowthrough Synchronous SRAM with NTD 256K X 32 ZBT SRAM, 10 ns, PQFP100 3.3V 256K x 2/36 Flowthrough Synchronous SRAM with NTD 256K X 36 ZBT SRAM, 8.5 ns, PQFP100 3.3V 256K x 2/36 Flowthrough Synchronous SRAM with NTD 256K X 36 ZBT SRAM, 7.5 ns, PQFP100 DIODE ZENER SINGLE 1000mW 24Vz 10.5mA-Izt 0.05 5uA-Ir 18.2Vr DO41-GLASS 5K/REEL DIODE ZENER SINGLE 1000mW 36Vz 7mA-Izt 0.05 5uA-Ir 27.4Vr DO41-GLASS 5K/REEL From old datasheet system NTD? Sync SRAM - 3.3V
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
256KX18 128KX36 IS61NVP25618A IS61NLP12832B-200B2 |
128K x 32, 128K x 36, and 256K x 18 STATE BUS SRAM 128K X 36 ZBT SRAM, 2.6 ns, PBGA119 14 X 22 MM, 1 MM PITCH, PLASTIC, BGA-119 128K X 36 ZBT SRAM, 2.6 ns, PBGA165 13 X 15 MM, 1 MM PITCH, PLASTIC, BGA-165 128K X 36 ZBT SRAM, 2.6 ns, PQFP100 TQFP-100 128K X 36 ZBT SRAM, 3.1 ns, PBGA119 14 X 22 MM, 1 MM PITCH, PLASTIC, BGA-119 128K X 36 ZBT SRAM, 3.1 ns, PBGA165 13 X 15 MM, 1 MM PITCH, PLASTIC, BGA-165 128K x 32, 128K x 36, and 256K x 18 4Mb, PIPELINE (NO WAIT) STATE BUS SRAM 256K X 18 ZBT SRAM, 3.1 ns, PBGA119 128K x 32, 128K x 36, and 256K x 18 4Mb, PIPELINE (NO WAIT) STATE BUS SRAM 256K X 18 ZBT SRAM, 3.1 ns, PQFP100
|
天津新技术产业园区管理委员会 Integrated Silicon Solution, Inc. Integrated Silicon Solu...
|
AS7C33256NTD18B AS7C33256NTD18B.V.1.5 AS7C33256NTD |
3.3V 256K x 8 Pipelined SRAM with NTD 256K X 18 ZBT SRAM, 3 ns, PQFP100 From old datasheet system NTD? Sync SRAM - 3.3V
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
MCM63Z818TQ133R MCM63Z818TQ100 MCM63Z736TQ133R |
128K x 36 and 256K x 18 Bit Pipelined ZBT RAM Synchronous Fast Static RAM 256K X 18 ZBT SRAM, 4.2 ns, PQFP100 128K x 36 and 256K x 18 Bit Pipelined ZBT RAM Synchronous Fast Static RAM 256K X 18 ZBT SRAM, 5 ns, PQFP100
|
Motorola Mobility Holdings, Inc. MOTOROLA INC
|
IS61NVP25636A-200TQI IS61NLP25636A-200B2I IS61NLP2 |
256K x 36 and 512K x 18 9Mb, PIPELINE (NO WAIT) STATE BUS SRAM 256K X 36 ZBT SRAM, 3.1 ns, PQFP100 256K x 36 and 512K x 18 9Mb, PIPELINE (NO WAIT) STATE BUS SRAM 256K X 36 ZBT SRAM, 3.1 ns, PBGA119 256K x 36 and 512K x 18 9Mb, PIPELINE (NO WAIT) STATE BUS SRAM 256K X 36 ZBT SRAM, 2.6 ns, PQFP100 256K x 36 and 512K x 18 9Mb, PIPELINE (NO WAIT) STATE BUS SRAM 256K X 36 ZBT SRAM, 2.6 ns, PBGA119 256K x 36 and 512K x 18 9Mb, PIPELINE (NO WAIT) STATE BUS SRAM 512K X 18 ZBT SRAM, 3.1 ns, PBGA165 256K x 36 and 512K x 18 9Mb, PIPELINE (NO WAIT) STATE BUS SRAM 512K X 18 ZBT SRAM, 2.6 ns, PBGA165 256K x 36 and 512K x 18 9Mb, PIPELINE (NO WAIT) STATE BUS SRAM 512K X 18 ZBT SRAM, 2.6 ns, PBGA119 256K x 36 and 512K x 18 9Mb, PIPELINE (NO WAIT) STATE BUS SRAM 512K X 18 ZBT SRAM, 3.1 ns, PBGA119 256K x 36 and 512K x 18 9Mb, PIPELINE (NO WAIT) STATE BUS SRAM 512K X 18 ZBT SRAM, 2.6 ns, PQFP100 256K x 36 and 512K x 18 9Mb, PIPELINE (NO WAIT) STATE BUS SRAM 512K X 18 ZBT SRAM, 3.1 ns, PQFP100 256K X 36 ZBT SRAM, 3.1 ns, PBGA165
|
Integrated Silicon Solution, Inc. INTEGRATED SILICON SOLUTION INC
|
GS882Z36BB-150V GS882Z36BB-150IV |
9Mb Pipelined and Flow Through Synchronous NBT SRAM 256K X 36 ZBT SRAM, 7.5 ns, PBGA119
|
GSI Technology, Inc.
|
IDT71V3548SA133PFI IDT71V3548SA100PF IDT71V3548SA1 |
256K x 18 3.3V Synchronous ZBT SRAM 3.3V I/O, Burst Counter Pipelined Outputs 256 × 18 3.3同步ZBT SRAM.3V的I / O的脉冲计数器输出流水
|
Integrated Device Technology, Inc.
|
CY7C1353F-66AI CY7C1353F CY7C1353F-100AC CY7C1353F |
4-Mb (256K x 18) Flow-through SRAM with NoBL(TM) Architecture 4-Mb (256K x 18) Flow-through SRAM with NoBL Architecture 256K X 18 ZBT SRAM, 11 ns, PQFP100 4-Mb (256K x 18) Flow-through SRAM with NoBL Architecture 256K X 18 ZBT SRAM, 6.5 ns, PQFP100
|
CYPRESS[Cypress Semiconductor] Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
CY7C1353-40AC CY7C1353-66AC |
256Kx18 Flow-Through SRAM with NoBL Architecture 256K X 18 ZBT SRAM, 14 ns, PQFP100 256Kx18 Flow-Through SRAM with NoBL Architecture 256K X 18 ZBT SRAM, 11 ns, PQFP100
|
Cypress Semiconductor, Corp.
|
IS61NP25636-100BI |
256K X 36 ZBT SRAM, 5 ns, PBGA119
|
INTEGRATED SILICON SOLUTION INC
|
71V2559S85BG 71V2559S85BGG |
256K X 18 ZBT SRAM, 8.5 ns, PBGA119
|
INTEGRATED DEVICE TECHNOLOGY INC
|
|