PART |
Description |
Maker |
M85049-92-09J M85049-92-09M M85049-92-09T M85049-9 |
Composite Strain Reliefs Self-Locking
|
Glenair, Inc.
|
4-20-29641 |
Heyco? Removable Snap-In Ratcheting Strain Reliefs
|
List of Unclassifed Manufacturers
|
SL1015002-L-B SL1015002-L-A SL1210006-03-A SL12100 |
PLUG,DC,PWR,FEM,2.1X5.5x14.0MM 4.3x12.0MM STRAIN RELIEF,P205 STEREO PLUG,MALE,DC,3.5 METAL 4.4x13MM W/SPRING STRAIN RELIF Circuit Protection Thermistors
|
Ametherm, Inc
|
3B20 3B20-00 3B20-01 3B20-CUSTOM |
Non-Isolated AC Strain or Torque Input Signal Conditioning Module AC Strain Gage, Torque Transducer Input
|
AD[Analog Devices]
|
ALQ25A48-7 ALQ25A48N-7 |
CONN,S/R,5 POS,255C-05, FEED-THRU STRAIN RELIEF 单输出开架式的DC - DC转换器模块行业标准?砖:36V5V的输 5V输出 CONN,S/R,2POS,254C-02-1, CLOSED END STRAIN RELIEF COVER 单输出开架式的DC - DC转换器模块行业标准?砖:36V5V的输 5V输出
|
Xiamen Hongfa Electroacoustic Co., Ltd. Glenair, Inc.
|
MS27559-1 MS27559-2 MS27559-3 MS27559-4 MS27559-5 |
Strain Relief
|
Glenair, Inc.
|
MS27291-601 MS27291-1 MS27291-201 MS27291-401 MS27 |
Strain Relief
|
Glenair, Inc.
|
620AS048 620AA048 |
Strain Relief
|
Glenair, Inc.
|
M85049-45-W10 M85049-45-W12 M85049-45-W14 M85049-4 |
Strain Relief
|
Glenair, Inc.
|
|